Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS9068A Fiches technique(PDF) 4 Page - Gennum Corporation

No de pièce GS9068A
Description  GS1528A / GS9068A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GENNUM [Gennum Corporation]
Site Internet  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9068A Fiches technique(HTML) 4 Page - Gennum Corporation

  GS9068A Datasheet HTML 1Page - Gennum Corporation GS9068A Datasheet HTML 2Page - Gennum Corporation GS9068A Datasheet HTML 3Page - Gennum Corporation GS9068A Datasheet HTML 4Page - Gennum Corporation GS9068A Datasheet HTML 5Page - Gennum Corporation GS9068A Datasheet HTML 6Page - Gennum Corporation GS9068A Datasheet HTML 7Page - Gennum Corporation GS9068A Datasheet HTML 8Page - Gennum Corporation GS9068A Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
GS1528A / GS9068A Data Sheet
30953 - 4
January 2006
4 of 16
1. Pin Out
1.1 GS1528A Pin Assignment
Figure 1-1: 8 Pin SOIC
1.2 GS9068A Pin Assignment
Figure 1-2: 8 Pin SOIC
1.3 GS1528A / GS9068A Pin Descriptions
SDI
SDI
VEE
RSET
SDO
SDO
SD/HD
VCC
1
2
3
4
8
7
6
5
GS1528A
8 PIN SOIC
TOP VIEW
SDI
SDI
VEE
RSET
SDO
SDO
NC
VCC
1
2
3
4
8
7
6
5
GS9068A
8 PIN SOIC
TOP VIEW
Pin Number
Name
Timing
Type
Description
1,2
SDI, SDI
Analog
Input
Serial digital differential input.
3VEE
Power
Most negative power supply connection. Connect to GND.
4RSET
Analog
Input
External output amplitude control resistor.
5VCC
Power
Most positive power supply connection. Connect to +3.3V.
6
SD/HD
Non
Synchronous
Input
GS1528A:
Output slew rate control. When set HIGH, the output will
meet SMPTE 259M rise/fall time specifications. When set
LOW, the serial outputs will meet SMPTE 292M rise/fall
time specifications.
NC
GS9068A:
No connect. Not connected internally.
7, 8
SDO, SDO
Analog
Output
Serial digital differential output.


Numéro de pièce similaire - GS9068A

FabricantNo de pièceFiches techniqueDescription
logo
Gennum Corporation
GS9068A GENNUM-GS9068A Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS9068ACKAE3 GENNUM-GS9068ACKAE3 Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS9068ACTAE3 GENNUM-GS9068ACTAE3 Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
More results

Description similaire - GS9068A

FabricantNo de pièceFiches techniqueDescription
logo
Gennum Corporation
GS1578A GENNUM-GS1578A Datasheet
313Kb / 15P
   GS1578A HD-LINX-R II Multi-Rate Dual Slew-Rate Cable Driver
GS1578A GENNUM-GS1578A_09 Datasheet
1Mb / 16P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528A GENNUM-GS1528A_10 Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528B GENNUM-GS1528B Datasheet
1Mb / 14P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528 GENNUM-GS1528_10 Datasheet
668Kb / 13P
   HD-LINX II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS1528 GENNUM-GS1528 Datasheet
507Kb / 13P
   GS1528 HD-LINX-TM II Multi-Rate SDI Dual Slew-Rate Cable Driver
GS9078A GENNUM-GS9078A Datasheet
292Kb / 14P
   GS9078A HD-LINX-R II Multi-Rate Cable Driver
logo
Semtech Corporation
GS2978 SEMTECH-GS2978 Datasheet
539Kb / 15P
   HD-LINX짰 III Multi-Rate Dual Slew-Rate Cable Driver
logo
Gennum Corporation
GS1560A GENNUM-GS1560A_09 Datasheet
1Mb / 79P
   HD-LINX II Dual-Rate Deserializer
GS1560A GENNUM-GS1560A Datasheet
1Mb / 80P
   GS1560A/GS1561 HD-LINX-R II Dual-Rate Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com