Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AUP1G17YZPR Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74AUP1G17YZPR
Description  LOW - POWER SINGLE SCHMITT-TRIGGLER BUFFER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP1G17YZPR Fiches technique(HTML) 6 Page - Texas Instruments

Back Button SN74AUP1G17YZPR Datasheet HTML 2Page - Texas Instruments SN74AUP1G17YZPR Datasheet HTML 3Page - Texas Instruments SN74AUP1G17YZPR Datasheet HTML 4Page - Texas Instruments SN74AUP1G17YZPR Datasheet HTML 5Page - Texas Instruments SN74AUP1G17YZPR Datasheet HTML 6Page - Texas Instruments SN74AUP1G17YZPR Datasheet HTML 7Page - Texas Instruments SN74AUP1G17YZPR Datasheet HTML 8Page - Texas Instruments SN74AUP1G17YZPR Datasheet HTML 9Page - Texas Instruments SN74AUP1G17YZPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
SN74AUP1G17
LOW POWER SINGLE SCHMITT TRIGGER BUFFER
SCES579C – JUNE 2004 – REVISED NOVEMBER 2005
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range, CL = 30 pF
(unless otherwise noted) (see Figures 3 and 4)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
TA = 25°C
TA = −40°C
TO 85
°C
UNIT
PARAMETER
(INPUT)
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
0.8 V
35.1
1.2 V
± 0.1 V
10
13.1
18.1
7.5
19.8
tpd
A
Y
1.5 V
± 0.1 V
7.4
9.6
12.9
5.6
14.9
ns
tpd
A
Y
1.8 V
± 0.15 V
6.4
7.9
11
4.8
12.4
ns
2.5 V
± 0.2 V
5.2
6.1
7.9
4
9.3
3.3 V
± 0.3 V
4.6
5.3
6.7
3.6
7.7
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
VCC
TYP
UNIT
0.8 V
4
1.2 V
± 0.1 V
4
Cpd
Power dissipation capacitance
f = 10 MHz
1.5 V
± 0.1 V
4
pF
Cpd
Power dissipation capacitance
f = 10 MHz
1.8 V
± 0.15 V
4
pF
2.5 V
± 0.2 V
4.2
3.3 V
± 0.3 V
4.4


Numéro de pièce similaire - SN74AUP1G17YZPR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AUP1G17YZPR TI-SN74AUP1G17YZPR Datasheet
981Kb / 23P
[Old version datasheet]   LOW-POWER SINGLE SCHMITT-TRIGGER BUFFER
SN74AUP1G17YZPR TI-SN74AUP1G17YZPR Datasheet
982Kb / 23P
[Old version datasheet]   LOW-POWER SINGLE SCHMITT-TRIGGER BUFFER
SN74AUP1G17YZPR TI1-SN74AUP1G17YZPR Datasheet
1Mb / 39P
[Old version datasheet]   Low-Power Single Schmitt-Trigger Buffer
More results

Description similaire - SN74AUP1G17YZPR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AUP1G17_101 TI-SN74AUP1G17_101 Datasheet
982Kb / 23P
[Old version datasheet]   LOW-POWER SINGLE SCHMITT-TRIGGER BUFFER
SN74AUP1G17 TI-SN74AUP1G17_10 Datasheet
981Kb / 23P
[Old version datasheet]   LOW-POWER SINGLE SCHMITT-TRIGGER BUFFER
SN74AUP1G17-EP TI1-SN74AUP1G17-EP Datasheet
368Kb / 13P
[Old version datasheet]   LOW-POWER SINGLE SCHMITT-TRIGGER BUFFER
SN74AUP1G17 TI1-SN74AUP1G17_17 Datasheet
1Mb / 39P
[Old version datasheet]   Low-Power Single Schmitt-Trigger Buffer
logo
NXP Semiconductors
74AUP1G17 PHILIPS-74AUP1G17 Datasheet
96Kb / 20P
   Low-power Schmitt-trigger buffer
Rev. 01-26 July 2005
logo
Diodes Incorporated
74AUP1G17 DIODES-74AUP1G17 Datasheet
190Kb / 11P
   SINGLE SCHMITT-TRIGGER BUFFER
logo
NXP Semiconductors
74LVC1G17 NXP-74LVC1G17_12 Datasheet
367Kb / 21P
   Single Schmitt trigger buffer
Rev. 10-29 June 2012
logo
Texas Instruments
SN74LVC1G17 TI-SN74LVC1G17_10 Datasheet
832Kb / 19P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER BUFFER
SN74AUC1G17 TI-SN74AUC1G17 Datasheet
320Kb / 13P
[Old version datasheet]   SINGLE SCHMITT TRIGGER BUFFER
logo
Unisonic Technologies
U74LVC1G17 UTC-U74LVC1G17 Datasheet
104Kb / 5P
   SINGLE SCHMITT-TRIGGER BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com