Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BTB1236AE3 Fiches technique(PDF) 2 Page - Cystech Electonics Corp.

No de pièce BTB1236AE3
Description  Silicon PNP Epitaxial Planar Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYSTEKEC [Cystech Electonics Corp.]
Site Internet  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTB1236AE3 Fiches technique(HTML) 2 Page - Cystech Electonics Corp.

  BTB1236AE3 Datasheet HTML 1Page - Cystech Electonics Corp. BTB1236AE3 Datasheet HTML 2Page - Cystech Electonics Corp. BTB1236AE3 Datasheet HTML 3Page - Cystech Electonics Corp. BTB1236AE3 Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C854E3
Issued Date : 2004.07.28
Revised Date :
Page No. : 2/4
BTB1236AE3
CYStek Product Specification
Characteristics (Ta=25°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
-180
-
-
V
IC=-50µA, IE=0
BVCEO
-160
-
-
V
IC=-1mA, IB=0
BVEBO
-5
-
-
V
IE=-50µA, IC=0
ICBO
-
-
-1
µA
VCB=-160V, IE=0
IEBO
-
-
-1
µA
VEB=-4V, IC=0
*VCE(sat)
-
-
-0.6
V
IC=-1A, IB=-100mA
*VBE(on)
-
-
-1.5
V
VCE=-5V, IC=-150mA
hFE1
60
-
200
-
VCE=-5V, IC=-100mA
hFE2
30
-
-
-
VCE=-5V, IC=-500mA
fT
-
140
-
MHz
VCE=-5V, IC=-150mA
Cob
-
27
-
pF
VCB=-10V, IE=0, f=1MHz
*Pulse Test: Pulse Width
≤380µs, Duty Cycle≤2%
Classification of hFE 1
Rank
K
P
Q
Range
60~120
82~190
120~200


Numéro de pièce similaire - BTB1236AE3

FabricantNo de pièceFiches techniqueDescription
logo
Cystech Electonics Corp...
BTB1236A3 CYSTEKEC-BTB1236A3 Datasheet
147Kb / 4P
   Silicon PNP Epitaxial Planar Transistor
BTB1236AFP CYSTEKEC-BTB1236AFP Datasheet
225Kb / 5P
   Silicon PNP Epitaxial Planar Transistor
BTB1236AI3 CYSTEKEC-BTB1236AI3 Datasheet
223Kb / 5P
   Silicon PNP Epitaxial Planar Transistor
BTB1236AJ3 CYSTEKEC-BTB1236AJ3 Datasheet
297Kb / 6P
   Silicon PNP Epitaxial Planar Transistor
BTB1236AK3 CYSTEKEC-BTB1236AK3 Datasheet
230Kb / 6P
   Silicon PNP Epitaxial Planar Transistor
More results

Description similaire - BTB1236AE3

FabricantNo de pièceFiches techniqueDescription
logo
SeCoS Halbleitertechnol...
BCPA94 SECOS-BCPA94 Datasheet
224Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR502EF KODENSHI-SUR502EF Datasheet
254Kb / 5P
   Epitaxial planar PNP silicon transistor
logo
Sanken electric
2SB1259 SANKEN-2SB1259_07 Datasheet
36Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
2SB1382 SANKEN-2SB1382_07 Datasheet
35Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
logo
Sanyo Semicon Device
FX513 SANYO-FX513 Datasheet
44Kb / 4P
   PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HSB649T HSMC-HSB649T Datasheet
43Kb / 4P
   SILICON PNP EPITAXIAL PLANAR TRANSISTOR
logo
Galaxy Semi-Conductor H...
KTA2015W BILIN-KTA2015W Datasheet
171Kb / 4P
   PNP Silicon Epitaxial Planar Transistor
MMSTA92 BILIN-MMSTA92 Datasheet
131Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
2SA1772 KEXIN-2SA1772 Datasheet
44Kb / 2P
   PNP Epitaxial Planar Silicon Transistor
logo
SEMTECH ELECTRONICS LTD...
ST2N5086 SEMTECH_ELEC-ST2N5086 Datasheet
359Kb / 5P
   PNP Silicon Epitaxial Planar Transistor
ST2SA928 SEMTECH_ELEC-ST2SA928 Datasheet
129Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com