Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BTA1722N3 Fiches technique(PDF) 1 Page - Cystech Electonics Corp.

No de pièce BTA1722N3
Description  High Voltage PNP Epitaxial Planar Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYSTEKEC [Cystech Electonics Corp.]
Site Internet  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTA1722N3 Fiches technique(HTML) 1 Page - Cystech Electonics Corp.

  BTA1722N3 Datasheet HTML 1Page - Cystech Electonics Corp. BTA1722N3 Datasheet HTML 2Page - Cystech Electonics Corp. BTA1722N3 Datasheet HTML 3Page - Cystech Electonics Corp. BTA1722N3 Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C321N3R
Issued Date : 2003.04.12
Revised Date :
Page No. : 1/4
BTA1722N3
CYStek Product Specification
High Voltage PNP Epitaxial Planar Transistor
BTA1722N3
Features
• High Breakdown Voltage:BVCEO≥-350V
• Complementary to BTC4062N3
Symbol
Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
Limits
Unit
Collector-Base Voltage
VCBO
-350
V
Collector-Emitter Voltage
VCEO
-350
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current---continuous
IC
-500
mA
Power Dissipation @TA=25℃
Pd
225
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
-55~+150
°C
BTA1722N3
SOT-23
B:Base
C:Collector
E:Emitter


Numéro de pièce similaire - BTA1722N3

FabricantNo de pièceFiches techniqueDescription
logo
Cystech Electonics Corp...
BTA1721N3 CYSTEKEC-BTA1721N3 Datasheet
258Kb / 5P
   General Purpose PNP Epitaxial Planar Transistor
BTA1727J3 CYSTEKEC-BTA1727J3 Datasheet
433Kb / 7P
   High Voltage PNP Epitaxial Planar Transistor
BTA1727J3-0-T3-G CYSTEKEC-BTA1727J3-0-T3-G Datasheet
433Kb / 7P
   High Voltage PNP Epitaxial Planar Transistor
BTA1727L3 CYSTEKEC-BTA1727L3 Datasheet
167Kb / 4P
   High Voltage PNP Epitaxial Planar Transistor
BTA1727M3 CYSTEKEC-BTA1727M3 Datasheet
432Kb / 8P
   High Voltage PNP Epitaxial Planar Transistor
More results

Description similaire - BTA1722N3

FabricantNo de pièceFiches techniqueDescription
logo
Cystech Electonics Corp...
BTPA94A3 CYSTEKEC-BTPA94A3 Datasheet
156Kb / 4P
   High Voltage PNP Epitaxial Planar Transistor
BTP6520A3 CYSTEKEC-BTP6520A3 Datasheet
154Kb / 4P
   High Voltage PNP Epitaxial Planar Transistor
logo
KEC(Korea Electronics)
KTA1659 KEC-KTA1659 Datasheet
128Kb / 1P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE)
KTA968A KEC-KTA968A Datasheet
120Kb / 1P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE)
logo
Cystech Electonics Corp...
BTB9050N3 CYSTEKEC-BTB9050N3 Datasheet
278Kb / 7P
   High Voltage PNP Epitaxial Planar Transistor
BTP9050N3 CYSTEKEC-BTP9050N3 Datasheet
281Kb / 7P
   High Voltage PNP Epitaxial Planar Transistor
BTP6520N3 CYSTEKEC-BTP6520N3 Datasheet
151Kb / 4P
   High Voltage PNP Epitaxial Planar Transistor
BTA1727J3 CYSTEKEC-BTA1727J3 Datasheet
433Kb / 7P
   High Voltage PNP Epitaxial Planar Transistor
BTA1727M3 CYSTEKEC-BTA1727M3 Datasheet
432Kb / 8P
   High Voltage PNP Epitaxial Planar Transistor
logo
KEC(Korea Electronics)
KTA1023 KEC-KTA1023 Datasheet
334Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE)
KTA1700 KEC-KTA1700 Datasheet
128Kb / 1P
   EPITAXIAL PLANAR PNP TRANSISTOR (HIGH VOLTAGE)
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com