Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BTA1579S3 Fiches technique(PDF) 4 Page - Cystech Electonics Corp.

No de pièce BTA1579S3
Description  General Purpose PNP Epitaxial Planar Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYSTEKEC [Cystech Electonics Corp.]
Site Internet  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTA1579S3 Fiches technique(HTML) 4 Page - Cystech Electonics Corp.

  BTA1579S3 Datasheet HTML 1Page - Cystech Electonics Corp. BTA1579S3 Datasheet HTML 2Page - Cystech Electonics Corp. BTA1579S3 Datasheet HTML 3Page - Cystech Electonics Corp. BTA1579S3 Datasheet HTML 4Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CYStech Electronics Corp.
Spec. No. : C307S3
Issued Date : 2003.06.27
Revised Date :
Page No. : 4/4
BTA1579S3
CYStek Product Specification
SOT-323 Dimension
*: Typical
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.0315
0.0433
0.80
1.10
e1
0.0256
-
0.65
-
A1
0.0000
0.0039
0.00
0.10
He
0.0787
0.0886
2.00
2.25
bp
0.0118
0.0157
0.30
0.40
Lp
0.0059
0.0177
0.15
0.45
C
0.0039
0.0098
0.10
0.25
Q
0.0051
0.0091
0.13
0.23
D
0.0709
0.0866
1.80
2.20
v
0.0079
-
0.2
-
E
0.0453
0.0531
1.15
1.35
w
0.0079
-
0.2
-
e
0.0512
-
1.3
-
θ
-
-
10
°
0
°
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
• Lead: 42 Alloy ; solder plating
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
He
E
A
A1
Q
Lp
e1
e
bp
12
3
D
W
B
v
A
Z
detail Z
A
C
θ
01
2
scale
mm
Style: Pin 1.Base 2.Emitter 3.Collector
3-Lead SOT-323 Plastic
Surface Mounted Package
CYStek Package Code: S3
Marking:
TE
2L


Numéro de pièce similaire - BTA1579S3

FabricantNo de pièceFiches techniqueDescription
logo
Cystech Electonics Corp...
BTA1576S3 CYSTEKEC-BTA1576S3 Datasheet
134Kb / 4P
   General Purpose PNP Epitaxial Planar Transistor
BTA1577S3 CYSTEKEC-BTA1577S3 Datasheet
161Kb / 4P
   General Purpose PNP Epitaxial Planar Transistor
More results

Description similaire - BTA1579S3

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KTA1042D KEC-KTA1042D Datasheet
395Kb / 2P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE)
KTA1276 KEC-KTA1276 Datasheet
121Kb / 1P
   EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE)
logo
Cystech Electonics Corp...
BTB1198M3 CYSTEKEC-BTB1198M3 Datasheet
297Kb / 6P
   General Purpose PNP Epitaxial Planar Transistor
BTP1207A3 CYSTEKEC-BTP1207A3 Datasheet
301Kb / 6P
   General Purpose PNP Epitaxial Planar Transistor
BTP2907AN3 CYSTEKEC-BTP2907AN3 Datasheet
168Kb / 4P
   General Purpose PNP Epitaxial Planar Transistor
BTA733A3 CYSTEKEC-BTA733A3 Datasheet
177Kb / 5P
   General Purpose PNP Epitaxial Planar Transistor
BTP3906N3 CYSTEKEC-BTP3906N3 Datasheet
181Kb / 4P
   General Purpose PNP Epitaxial Planar Transistor
BTA9012A3 CYSTEKEC-BTA9012A3 Datasheet
326Kb / 8P
   General Purpose PNP Epitaxial Planar Transistor
BTP5401A3 CYSTEKEC-BTP5401A3 Datasheet
154Kb / 4P
   General Purpose PNP Epitaxial Planar Transistor
BCP53L3 CYSTEKEC-BCP53L3 Datasheet
265Kb / 7P
   General Purpose PNP Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com