Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MVTX1100AL Fiches technique(PDF) 10 Page - Zarlink Semiconductor Inc

No de pièce MVTX1100AL
Description  9-Port Home PNA Packet Concentrator
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ZARLINK [Zarlink Semiconductor Inc]
Site Internet  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MVTX1100AL Fiches technique(HTML) 10 Page - Zarlink Semiconductor Inc

Back Button MVTX1100AL Datasheet HTML 6Page - Zarlink Semiconductor Inc MVTX1100AL Datasheet HTML 7Page - Zarlink Semiconductor Inc MVTX1100AL Datasheet HTML 8Page - Zarlink Semiconductor Inc MVTX1100AL Datasheet HTML 9Page - Zarlink Semiconductor Inc MVTX1100AL Datasheet HTML 10Page - Zarlink Semiconductor Inc MVTX1100AL Datasheet HTML 11Page - Zarlink Semiconductor Inc MVTX1100AL Datasheet HTML 12Page - Zarlink Semiconductor Inc MVTX1100AL Datasheet HTML 13Page - Zarlink Semiconductor Inc MVTX1100AL Datasheet HTML 14Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
MVTX1100
Data Sheet
9
Zarlink Semiconductor Inc.
If the system uses the TOS/DS field to prioritize packets, there are two choices regarding which bits of the TOS/DS
field are used. Bits [0:2] of the TOS byte (known as the IP precedence field) or bits [3:5] of the TOS byte (known as
the DRT field) can be used to map the transmission queue priority. Either bits, [0:2] or [3:5], can also be used as a
packet drop precedence, by using bits 6 and 7 of the FCB Buffer Low Threshold register (FCBST).
MVTX1100 utilizes Weighted Round Robin (WRR) and Weighted Random Early Detection/Drop (WRED) to
schedule packets for transmission. To enable MVTX1100’s QoS capabilities requires the use of an external
EEPROM to change the default register configurations and turn on QoS.
Weighted Round Robin is an efficient method to ensure that each of the transmission queues gets at least a
minimum service level. With two output transmission queues, MVTX1100 will transmit “X” packets from the high
priority queue before transmitting “Y” packets from the low priority queue. MVTX1100 allows the designer to set the
high priority weight to a value between 0 and 16. The low priority weight is fixed at the value 1. If the high priority
weight is set to the value 4, then it will transmit 4 high priority packets before transmitting each low priority packet.
MVTX1100 also uses a proprietary mechanism to ensure the timely delivery of high priority packets. When the
latency of high priority packets reaches a threshold, it will override the WRR weights and transmit only high priority
packets until the high priority packet delays are below the threshold. This threshold limit is set at less than 1 ms
(last bit in and first bit out).
The QoS capabilities of the MVTX1100 are enabled by loading the appropriate values into the configuration
registers. QoS for packet transmission is enabled by performing the following four steps:
1. Select the TOS/DS or VLAN Priority Tag field as the control for IP packet transmission. The selection is made
using bit 7 of the Flooding Control (FCR[7]) register.
- FCR[7]=0, use VLAN Priority Tag field to map the transmission priority if this Tag field exists.
-
FCR[7]=1, use TOS/DS field for IP packet transmission priority mapping.
2. Select which TOS/DS field to use as the control for packet transmission priority if the TOS/DS field was selected
in step 1. The selection is made using bit 6 of the FCB Buffer Low Threshold (FCBST[6]) register.
- FCBST[6]=0, use DTR subfield to map the transmission priority.
- FCBST[6]=1, use IP precedence subfield1 to map the transmission priority.
3. Set the transmission queue weight for the high priority queue in the Transmission Scheduling Control
(AXSC[3:0]) register.
4. Set the priority mappings from the TOS/DS or VLAN Priority Tag field to the high or low priority output queue.
The selection is made using the VLAN Priority Map (AVPM) and TOS Priority Map (TOSPML) registers.
Note that, for half duplex operation, the priority queues2 must be enabled using bit 7 in the Transmission
Scheduling Control (AXSC[7]) register to utilize the QoS function.
When QoS is enabled, MVTX1100 will utilize WRR to schedule packet transmission, and will use Weighted
Random Early Detection/Drop (WRED) to drop random packets in order to handle buffer memory congestion. In
this method, only certain packet flows are slowed down while the remaining see no impact from the network traffic
congestion.
Weighted Random Early Detection/Drop (WRED) is a method of handling traffic congestion in the absence of flow
control mechanisms. When flow control is enabled, all devices that are connected to a switch node that is
exercising flow control are effectively unable to transmit, including nodes that are not directly responsible for the
congestion problem. This inability to transmit during flow control periods would play havoc with voice packets, or
other high priority packet flows, and therefore flow control is not recommended for networks that mix voice and data
traffic.
1. IP precedence and DTR subfields are referred to as TOS/DS[0:2] and TOS/DS[3:5] in the IP TOS/DS byte.
2. In Half Duplex mode, the QoS functions are disabled by default.


Numéro de pièce similaire - MVTX1100AL

FabricantNo de pièceFiches techniqueDescription
logo
Zarlink Semiconductor I...
MVTX2601 ZARLINK-MVTX2601 Datasheet
686Kb / 91P
   Unmanaged 24-Port 10/100 Mbps Ethernet Switch
MVTX2601AG ZARLINK-MVTX2601AG Datasheet
686Kb / 91P
   Unmanaged 24-Port 10/100 Mbps Ethernet Switch
MVTX2602 ZARLINK-MVTX2602 Datasheet
924Kb / 147P
   Managed 24 Port 10/100 Mbps Ethernet Switch
MVTX2602AG ZARLINK-MVTX2602AG Datasheet
924Kb / 147P
   Managed 24 Port 10/100 Mbps Ethernet Switch
MVTX2603 ZARLINK-MVTX2603 Datasheet
803Kb / 109P
   Unmanaged 24-Port 10/100 Mb 2-Port 1 Gb Ethernet Switch
More results

Description similaire - MVTX1100AL

FabricantNo de pièceFiches techniqueDescription
logo
Bothhand USA, LP.
HR001K BOTHHAND-HR001K Datasheet
267Kb / 1P
   HOME PNA BANDPASS FILTER
logo
XFMRS Inc.
XF1776A-4HPNA XFMRS-XF1776A-4HPNA Datasheet
71Kb / 1P
   HOME PNA TRANSFORMER
logo
Texas Instruments
SN75LBC088 TI-SN75LBC088 Datasheet
232Kb / 16P
[Old version datasheet]   AUI CONCENTRATOR
logo
Keysight Technologies
N5222A KEYSIGHT-N5222A Datasheet
1Mb / 47P
   Keysight 2-Port and 4-Port PNA Network Analyzer
N5231A KEYSIGHT-N5231A Datasheet
1Mb / 42P
   Keysight 2-Port and 4-Port PNA-L Network Analyzer
N5224A KEYSIGHT-N5224A Datasheet
2Mb / 52P
   Keysight 2-Port and 4-Port PNA Network Analyzer
N5227A KEYSIGHT-N5227A Datasheet
2Mb / 52P
   Keysight 2-Port and 4-Port PNA Network Analyzer
N5234A KEYSIGHT-N5234A Datasheet
1Mb / 37P
   Keysight 2-Port PNA-L Network Analyzer
logo
Agilent(Hewlett-Packard...
N5230C HP-N5230C Datasheet
989Kb / 32P
   4-Port PNA-L Microwave Network Analyzer
logo
Keysight Technologies
N5232A KEYSIGHT-N5232A Datasheet
1Mb / 42P
   Keysight 2-Port and 4-Port PNA-L Network Analyzer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com