Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS2905Y36 Fiches technique(PDF) 7 Page - List of Unclassifed Manufacturers

No de pièce GS2905Y36
Description  500mA CMOS LDO Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

GS2905Y36 Fiches technique(HTML) 7 Page - List of Unclassifed Manufacturers

  GS2905Y36 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS2905Y36 Datasheet HTML 2Page - List of Unclassifed Manufacturers GS2905Y36 Datasheet HTML 3Page - List of Unclassifed Manufacturers GS2905Y36 Datasheet HTML 4Page - List of Unclassifed Manufacturers GS2905Y36 Datasheet HTML 5Page - List of Unclassifed Manufacturers GS2905Y36 Datasheet HTML 6Page - List of Unclassifed Manufacturers GS2905Y36 Datasheet HTML 7Page - List of Unclassifed Manufacturers GS2905Y36 Datasheet HTML 8Page - List of Unclassifed Manufacturers GS2905Y36 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
GS2905
Globaltech Semiconductor
www.globaltechsemi.com
7
GS2905
Package Dimension
SOT-223 PLASTIC PACKAGE
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min
Max
Min
Max
A
1.520
1.800
0.060
0.071
A1
0.020
0.100
0.001
0.004
A2
1.500
1.700
0.059
0.067
b
0.610
0.810
0.024
0.032
c
0.250
0.350
0.010
0.014
D
6.300
6.700
0.248
0.264
D1
2.900
3.100
0.114
0.122
E
3.300
3.700
0.130
0.146
E1
6.700
7.300
0.264
0.287
e
2.300 (TYP)
0.091 (TYP)
e1
4.500
4.700
0.177
0.185
L
1.750 (TYP)
0.069 (TYP)
L1
0.900
0.035
Θ


Numéro de pièce similaire - GS2905Y36

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
GS2911 ETC1-GS2911 Datasheet
338Kb / 11P
   300mA CMOS Positive LDO Voltage Regulator
GS2911N15 ETC1-GS2911N15 Datasheet
338Kb / 11P
   300mA CMOS Positive LDO Voltage Regulator
GS2911N18 ETC1-GS2911N18 Datasheet
338Kb / 11P
   300mA CMOS Positive LDO Voltage Regulator
GS2911N20 ETC1-GS2911N20 Datasheet
338Kb / 11P
   300mA CMOS Positive LDO Voltage Regulator
GS2911N25 ETC1-GS2911N25 Datasheet
338Kb / 11P
   300mA CMOS Positive LDO Voltage Regulator
More results

Description similaire - GS2905Y36

FabricantNo de pièceFiches techniqueDescription
logo
Seaward Electronics Inc...
SE5218 SEAWARD-SE5218_16 Datasheet
233Kb / 7P
   500mA CMOS LDO Voltage Regulator
SE5218 SEAWARD-SE5218 Datasheet
181Kb / 7P
   500mA CMOS LDO Voltage Regulator
logo
Catalyst Semiconductor
CAT6219 CATALYST-CAT6219_08 Datasheet
282Kb / 10P
   500mA CMOS LDO Regulator
logo
List of Unclassifed Man...
CYT6118 ETC2-CYT6118 Datasheet
1Mb / 6P
   500mA CMOS LDO Regulator
logo
Catalyst Semiconductor
CAT6219 CATALYST-CAT6219 Datasheet
297Kb / 10P
   500mA CMOS LDO Regulator
logo
Rohm
BU12TH5WNVX-1 ROHM-BU12TH5WNVX-1 Datasheet
2Mb / 24P
   FULL CMOS LDO Regulator (500mA)
logo
Seaward Electronics Inc...
SE5119 SEAWARD-SE5119 Datasheet
192Kb / 6P
   500mA CMOS LDO Linear Regulator
logo
AiT Semiconductor Inc.
A6501 AITSEMI-A6501 Datasheet
664Kb / 10P
   CMOS LOW DROPOUT REGULATOR(LDO) 500mA LOW DROPOUT CMOS VOLTAGE REGULATOR
REV4.2
logo
Analog Microelectronics
AME8753 AME-AME8753 Datasheet
220Kb / 11P
   Low Dropout 500mA / 500mA Dual CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE3335 SEAWARD-SE3335 Datasheet
167Kb / 5P
   500mA Low Noise CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com