Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

N04Q1618C2BT-70I Fiches technique(PDF) 5 Page - NanoAmp Solutions, Inc.

No de pièce N04Q1618C2BT-70I
Description  4Mb Ultra-Low Power Asynchronous CMOS SRAM w/ Dual Vcc and VccQ for Ultimate Power Reduction 256K횞16 bit POWER SAVER TECHNOLOGY
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NANOAMP [NanoAmp Solutions, Inc.]
Site Internet  http://www.nanoamp.com
Logo NANOAMP - NanoAmp Solutions, Inc.

N04Q1618C2BT-70I Fiches technique(HTML) 5 Page - NanoAmp Solutions, Inc.

  N04Q1618C2BT-70I Datasheet HTML 1Page - NanoAmp Solutions, Inc. N04Q1618C2BT-70I Datasheet HTML 2Page - NanoAmp Solutions, Inc. N04Q1618C2BT-70I Datasheet HTML 3Page - NanoAmp Solutions, Inc. N04Q1618C2BT-70I Datasheet HTML 4Page - NanoAmp Solutions, Inc. N04Q1618C2BT-70I Datasheet HTML 5Page - NanoAmp Solutions, Inc. N04Q1618C2BT-70I Datasheet HTML 6Page - NanoAmp Solutions, Inc. N04Q1618C2BT-70I Datasheet HTML 7Page - NanoAmp Solutions, Inc. N04Q1618C2BT-70I Datasheet HTML 8Page - NanoAmp Solutions, Inc. N04Q1618C2BT-70I Datasheet HTML 9Page - NanoAmp Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Stock No. 23451-B 2/06
5
The specification is ADVANCE INFORMATION and subject to change without notice.
NanoAmp Solutions, Inc.
N04Q16yyC2B
Advance Information
Power Consumption (T
A = 0
oC - 70oC)
Device PN
Speed
Typ1
Max
N04Q1612C2Bx-
15C
Standby Current2
Isb
Chip Disabled
VCC = 1.3V, VIN = VCC or 0
50
500
nA
Read/Write Current3
Icc
Chip Enabled, IOUT = 0
VCC=1.3V, VIN=VIH or VIL
1us
0.4
0.5
mA
150ns
2
3
Page Mode Current
Iccp
Chip Enabled, IOUT = 0
VCC=1.3V, VIN=VIH or VIL
1us
80
100
µA
150ns
300
450
N04Q1618C2Bx-
15C
Standby Current
Isb
Chip Disabled
VCC = 1.9V, VIN = VCC or 0V
50
500
nA
Read/Write Current
Icc
Chip Enabled, IOUT = 0
VCC=1.9V, VIN=VIH or VIL
1us
0.4
0.5
mA
150ns
2
3
Page Mode Current
Iccp
Chip Enabled, IOUT = 0
VCC=1.9V, VIN=VIH or VIL
1us
80
100
µA
150ns
400
500
N04Q1618C2Bx-
70C
Standby Current
Isb
Chip Disabled
VCC = 1.9V, VIN = VCC or 0
0.2
1.5
µA
Read/Write Current
Icc
Chip Enabled, IOUT = 0
VCC=1.9V, VIN=VIH or VIL
1us
0.6
0.9
mA
70ns
6
7
Page Mode Current
Iccp
Chip Enabled, IOUT = 0
VCC=1.9V, VIN=VIH or VIL
1us
0.1
0.2
mA
70ns
0.8
1
N04Q1625C2Bx-
15C
Standby Current
Isb
Chip Disabled
VCC = 2.8V, VIN = VCC or 0
0.8
1.0
µA
Read/Write Current
Icc
Chip Enabled, IOUT = 0
VCC= 2.8V, VIN=VIH or VIL
1us
0.6
1.0
mA
150ns
3
4
Page Mode Current
Iccp
Chip Enabled, IOUT = 0
VCC= 2.8V, VIN=VIH or VIL
1us
0.1
0.2
mA
150ns
1.5
2
N04Q1630C2Bx-
70C
Standby Current
Isb
Chip Disabled
VCC = 3.6V, VIN = VCC or 0
0.8
4
µA
Read/Write Current
Icc
Chip Enabled, IOUT = 0
VCC= 3.6V, VIN=VIH or VIL
1us
2.2
3
mA
70ns
8.5
10
Page Mode Current
Iccp
Chip Enabled, IOUT = 0
VCC= 3.6V, VIN=VIH or VIL
1us
0.5
0.6
mA
70ns
2
1.5
1. Typical values are measured at Vcc=Vcc Typ., TA=25°C and not 100% tested.
2. This device assumes a standby mode if the chip is disabled (CE1 high or CE2 low). In order to achieve low standby current all
inputs must be within 0.2 volts of either VCC or VSS. This applies to all ISB values.
3. This parameter is specified with the outputs disabled to avoid external loading effects. The user must add current required to drive
output capacitance expected in the actual system. This applies to all Icc and Iccp values.


Numéro de pièce similaire - N04Q1618C2BT-70I

FabricantNo de pièceFiches techniqueDescription
logo
AMI SEMICONDUCTOR
N04Q1618C2B AMI-N04Q1618C2B Datasheet
293Kb / 13P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM w/ Dual Vcc and VccQ for Ultimate Power Reduction 256K횞16 bit POWER SAVER TECHNOLOGY
N04Q1618C2BX-15C AMI-N04Q1618C2BX-15C Datasheet
293Kb / 13P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM w/ Dual Vcc and VccQ for Ultimate Power Reduction 256K횞16 bit POWER SAVER TECHNOLOGY
N04Q1618C2BX-70C AMI-N04Q1618C2BX-70C Datasheet
293Kb / 13P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM w/ Dual Vcc and VccQ for Ultimate Power Reduction 256K횞16 bit POWER SAVER TECHNOLOGY
N04Q1618C2BX-85C AMI-N04Q1618C2BX-85C Datasheet
293Kb / 13P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM w/ Dual Vcc and VccQ for Ultimate Power Reduction 256K횞16 bit POWER SAVER TECHNOLOGY
More results

Description similaire - N04Q1618C2BT-70I

FabricantNo de pièceFiches techniqueDescription
logo
AMI SEMICONDUCTOR
N04Q1618C2B AMI-N04Q1618C2B Datasheet
293Kb / 13P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM w/ Dual Vcc and VccQ for Ultimate Power Reduction 256K횞16 bit POWER SAVER TECHNOLOGY
N04L1630C2B AMI-N04L1630C2B Datasheet
194Kb / 12P
   4Mb Ultra-Low Power Asynchronous CMOS SRAMs 256K 횞 16 bit POWER SAVER TECHNOLOGY TM
logo
NanoAmp Solutions, Inc.
N04L163WC1A NANOAMP-N04L163WC1A Datasheet
273Kb / 11P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM
N04L1618C2A NANOAMP-N04L1618C2A Datasheet
246Kb / 10P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256Kx16 bit
logo
List of Unclassifed Man...
N04L163WC1C ETC-N04L163WC1C Datasheet
271Kb / 10P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM
logo
NanoAmp Solutions, Inc.
N04M1618L1A NANOAMP-N04M1618L1A Datasheet
257Kb / 9P
   4Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx16 bit
N04M163WL1A NANOAMP-N04M163WL1A Datasheet
246Kb / 9P
   4Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx16 bit
N04L163WC2A NANOAMP-N04L163WC2A Datasheet
265Kb / 11P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 16 bit
logo
ON Semiconductor
N04L63W1A ONSEMI-N04L63W1A Datasheet
196Kb / 10P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 16 bit
July 2008 - Rev. 13
N04L63W2A ONSEMI-N04L63W2A Datasheet
197Kb / 10P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 16 bit
July 2008 - Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com