Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

N16L163WC2C Fiches technique(PDF) 5 Page - NanoAmp Solutions, Inc.

No de pièce N16L163WC2C
Description  16Mb Ultra-Low Power Asynchronous CMOS SRAM 1024K 횞 16 bit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NANOAMP [NanoAmp Solutions, Inc.]
Site Internet  http://www.nanoamp.com
Logo NANOAMP - NanoAmp Solutions, Inc.

N16L163WC2C Fiches technique(HTML) 5 Page - NanoAmp Solutions, Inc.

  N16L163WC2C Datasheet HTML 1Page - NanoAmp Solutions, Inc. N16L163WC2C Datasheet HTML 2Page - NanoAmp Solutions, Inc. N16L163WC2C Datasheet HTML 3Page - NanoAmp Solutions, Inc. N16L163WC2C Datasheet HTML 4Page - NanoAmp Solutions, Inc. N16L163WC2C Datasheet HTML 5Page - NanoAmp Solutions, Inc. N16L163WC2C Datasheet HTML 6Page - NanoAmp Solutions, Inc. N16L163WC2C Datasheet HTML 7Page - NanoAmp Solutions, Inc. N16L163WC2C Datasheet HTML 8Page - NanoAmp Solutions, Inc. N16L163WC2C Datasheet HTML 9Page - NanoAmp Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Stock No. 23383-C
5
The specifications of this device are subject to change without notice. For latest documentation see http://www.nanoamp.com.
NanoAmp Solutions, Inc.
N16L163WC2C
Advance Information
Note:
1. Full Device AC operation requires linear Vcc ramp from 0 to Vcc(min)
≥ 500us.
2. Full Device operation requires linear Vcc ramp from VDR to Vcc(min) ≥ 100 us or stable at Vcc(min) ≥ 100us.
3. Address valid prior to or coincident with CE1, LB, UB transition LOW and CE2 transition HIGH.
Timing Test Conditions
Item
Input Pulse Level
0.1VCC to 0.9 VCC
Input Rise and Fall Time
1V/ns
Input and Output Timing Reference Levels
0.5 VCC
Output Load
CL = 50pF
Operating Temperature
-40 to +85 oC
Timing
Item
Symbol
55
Units
Min
Max
Read Cycle Time
tRC
55
ns
Address Access Time (Random Access)
tAA
55
ns
Chip Enable to Valid Output
tCO
55
ns
Output Enable to Valid Output
tOE
25
ns
Byte Select to Valid Output
tLB, tUB
55
ns
Chip Enable to Low-Z output
tLZ
10
ns
Output Enable to Low-Z Output
tOLZ
5ns
Byte Select to Low-Z Output
tLBZ, tUBZ
10
ns
Chip Disable to High-Z Output
tHZ
20
ns
Output Disable to High-Z Output
tOHZ
20
ns
Byte Select Disable to High-Z Output
tLBHZ, tUBHZ
20
ns
Output Hold from Address Change
tOH
10
ns
Write Cycle Time
tWC
55
ns
Chip Enable to End of Write
tCW
40
ns
Address Valid to End of Write
tAW
40
ns
Byte Select to End of Write
tLBW, tUBW
40
ns
Write Pulse Width
tWP
40
ns
Address Setup Time
tAS
0ns
Write Recovery Time
tWR
0ns
Write to High-Z Output
tWHZ
20
ns
Data to Write Time Overlap
tDW
25
ns
Data Hold from Write Time
tDH
0
ns
End Write to Low-Z Output
tOW
10
ns


Numéro de pièce similaire - N16L163WC2C

FabricantNo de pièceFiches techniqueDescription
logo
Fujitsu Component Limit...
N16B-0558-B240 FUJITSU-N16B-0558-B240 Datasheet
320Kb / 7P
   Resistive Touch Panel Specification
N16B-0558-B240 FUJITSU-N16B-0558-B240 Datasheet
570Kb / 7P
   STANDARD Resistive Touch Panel Specification 7-Wire Series
N16B-0558-B270 FUJITSU-N16B-0558-B270 Datasheet
453Kb / 7P
   STANDARD Resistive Touch Panel Specification
N16B-0558-B720 FUJITSU-N16B-0558-B720 Datasheet
320Kb / 7P
   Resistive Touch Panel Specification
N16B-0558-B720 FUJITSU-N16B-0558-B720 Datasheet
570Kb / 7P
   STANDARD Resistive Touch Panel Specification 7-Wire Series
More results

Description similaire - N16L163WC2C

FabricantNo de pièceFiches techniqueDescription
logo
NanoAmp Solutions, Inc.
N08L083WC2C NANOAMP-N08L083WC2C Datasheet
216Kb / 9P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 1024K 횞 8 bit
N16T1630C2B NANOAMP-N16T1630C2B Datasheet
245Kb / 9P
   16Mb Ultra-Low Power Asynchronous CMOS SRAM
N08L163WC2C NANOAMP-N08L163WC2C Datasheet
241Kb / 9P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
logo
ON Semiconductor
N01L63W3A ONSEMI-N01L63W3A Datasheet
647Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM 64K 횞 16 bit
July 2008 - Rev. 9
logo
NanoAmp Solutions, Inc.
N08L163WC2A NANOAMP-N08L163WC2A Datasheet
250Kb / 10P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
N04L163WC2A NANOAMP-N04L163WC2A Datasheet
265Kb / 11P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 16 bit
logo
ON Semiconductor
N01L63W2A ONSEMI-N01L63W2A Datasheet
657Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM 64K 횞 16 bit
July 2008 - Rev. 9
logo
NanoAmp Solutions, Inc.
N02L163WC2A NANOAMP-N02L163WC2A Datasheet
264Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
N08L163WC1C NANOAMP-N08L163WC1C Datasheet
222Kb / 9P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
logo
ON Semiconductor
N08L63W2A ONSEMI-N08L63W2A Datasheet
192Kb / 10P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
July 2008 - Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com