Moteur de recherche de fiches techniques de composants électroniques |
|
N04L163WC2AB2 Fiches technique(PDF) 1 Page - NanoAmp Solutions, Inc. |
|
N04L163WC2AB2 Fiches technique(HTML) 1 Page - NanoAmp Solutions, Inc. |
1 / 11 page NanoAmp Solutions, Inc. 670 North McCarthy Blvd. Suite 220, Milpitas, CA 95035 ph: 408-935-7777, FAX: 408-935-7770 www.nanoamp.com N04L163WC2A (DOC# 14-02-017 REV G ECN# 01-1268) 1 The specifications of this device are subject to change without notice. For latest documentation see http://www.nanoamp.com. 4Mb Ultra-Low Power Asynchronous CMOS SRAM 256K × 16 bit Overview The N04L163WC2A is an integrated memory device containing a 4 Mbit Static Random Access Memory organized as 262,144 words by 16 bits. The device is designed and fabricated using NanoAmp’s advanced CMOS technology to provide both high-speed performance and ultra-low power. The device operates with two chip enable (CE1 and CE2) controls and output enable (OE) to allow for easy memory expansion. Byte controls (UB and LB) allow the upper and lower bytes to be accessed independently and can also be used to deselect the device. The N04L163WC2A is optimal for various applications where low-power is critical such as battery backup and hand-held devices. The device can operate over a very wide temperature range of -40oC to +85oC and is available in JEDEC standard packages compatible with other standard 256Kb x 16 SRAMs Features • Single Wide Power Supply Range 2.3 to 3.6 Volts • Very low standby current 4.0µA at 3.0V (Typical) • Very low operating current 2.0mA at 3.0V and 1µs (Typical) • Very low Page Mode operating current 0.8mA at 3.0V and 1µs (Typical) • Simple memory control Dual Chip Enables (CE1 and CE2) Byte control for independent byte operation Output Enable (OE) for memory expansion • Low voltage data retention Vcc = 1.8V • Very fast output enable access time 25ns OE access time • Automatic power down to standby mode • TTL compatible three-state output driver • Compact space saving BGA package avail- able Product Family Part Number Package Type Operating Temperature Power Supply (Vcc) Speed Options Standby Current (ISB), Typical Operating Current (Icc), Typical N04L163WC2AB 48 - BGA -40oC to +85oC 2.3V - 3.6V 70ns @ 2.7V 4 µA2 mA @ 1MHz N04L163WC2AT 44 - TSOP II N04L163WC2AB2 48 - BGA Green N04L163WC2AT2 44 - TSOP II Green |
Numéro de pièce similaire - N04L163WC2AB2 |
|
Description similaire - N04L163WC2AB2 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |