Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

N01L1618N1AB2-70I Fiches technique(PDF) 8 Page - NanoAmp Solutions, Inc.

No de pièce N01L1618N1AB2-70I
Description  1Mb Ultra-Low Power Asynchronous CMOS SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NANOAMP [NanoAmp Solutions, Inc.]
Site Internet  http://www.nanoamp.com
Logo NANOAMP - NanoAmp Solutions, Inc.

N01L1618N1AB2-70I Fiches technique(HTML) 8 Page - NanoAmp Solutions, Inc.

Back Button N01L1618N1AB2-70I Datasheet HTML 2Page - NanoAmp Solutions, Inc. N01L1618N1AB2-70I Datasheet HTML 3Page - NanoAmp Solutions, Inc. N01L1618N1AB2-70I Datasheet HTML 4Page - NanoAmp Solutions, Inc. N01L1618N1AB2-70I Datasheet HTML 5Page - NanoAmp Solutions, Inc. N01L1618N1AB2-70I Datasheet HTML 6Page - NanoAmp Solutions, Inc. N01L1618N1AB2-70I Datasheet HTML 7Page - NanoAmp Solutions, Inc. N01L1618N1AB2-70I Datasheet HTML 8Page - NanoAmp Solutions, Inc. N01L1618N1AB2-70I Datasheet HTML 9Page - NanoAmp Solutions, Inc. N01L1618N1AB2-70I Datasheet HTML 10Page - NanoAmp Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
(DOC# 14-02-009 REV F ECN# 01-0995)
8
The specifications of this device are subject to change without notice. For latest documentation see http://www.nanoamp.com.
NanoAmp Solutions, Inc.
N01L1618N1A
44-Lead TSOP II Package (T44)
Note:
1. All dimensions in millimeters
2. Package dimensions exclude molding flash
18.41±0.13
10.16±0.13
SEE DETAIL B
1.10±0.15
11.76±0.20
0.45
0.30
0.80mm REF
DETAIL B
0.80mm REF
0o-8o
0.20
0.00


Numéro de pièce similaire - N01L1618N1AB2-70I

FabricantNo de pièceFiches techniqueDescription
logo
NanoAmp Solutions, Inc.
N01L163WC2A NANOAMP-N01L163WC2A Datasheet
274Kb / 11P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
N01L163WC2AB NANOAMP-N01L163WC2AB Datasheet
274Kb / 11P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
N01L163WC2AB-55I NANOAMP-N01L163WC2AB-55I Datasheet
274Kb / 11P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
N01L163WC2AB-55I NANOAMP-N01L163WC2AB-55I Datasheet
264Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
N01L163WC2AB1 NANOAMP-N01L163WC2AB1 Datasheet
274Kb / 11P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
More results

Description similaire - N01L1618N1AB2-70I

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
N01L6183A ONSEMI-N01L6183A Datasheet
1Mb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
July 2008 - Rev. 8
logo
NanoAmp Solutions, Inc.
N01L163WN1A NANOAMP-N01L163WN1A Datasheet
260Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
N01L083WC2A NANOAMP-N01L083WC2A Datasheet
118Kb / 1P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
N01L163WC2A NANOAMP-N01L163WC2A Datasheet
274Kb / 11P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM
N01M083WL1A NANOAMP-N01M083WL1A Datasheet
225Kb / 9P
   1Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 128Kx8 bit
N01M0818L1A NANOAMP-N01M0818L1A Datasheet
228Kb / 9P
   1Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 128Kx8 bit
logo
ON Semiconductor
N01L63W3A ONSEMI-N01L63W3A Datasheet
647Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM 64K 횞 16 bit
July 2008 - Rev. 9
N01L83W2A ONSEMI-N01L83W2A Datasheet
527Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 8 bit
July 2008 - Rev. 10
N01L63W2A ONSEMI-N01L63W2A Datasheet
657Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM 64K 횞 16 bit
July 2008 - Rev. 9
NO1L6183A ONSEMI-NO1L6183A Datasheet
1Mb / 10P
   Ultra-Low Power Asynchronous CMOS SRAM
July 2008 - Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com