Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MTV312MS64 Fiches technique(PDF) 9 Page - List of Unclassifed Manufacturers

No de pièce MTV312MS64
Description  8051 Embedded Monitor Controller Flash Type with ISP
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

MTV312MS64 Fiches technique(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button MTV312MS64 Datasheet HTML 5Page - List of Unclassifed Manufacturers MTV312MS64 Datasheet HTML 6Page - List of Unclassifed Manufacturers MTV312MS64 Datasheet HTML 7Page - List of Unclassifed Manufacturers MTV312MS64 Datasheet HTML 8Page - List of Unclassifed Manufacturers MTV312MS64 Datasheet HTML 9Page - List of Unclassifed Manufacturers MTV312MS64 Datasheet HTML 10Page - List of Unclassifed Manufacturers MTV312MS64 Datasheet HTML 11Page - List of Unclassifed Manufacturers MTV312MS64 Datasheet HTML 12Page - List of Unclassifed Manufacturers MTV312MS64 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
MYSON
TECHNOLOGY
MTV312M64
(Rev 0.99)
Revision 0.99
- 9 -
2001/07/26
PORT5 (r/w) :
Port 4 data input/output value.
PORT6 (r/w) :
Port 5 data input/output value.
PORT4 (w) :
Port 6 data output value.
5. PWM DAC
Each output pulse width of PWM DAC converter is controlled by an 8-bit register in XFR. The frequency of
PWM clock is 47KHz or 94KHz, selected by PWMF. And the total duty cycle step of these DAC outputs is
253 or 256, selected by DIV253. If DIV253=1, writing FDH/FEH/FFH to DAC register generates stable high
output. If DIV253=0, the output pulses low at least once even if the DAC register's content is FFH. Writing
00H to DAC register generates stable low output.
Reg name
addr
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
DA0
F20h(r/w)
Pulse width of PWM DAC 0
DA1
F21h(r/w)
Pulse width of PWM DAC 1
DA2
F22h(r/w)
Pulse width of PWM DAC 2
DA3
F23h(r/w)
Pulse width of PWM DAC 3
DA4
F24h(r/w)
Pulse width of PWM DAC 4
DA5
F25h(r/w)
Pulse width of PWM DAC 5
DA6
F26h(r/w)
Pulse width of PWM DAC 6
DA7
F27h(r/w)
Pulse width of PWM DAC 7
DA8
F28h(r/w)
Pulse width of PWM DAC 8
DA9
F29h(r/w)
Pulse width of PWM DAC 9
DA10
F2Ah(r/w)
Pulse width of PWM DAC 10
DA11
F2Bh(r/w)
Pulse width of PWM DAC 11
DA12
F2Ch(r/w)
Pulse width of PWM DAC 12
DA13
F2Dh(r/w)
Pulse width of PWM DAC 13
DA0-13 (r/w) :
The output pulse width control for DA0-13.
* All of PWM DAC converters are centered with value 80h after power on.
6. H/V SYNC Processing
The H/V SYNC processing block performs the functions of composite signal separation/insertion. SYNC
inputs presence check, frequency counting, polarity detection and control, as well as the protection of
VBLANK output while VSYNC speeds up in high DDC communication clock rate.
Based on the digital filter, the present and frequency function block treat any pulse shorter than one OSC
period (83.33ns) as noise, between one and two OSC period (83.33ns to 166.67ns) as unknown region, and
longer than two OSC period (166.67ns) as pulse.


Numéro de pièce similaire - MTV312MS64

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
MTV312M64 ETC-MTV312M64 Datasheet
200Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
More results

Description similaire - MTV312MS64

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
MTV212M64I ETC-MTV212M64I Datasheet
199Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV312M64 ETC-MTV312M64 Datasheet
200Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV212M32 ETC1-MTV212M32 Datasheet
188Kb / 26P
   8051 Embedded Monitor Controller Flash Type with ISP
MTV412M ETC-MTV412M Datasheet
255Kb / 26P
   8051 Embedded Monitor Controller 128K Flash Type with ISP
MTV230M64 ETC1-MTV230M64 Datasheet
404Kb / 31P
   8051 Embedded Micro Controller with Flash OSD and ISP
MTV230M ETC1-MTV230M Datasheet
250Kb / 31P
   8051 Embedded LCD Monitor Controller with Flash OSD
MTV112M ETC-MTV112M Datasheet
160Kb / 20P
   8051 Embedded CRT Monitor Controller Flash Version
MTV212M64 ETC2-MTV212M64 Datasheet
200Kb / 27P
   8051 Embedded Monitor Controller MTP Type
MTV212A32 ETC-MTV212A32 Datasheet
167Kb / 23P
   8051 Embedded Monitor Controller Mask ROM Type
logo
Realtek Semiconductor C...
RTD2120 REALTEK-RTD2120 Datasheet
525Kb / 37P
   8051 Embedded Micro-Controller for Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com