Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADM1041ARQ Fiches technique(PDF) 9 Page - Analog Devices

No de pièce ADM1041ARQ
Description  Secondary-Side Controller with Current Share and Housekeeping
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADM1041ARQ Fiches technique(HTML) 9 Page - Analog Devices

Back Button ADM1041ARQ Datasheet HTML 5Page - Analog Devices ADM1041ARQ Datasheet HTML 6Page - Analog Devices ADM1041ARQ Datasheet HTML 7Page - Analog Devices ADM1041ARQ Datasheet HTML 8Page - Analog Devices ADM1041ARQ Datasheet HTML 9Page - Analog Devices ADM1041ARQ Datasheet HTML 10Page - Analog Devices ADM1041ARQ Datasheet HTML 11Page - Analog Devices ADM1041ARQ Datasheet HTML 12Page - Analog Devices ADM1041ARQ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 64 page
background image
ADM1041
Rev. A | Page 9 of 64
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
CURRENT LIMIT ERROR AMPLIFIER
See Figure 13
Current Limit Trim Range2
105
130
%
After ISHARE calibration
Current Limit Trim Step
1.1
%
Current Limit Trim Step
26.5
mV
2.0 ≤ VSHARE ≤ 2.8 V typ. 5 bits, 31 steps.
Reg 04h[7:3]. See Table 13.
Transconductance
100
200
300
µA/V
ICCMP = ±20 µA. See Figure 12.
Output Source Current
40
µA
VCCMP = > 1 V
Output Sink Current
40
µA
VCCMP = < VDD – 1 V
CURRENT SHARE DRIVER
See Figure 14.
Output Voltage6
VDD – 0.4
V
RL = 1 kΩ, VSHRS ≤ VDD – 2 V
Short Circuit Source Current
55
mA
Source Current
15
mA
Current at which VOUT does not drop
by more than 5%
Sink Current
60
100
µA
VSHARE = 2.0 V
CURRENT SHARE DIFFERENTIAL SENSE
AMPLIFIER
See Figure 14.
VS– Input Voltage
0.5
V
Voltage on Pin 20
VSHRS Input Voltage
VDD – 2
V
Voltage on Pin 23
Input Impedance2
65
100
kΩ
VSHRS = 0.5 V, VS− = 0.5 V
Gain
1.0
V/V
CURRENT SHARE ERROR AMPLIFIER
Transconductance, SHRS to SCMP
100
200
300
µA/V
ISCMP = ±20 µA
Output Source Current
40
µA
VSCMP > 1 V
Output Sink Current
40
µA
VSCMP < VDD – 1 V
Input Offset Voltage
40
50
60
mV
Master/slave arbitration
Share OK Window Comparator Threshold
SHRS = 2 V ± SHRTHRESH
(Share Drive Error)
±100
mV
Reg 04h[1:0] = 00. See Table 13.
±200
mV
Reg 04h[1:0] = 01. See Table 13.
±300
mV
Reg 04h[1:0] = 10. See Table 13.
±400
mV
Reg 04h[1:0] = 11. See Table 13.
CURRENT LIMIT
Figure 10.
Current Limit Control Lower Threshold
1.3
V
VCCMP = 0.7 V, VS+ = 1.5 V
Current Limit Control Upper Threshold
3.5
V
VS+ = 0 V, VSCMP = 0 V
CURRENT SHARE CAPTURE
VSCMP = 3.5 V.
Current Share Capture Range
0.7
1
1.3
%
Reg 10h[5:4] = 00. See Table 25.
1.4
2
2.6
%
Reg 10h[5:4] = 01. See Table 25.
2.1
3
3.9
%
Reg 10h[5:4] = 10. See Table 25.
2.8
4
5.2
%
Reg 10h[5:4] = 11. See Table 25.
Capture Threshold
0.6
1.0
1.4
V
FET OR GATE DRIVE
Open-drain N-channel FET
Output Low Level (On)
0.4
V
IIO = 5 mA
0.8
V
IIO = 10 mA
Output Leakage Current
−5
+5
µA
REVERSE VOLTAGE COMPARATOR, FS, FD
VCS− = FS
Common-Mode Range
0.25
2.0
VDD – 2
V
Voltage set by CS resistor divider
Voltage on CS− pin. TA = 25°C.


Numéro de pièce similaire - ADM1041ARQ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADM1041A AD-ADM1041A Datasheet
1Mb / 56P
   Secondary-Side Controller with Current Share and Housekeeping
REV. 0
ADM1041AARQZ AD-ADM1041AARQZ Datasheet
1Mb / 56P
   Secondary-Side Controller with Current Share and Housekeeping
REV. 0
ADM1041AARQZ-REEL AD-ADM1041AARQZ-REEL Datasheet
1Mb / 56P
   Secondary-Side Controller with Current Share and Housekeeping
REV. 0
ADM1041AARQZ-REEL7 AD-ADM1041AARQZ-REEL7 Datasheet
1Mb / 56P
   Secondary-Side Controller with Current Share and Housekeeping
REV. 0
ADM1041A AD-ADM1041A_15 Datasheet
1Mb / 56P
   Secondary-Side Controller with Current Share and Housekeeping
REV. 0
More results

Description similaire - ADM1041ARQ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADM1041A AD-ADM1041A Datasheet
1Mb / 56P
   Secondary-Side Controller with Current Share and Housekeeping
REV. 0
ADM1041 AD-ADM1041_15 Datasheet
1Mb / 64P
   Secondary-Side Controller with Current Share and Housekeeping
REV. A
ADM1041A AD-ADM1041A_15 Datasheet
1Mb / 56P
   Secondary-Side Controller with Current Share and Housekeeping
REV. 0
logo
List of Unclassifed Man...
AS2316 ETC-AS2316 Datasheet
60Kb / 10P
   Secondary Side Housekeeping Circuit
logo
STMicroelectronics
L6611 STMICROELECTRONICS-L6611 Datasheet
609Kb / 28P
   DIGITALLY PROGRAMMABLE SECONDARY HOUSEKEEPING CONTROLLER
L6610 STMICROELECTRONICS-L6610 Datasheet
544Kb / 29P
   DIGITALLY PROGRAMMABLE SECONDARY HOUSEKEEPING CONTROLLER
logo
Leadtrend Technology
LD8115A LEADTREND-LD8115A Datasheet
619Kb / 12P
   Secondary-side Dimmable Constant Current and Voltage Controller
LD8115 LEADTREND-LD8115 Datasheet
554Kb / 12P
   Secondary-side Dimmable Constant Current and Voltage Controller
logo
Texas Instruments
UC1826 TI-UC1826 Datasheet
506Kb / 11P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UC2849DW TI-UC2849DW Datasheet
532Kb / 21P
[Old version datasheet]   SECONDARY SIDE AVERAGE CURRENT MODE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com