Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STC3485E Fiches technique(PDF) 10 Page - List of Unclassifed Manufacturers

No de pièce STC3485E
Description  3.3V-Powered, 짹15kV ESD-Protected, and Slew-Rate-Limited True RS-485 Transceivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

STC3485E Fiches technique(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button STC3485E Datasheet HTML 3Page - List of Unclassifed Manufacturers STC3485E Datasheet HTML 4Page - List of Unclassifed Manufacturers STC3485E Datasheet HTML 5Page - List of Unclassifed Manufacturers STC3485E Datasheet HTML 6Page - List of Unclassifed Manufacturers STC3485E Datasheet HTML 7Page - List of Unclassifed Manufacturers STC3485E Datasheet HTML 8Page - List of Unclassifed Manufacturers STC3485E Datasheet HTML 9Page - List of Unclassifed Manufacturers STC3485E Datasheet HTML 10Page - List of Unclassifed Manufacturers STC3485E Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
STC3485E Datasheet Rev.0.1, Dec.2005
Page    of  11
10
STC International Limited                          http://www.mcu-memory.com
Machine Model
The Machine Model for ESD tests all pins using a 200pF storage capacitor and zero discharge resistance. Its objective is to emulate the
stress caused when I/O pins are contacted by handling equipment during test and assembly. Of course, all pins require this protection,
not just RS-485 inputs and outputs.
Typical Applications
The STC3485E transceivers are designed for bidirectional data communications on multipoint bus transmission lines. Figures 1
shows typical network applications circuits.
To minimize reflections, the line should be terminated at both ends in its characteristic impedance, and stub lengths off the main line
should be kept as short as possible. The slew-rate-limited STC3485E is more tolerant of imperfect termination.
Figure 15a. Human Body ESD Test Model
Figure 15b. Human Body Current Waveform
Figure 16a. IEC 1000-4-2 ESD Test Model
Figure 16b. IEC 1000-4-2 ESD Generator Current Waveform
 R
1M
 R
1500 Ω
CHARGE-CURRENT
LIMIT RESISTOR
DISCHARGE
RESISTANCE
HIGH-
VOLTAGE
DC
SOURCE
 C
100pF
 STORAGE
CAPACITOR
DEVICE
UNDER
TEST
 R
50M to 100M
 R
330 Ω
CHARGE-CURRENT
LIMIT RESISTOR
DISCHARGE
RESISTANCE
HIGH-
VOLTAGE
DC
SOURCE
 C
150pF
 STORAGE
CAPACITOR
DEVICE
UNDER
TEST


Numéro de pièce similaire - STC3485E

FabricantNo de pièceFiches techniqueDescription
logo
AUK corp
STC344 AUK-STC344 Datasheet
62Kb / 3P
   NPN Silicon Transistor
STC345 AUK-STC345 Datasheet
237Kb / 3P
   NPN Silicon Transistor
STC345L AUK-STC345L Datasheet
216Kb / 3P
   NPN Silicon Transistor
logo
KODENSHI_AUK CORP.
STC345L KODENSHI-STC345L Datasheet
219Kb / 5P
   NPN Silicon Transistor
More results

Description similaire - STC3485E

FabricantNo de pièceFiches techniqueDescription
logo
Union Semiconductor, In...
UM3483E UNIONSEMI-UM3483E Datasheet
307Kb / 12P
   3.3V-Powered, 짹15kV ESD-Protected, and Slew-Rate-Limited True RS-485 Transceivers
logo
Maxim Integrated Produc...
MAX3483E MAXIM-MAX3483E_V01 Datasheet
2Mb / 19P
   3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
19-1474; Rev 1; 5/19
MAX3483E MAXIM-MAX3483E Datasheet
231Kb / 16P
   3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 4/99
logo
List of Unclassifed Man...
STC485E ETC1-STC485E Datasheet
592Kb / 11P
   짹15kV ESD-Protected,Slew-Rate-Limited, Fail-Safe,True RS-485 Transceivers
logo
Union Semiconductor, In...
UM3085E UNIONSEMI-UM3085E Datasheet
245Kb / 12P
   짹15kV ESD-Protected, Slew-Rate-Limited, Fail-Safe, True RS-485 Transceivers
logo
Maxim Integrated Produc...
MAX3490ECSA-T MAXIM-MAX3490ECSA-T Datasheet
237Kb / 16P
   3.3V-Powered, 15,-15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 4/99
MAX3483 MAXIM-MAX3483 Datasheet
197Kb / 16P
   3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 12/94
MAX3483 MAXIM-MAX3483_V01 Datasheet
3Mb / 17P
   3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
19-0333; Rev 1; 5/19
logo
Union Semiconductor, In...
UM3483E UNIONSEMI-UM3483E_15 Datasheet
945Kb / 18P
   3V to 5.5V-Powered, ESD-Protected, Slew-Rate-Limited, True RS-485 Transceivers
logo
Maxim Integrated Produc...
MAX3483 MAXIM-MAX3483_14 Datasheet
467Kb / 17P
   3.3V-Powered, 10Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 12/94
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com