Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC74982W Fiches technique(PDF) 9 Page - Sanyo Semicon Device

No de pièce LC74982W
Description  LCD TV Scan Converter IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74982W Fiches technique(HTML) 9 Page - Sanyo Semicon Device

Back Button LC74982W Datasheet HTML 5Page - Sanyo Semicon Device LC74982W Datasheet HTML 6Page - Sanyo Semicon Device LC74982W Datasheet HTML 7Page - Sanyo Semicon Device LC74982W Datasheet HTML 8Page - Sanyo Semicon Device LC74982W Datasheet HTML 9Page - Sanyo Semicon Device LC74982W Datasheet HTML 10Page - Sanyo Semicon Device LC74982W Datasheet HTML 11Page - Sanyo Semicon Device LC74982W Datasheet HTML 12Page - Sanyo Semicon Device LC74982W Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
No. 7023-9/14
LC74982W
Pin Type
I/O type
Applicable pins
Function
Equivalent circuit
RST
PDOWN1 to 2
XTAL
g74980m01
3 to 5 V voltage
handling input
A13541
AICS, AIDA, AICK
SCL
BLKIH, BLKIV
MUTE
g74980m02
3 to 5 V voltage
handling Schmitt
input
A13542
OSDRIN, OSDGIN, OSDBIN, OSDEN
YIN0 to 7, UIN0 to 7, VIN0 to 7
SCANMOD, SCANEN
RIN0 to 7, GIN0 to 7, BIN0 to 7
TSTMOD0 to 3, TSTSUB0 to 3
Leave open when unused.
g74980m03
3 to 5 V voltage
handling pull-down
input
A13543
HITV, VITV
HIDTV, VIDTV
HIPC, VIPC
g74980m04
3 to 5 V voltage
handling pull-down
Schmitt input
A13544
CLKITV
CLKIDTV
CLKIPC
g74980m05
3 to 5 V voltage
handling OE input
A13545
CLPP, PLLH,
ROEVEN0 to 5 (7), GOEVEN0 to 5 (7), BOEVEN0 to
5 (7), ROODD0 to 5 (7), GOODD0 to 5 (7), BOODD0
to 5 (7), VIRST, EXCTR, TST0A0 to 7, TST0B0 to 7,
(TEST0 to 3)
POB4
4 mA drive output
A13546
A13547
BLKHOUT, BLKVOUT
HOUT, VOUT
POB8
8 mA drive output
DCLK1, DBLK1B, DCLK2, DCLK2B
CLKI0
POB12
12 mA drive output
CLPY, CLPCB, CLPCR
POT4
4 mA 3-state drive
output
A13548
SDA
g74980m06
Open-drain I/O
VCOCNT, VCORNG
g74100m06
Analog through
PDO
zwp3vpll3
Charge pump output
A13549
Note: * All of the DVDD, DVSS, AVDD, and AVSS pins must be connected to the corresponding power or ground level. Do not leave any of these pins open.


Numéro de pièce similaire - LC74982W

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC749870W SANYO-LC749870W Datasheet
559Kb / 45P
   Silicon gate NTSC/PAL/SECAM Digital Video Decoder
LC749880T SANYO-LC749880T Datasheet
118Kb / 17P
   Silicon gate Image controller LSI for LCD-TV
More results

Description similaire - LC74982W

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
LAXC021T0B-Q1 ETC2-LAXC021T0B-Q1 Datasheet
33Kb / 1P
   IC for LCD TV
logo
Toshiba Semiconductor
TC90A36F TOSHIBA-TC90A36F Datasheet
1Mb / 31P
   FIELD DOUBLE-SCAN CONVERTER IC FOR A MULTI-STANDARD COLOR TV
TA1204AF TOSHIBA-TA1204AF Datasheet
575Kb / 25P
   款 CORRECTION IC FOR LCD TV
logo
Panasonic Semiconductor
AN2546FH-A PANASONIC-AN2546FH-A Datasheet
431Kb / 29P
   Automotive LCD TV signal processor IC
AN2526NFH PANASONIC-AN2526NFH Datasheet
442Kb / 35P
   Automotive LCD TV signal processor IC
logo
Mitsubishi Electric Sem...
M65656FP MITSUBISHI-M65656FP Datasheet
1Mb / 5P
   SCAN CONVERTER
M65657FP MITSUBISHI-M65657FP Datasheet
1Mb / 5P
   SCAN CONVERTER
logo
Sanyo Semicon Device
LC75700T SANYO-LC75700T Datasheet
133Kb / 16P
   Key Scan IC
logo
Toshiba Semiconductor
TC9290P TOSHIBA-TC9290P Datasheet
375Kb / 10P
   KEY SCAN IC
TA1316AN TOSHIBA-TA1316AN Datasheet
1Mb / 115P
   YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com