Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

X0202-TO-92 Fiches technique(PDF) 1 Page - Unisonic Technologies

No de pièce X0202-TO-92
Description  SCR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

X0202-TO-92 Fiches technique(HTML) 1 Page - Unisonic Technologies

  X0202-TO-92 Datasheet HTML 1Page - Unisonic Technologies X0202-TO-92 Datasheet HTML 2Page - Unisonic Technologies X0202-TO-92 Datasheet HTML 3Page - Unisonic Technologies X0202-TO-92 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UTCX0202/A
SCR
UTC UNISONIC TECHNOLOGIES CO. LTD
1
QW-R301-005,A
SENSITIVE SCRs
DESCRIPTION
The X0202/A SCR series is suitable for all applications
where the available gate current is limited, such as ground
fault circuit interruptors, overvoltage crowbar protection in
low power supplies, capacitive ignition circuit,……
FEATURES:
*IT(RMS) : 1.25A
*VDRM/VRRM :600/800V
TO-92
1
1:CATHODE 2:GATE 3:ANODE
ABSOLUTE MAXIMUM RATINGS (unless otherwise specified )
PARAMETERS
SYMBOL
RATINGS
UNIT
Peak Repetitive Forward and Reverse Blocking Voltage
(Tj=110
°C, RGK=1kΩ)
X0202
X0202A
VDRM, VRRM
600
800
V
RMS On-State Current
(TI=55
°C)
180
°C conduction angle
IT(RMS)
1.25
A
Average On-State Current
(TI=55
°C)
180
°C conduction angle
IT(AV)
0.8
A
Non Repetitive Surge Peak on-state Current
(tp=8.3ms Tj=25
°C)
ITSM
25
A
Non Repetitive Surge Peak on-state Current
(tp=10ms Tj=25
°C)
ITSM
22.5
A
I t Value for fusing (tp=10ms Tj=25
°C)
I t
2.5
A2S
Critical Rate Of Rise Of On-state Current
IG=2*IGT,tr≤100ns, f=60Hz, Tj=125
°C
dI/dt
50
A/
µs
Peak Gate Current (p=20
µs Tj=125°C)
IGM
1.2
A
Average Gate Power Dissipation (Tj=125
°C)
PG(AV)
0.2
W
Storage Junction Temperature Range
Tstg
-40~150
°C
Operating Junction Temperature Range
Tj
-40~125
°C


Numéro de pièce similaire - X0202-TO-92

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
X0202-T92-B UTC-X0202-T92-B Datasheet
218Kb / 5P
   SENSITIVE SCRS
X0202-T92-K UTC-X0202-T92-K Datasheet
218Kb / 5P
   SENSITIVE SCRS
X0202-T92-R UTC-X0202-T92-R Datasheet
218Kb / 5P
   SENSITIVE SCRS
More results

Description similaire - X0202-TO-92

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRKT250-16 IRF-IRKT250-16 Datasheet
157Kb / 6P
   SCR / SCR and SCR / DIODE
logo
Vishay Siliconix
VS-VSK170PBF VISHAY-VS-VSK170PBF Datasheet
323Kb / 13P
   SCR/SCR and SCR/Diode
Revision: 17-Jul-14
VS-VSKT230-16 VISHAY-VS-VSKT230-16 Datasheet
218Kb / 10P
   SCR/SCR and SCR/Diode
Revision: 17-Jul-14
logo
STMicroelectronics
TYN682 STMICROELECTRONICS-TYN682 Datasheet
59Kb / 4P
   SCR
BTW69 STMICROELECTRONICS-BTW69 Datasheet
74Kb / 5P
   SCR
logo
WeEn Semiconductors
BT151-650LTN WEEN-BT151-650LTN Datasheet
373Kb / 11P
   SCR
NCR100Q-6M WEEN-NCR100Q-6M Datasheet
401Kb / 11P
   SCR
NCR100W-12M WEEN-NCR100W-12M Datasheet
225Kb / 15P
   SCR
TYN16-600CT WEEN-TYN16-600CT Datasheet
221Kb / 12P
   SCR
TYN16S-600CT WEEN-TYN16S-600CT Datasheet
330Kb / 12P
   SCR
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com