Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD10465AZ Fiches technique(PDF) 2 Page - Analog Devices

No de pièce AD10465AZ
Description  Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD10465AZ Fiches technique(HTML) 2 Page - Analog Devices

  AD10465AZ Datasheet HTML 1Page - Analog Devices AD10465AZ Datasheet HTML 2Page - Analog Devices AD10465AZ Datasheet HTML 3Page - Analog Devices AD10465AZ Datasheet HTML 4Page - Analog Devices AD10465AZ Datasheet HTML 5Page - Analog Devices AD10465AZ Datasheet HTML 6Page - Analog Devices AD10465AZ Datasheet HTML 7Page - Analog Devices AD10465AZ Datasheet HTML 8Page - Analog Devices AD10465AZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
REV. 0
–2–
AD10465–SPECIFICATIONS
Test
Mil
AD10465AZ/BZ/QML-H
Parameter
Temp
Level
Subgroup
Min
Typ
Max
Unit
RESOLUTION
14
Bits
DC ACCURACY
No Missing Codes
Full
VI
1, 2, 3
Guaranteed
Offset Error
25
°C
I
1
–2.2
±0.02
+2.2
% FS
Full
VI
2, 3
–2.2
±1.0
+2.2
% FS
Offset Error Channel Match
Full
V
–1
±1.0
+1
%
Gain Error
1
25
°C
I
1
–3
–1.0
+1
% FS
Full
VI
2, 3
–5
±2.0
+5
% FS
Gain Error Channel Match
25
°C
I
1
–1.5
±0.5
+1.5
%
Max
I
2
–3
±1.0
+3
%
Min
I
3
–5
+5
%
ANALOG INPUT (AIN)
Input Voltage Range
AIN1
Full
V
±0.5
V
AIN2
Full
V
±1.0
V
AIN3
Full
V
±2V
Input Resistance
AIN1
Full
IV
12
99
100
101
AIN2
Full
IV
12
198
200
202
AIN3
Full
IV
12
396
400
404
Input Capacitance
2
25
°C
IV
12
0
4.0
7.0
pF
Analog Input Bandwidth
3
Full
V
100
MHz
ENCODE INPUT (ENC,
ENC)4
Differential Input Voltage
17
Full
IV
0.4
V p-p
Differential Input Resistance
25
°CV
10
k
Differential Input Capacitance
25
°C
V
2.5
pF
SWITCHING PERFORMANCE
Maximum Conversion Rate
5
Full
VI
4, 5, 6
65
MSPS
Minimum Conversion Rate
5
Full
V
12
20
MSPS
Aperture Delay (tA)25
°C
V
1.5
ns
Aperture Delay Matching
25
°C
IV
12
250
500
ps
Aperture Uncertainty (Jitter)
25
°C
V
0.3
ps rms
ENCODE Pulsewidth High
25
°C
IV
12
6.2
7.7
9.2
ns
ENCODE Pulsewidth Low
25
°C
IV
12
6.2
7.7
9.2
ns
Output Delay (tOD)
Full
V
6.8
ns
Encode, Rising to Data Ready, Rising Delay (TE_DR)
Full
11.5
ns
SNR
6
Analog Input @ 4.98 MHz
25
°C
V
70
dBFS
Analog Input @ 9.9 MHz
25
°C
I
4
69
70
dBFS
Full
II
5, 6
68
70
dBFS
Analog Input @ 19.5 MHz
25
°C
I
4
68
70
dBFS
Full
II
5, 6
67
70
dBFS
Analog Input @ 32.1 MHz
25
°C
I
4
67
69
dBFS
Full
II
5, 6
67
69
dBFS
SINAD
7
Analog Input @ 4.98 MHz
25
°CV
70
dB
Analog Input @ 9.9 MHz
25
°C
I
4
67.5
69
dB
Full
II
5, 6
67.5
69
dB
Analog Input @ 19.5 MHz
25
°CI
4
65
68
dB
Full
II
5, 6
65
68
dB
Analog Input @ 32.1 MHz
25
°CI
4
60
63
dB
Full
II
5, 6
58
61
dB
(AVCC = +5 V; AVEE = –5 V; DVCC = 3.3 V applies to each ADC unless otherwise noted.)


Numéro de pièce similaire - AD10465AZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD10465 AD-AD10465 Datasheet
1Mb / 25P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter
AD10465BZ AD-AD10465BZ Datasheet
1Mb / 25P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter
AD10465PCB AD-AD10465PCB Datasheet
902Kb / 28P
   High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD10465 AD-AD10465_15 Datasheet
1Mb / 24P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter
REV. A
AD10465 AD-AD10465_17 Datasheet
1Mb / 25P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter
More results

Description similaire - AD10465AZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD13465 AD-AD13465 Datasheet
1Mb / 20P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD10265 AD-AD10265 Datasheet
267Kb / 18P
   Dual Channel, 12-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD13280 AD-AD13280 Datasheet
1Mb / 20P
   Dual Channel, 12-Bit, 80 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD10242 AD-AD10242 Datasheet
251Kb / 16P
   Dual, 12-Bit, 40 MSPS MCM A/D Converter with Analog Input Signal Conditioning
REV. A
AD10200 AD-AD10200 Datasheet
1Mb / 20P
   Dual Channel, 12-Bit 105 MSPS IF Sampling A/D Converter with Analog Input Signal Conditioning
REV. A
AD10465 AD-AD10465_15 Datasheet
1Mb / 24P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter
REV. A
AD10465 AD-AD10465_17 Datasheet
1Mb / 25P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter
AD15452 AD-AD15452 Datasheet
340Kb / 16P
   12-Bit 65 MSPS Quad A/D Converter with Integrated Signal Conditioning
REV. 0
AD10200 AD-AD10200_17 Datasheet
1Mb / 20P
   A/D Converter with Analog Input Signal Conditioning
AD13280 AD-AD13280_15 Datasheet
1Mb / 28P
   Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com