Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BA9741A Fiches technique(PDF) 5 Page - Unisonic Technologies

No de pièce BA9741A
Description  LINEAR INTEGRATED CIRCUIT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  UTC [Unisonic Technologies]
Site Internet  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BA9741A Fiches technique(HTML) 5 Page - Unisonic Technologies

  BA9741A Datasheet HTML 1Page - Unisonic Technologies BA9741A Datasheet HTML 2Page - Unisonic Technologies BA9741A Datasheet HTML 3Page - Unisonic Technologies BA9741A Datasheet HTML 4Page - Unisonic Technologies BA9741A Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
UTCBA9741A LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD. 5
QW-R103-019,A
ELECTRICAL CHARACTERISTIC CURVES
-40
-20
020
40
2.0
-2.0
Ambient Temperature : Ta (℃)
Figure 2. Reference Voltage vs.Ambient Temperature
-1.5
100
1K
10K
100K
1M
-30
-50
-40
Frequency :f (Hz)
Av
2.2
2.0
10K
100K
1M
Figure 3. Swing Voltage vs. Frequency
1.2
Figure 5. Error Amplifier AC Gain Characteristic (40dB close)
VCC =6V
RT1=10KΩ
Upper Voltage
Lower Voltage
60
80
100
-1.0
-0.5
0
0.5
1.0
1.5
VCC=6V
Iref = -1mA
1.8
1.6
1.4
0
20
40
60
80
0
Output Current :Io (mA)
Figure4. Output Current vs.Output Saturation Voltage
0.2
100 120 140
0.4
0.6
0.8
1.0
1.2
-20
-10
0
10
20
30
40
50
180
90
0
-90
-180
θ
Oscillator Frequency :fosc (Hz)
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Numéro de pièce similaire - BA9741A

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
BA9741 UTC-BA9741 Datasheet
142Kb / 5P
   TWO-CHANNEL SWITCHING REGULATOR CONTORLLER
logo
E-Tech Electronics LTD
BA9741 ETL-BA9741 Datasheet
146Kb / 5P
   TWO-CHANNEL SWITCHING REGULATOR CONTORLLER
logo
Rohm
BA9741 ROHM-BA9741 Datasheet
214Kb / 6P
   2-ch Switching Regulator Controller
BA9741F ROHM-BA9741F Datasheet
110Kb / 5P
   Two-channel switching regulator controller
BA9741F ROHM-BA9741F Datasheet
214Kb / 6P
   2-ch Switching Regulator Controller
More results

Description similaire - BA9741A

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
KA2804 SAMSUNG-KA2804 Datasheet
73Kb / 3P
   LINEAR INTEGRATED CIRCUIT
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA Datasheet
167Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2212 SAMSUNG-KA2212 Datasheet
167Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
129Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Samsung semiconductor
KA2655 SAMSUNG-KA2655 Datasheet
147Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
List of Unclassifed Man...
TA7342P ETC-TA7342P Datasheet
70Kb / 3P
   LINEAR INTEGRATED CIRCUIT
TA7613AP ETC-TA7613AP Datasheet
45Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
M4565 UTC-M4565 Datasheet
127Kb / 4P
   LINEAR INTEGRATED CIRCUIT
TA31142 UTC-TA31142 Datasheet
53Kb / 6P
   LINEAR INTEGRATED CIRCUIT
logo
Leshan Radio Company
LTL432ALT1G LRC-LTL432ALT1G_15 Datasheet
125Kb / 4P
   LINEAR INTEGRATED CIRCUIT
logo
Unisonic Technologies
UTA31101L-D16-T UTC-UTA31101L-D16-T Datasheet
335Kb / 7P
   LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com