Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AME431BAJEVA12Z Fiches technique(PDF) 5 Page - Analog Microelectronics

No de pièce AME431BAJEVA12Z
Description  Adjustable Precision Shunt Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AME [Analog Microelectronics]
Site Internet  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME431BAJEVA12Z Fiches technique(HTML) 5 Page - Analog Microelectronics

  AME431BAJEVA12Z Datasheet HTML 1Page - Analog Microelectronics AME431BAJEVA12Z Datasheet HTML 2Page - Analog Microelectronics AME431BAJEVA12Z Datasheet HTML 3Page - Analog Microelectronics AME431BAJEVA12Z Datasheet HTML 4Page - Analog Microelectronics AME431BAJEVA12Z Datasheet HTML 5Page - Analog Microelectronics AME431BAJEVA12Z Datasheet HTML 6Page - Analog Microelectronics AME431BAJEVA12Z Datasheet HTML 7Page - Analog Microelectronics AME431BAJEVA12Z Datasheet HTML 8Page - Analog Microelectronics AME431BAJEVA12Z Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
AME, Inc.
5
AME431B
Adjustable Precision Shunt Regulator
n Ordering Information
A
1. Cathode
J: -40OC to 125OC
A: TO-92
A: 8
A: 0.5%
12: 1.24V
L: Low profile
(SOT-23)
2. REF
E: SOT-2X
T: 3
B: 1.0%
25: 2.5V
Y: Lead free &
3. Anode
F: SOT-89
V: 5
Low profile
H: SO-8
Z: Lead free
B
1. REF
(SOT-23)
2. Cathode
3. Anode
A
1. REF
(SOT-89)
2. Anode
3. Cathode
A
1. REF
(TO-92-3)
2. Anode
3. Cathode
A
1. Cathode
(SO-8)
2. Anode
3. Anode
4. NC
5. NC
6. Anode
7. Anode
8. REF
A
1. NC
(SOT-25)
2. NC
3. Cathode
4. REF
5. Anode
Accuracy
Special Feature
Pin
Configuration
Reference
Voltage
Operating
Temperature
Range
Package Type
Number
of
Pins
Operating Temperature Range
Number of Pins
Package Type
Pin Configuration
Special Feature
431B x x x x x x x
Reference Voltage
Accuracy


Numéro de pièce similaire - AME431BAJEVA12Z

FabricantNo de pièceFiches techniqueDescription
logo
Analog Microelectronics
AME431BAJEVA12Z AME-AME431BAJEVA12Z Datasheet
269Kb / 22P
   Adjustable Precision Shunt Regulator
More results

Description similaire - AME431BAJEVA12Z

FabricantNo de pièceFiches techniqueDescription
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com