Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AME5138AEEVADJZ Fiches technique(PDF) 3 Page - Analog Microelectronics

No de pièce AME5138AEEVADJZ
Description  Micropower Step-Up DC/DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AME [Analog Microelectronics]
Site Internet  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME5138AEEVADJZ Fiches technique(HTML) 3 Page - Analog Microelectronics

  AME5138AEEVADJZ Datasheet HTML 1Page - Analog Microelectronics AME5138AEEVADJZ Datasheet HTML 2Page - Analog Microelectronics AME5138AEEVADJZ Datasheet HTML 3Page - Analog Microelectronics AME5138AEEVADJZ Datasheet HTML 4Page - Analog Microelectronics AME5138AEEVADJZ Datasheet HTML 5Page - Analog Microelectronics AME5138AEEVADJZ Datasheet HTML 6Page - Analog Microelectronics AME5138AEEVADJZ Datasheet HTML 7Page - Analog Microelectronics AME5138AEEVADJZ Datasheet HTML 8Page - Analog Microelectronics AME5138AEEVADJZ Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AME, Inc.
3
AME5138
Micropower Step-Up
DC/DC Converter
AME5138
1. SW
2. GND
3. FB
4. EN
5. V
IN
* Die Attach:
Conductive Epoxy
SOT-25
Top View
n Pin Configuration
n Pin Description
1
3
2
5
4
AME5138
Pin Number
Pin Name
Pin Description
1
SW
Power Switch input.
This is the drain of the internal NMOS power switch. Minimize the metal
trace area connected to this pin to minimize EMI.
2
GND
Ground.
Tie directly to ground plane.
3
FB
Output voltage feedback input.
Set the output voltage by selecting values for R1 and R2 using:
Connect the ground of the feedback network to an AGND(Analog Ground)
plane which should be tied directly to the GND pin.
4
EN
Shutdown control input, active low.
The shutdown pin is an active low control. Tie this pin above 1V to enable
the device. Tie this pin below 0.4V to turn off the device.
5
VIN
Analog and Power input.
Input Supply Pin. Bypassed this pin with a capacitor as close to the device
as possible.


=
1
23
.
1
2
1
V
V
R
R
out


Numéro de pièce similaire - AME5138AEEVADJZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Microelectronics
AME5130 AME-AME5130 Datasheet
511Kb / 16P
   Micropower Step-Up DC/DC Converter
AME5130 AME-AME5130 Datasheet
550Kb / 16P
   Micropower Step-Up DC/DC Converter
AME5130AEEVADJ AME-AME5130AEEVADJ Datasheet
511Kb / 16P
   Micropower Step-Up DC/DC Converter
AME5130AEEVADJZ AME-AME5130AEEVADJZ Datasheet
511Kb / 16P
   Micropower Step-Up DC/DC Converter
AME5130AEEVADJZ AME-AME5130AEEVADJZ Datasheet
550Kb / 16P
   Micropower Step-Up DC/DC Converter
More results

Description similaire - AME5138AEEVADJZ

FabricantNo de pièceFiches techniqueDescription
logo
Aimtron Technology
AT1303 AIMTRON-AT1303 Datasheet
205Kb / 10P
   MICROPOWER STEP UP DC/DC CONVERTER
logo
Analog Microelectronics
AME5130 AME-AME5130_1 Datasheet
550Kb / 16P
   Micropower Step-Up DC/DC Converter
AME5130 AME-AME5130 Datasheet
511Kb / 16P
   Micropower Step-Up DC/DC Converter
logo
Taiwan Memory Technolog...
T6309B TMT-T6309B Datasheet
131Kb / 11P
   Micropower Step-up DC/DC Converter
T6309A TMT-T6309A Datasheet
364Kb / 13P
   Micropower Step-up DC/DC Converter
logo
STMicroelectronics
ST5R00 STMICROELECTRONICS-ST5R00 Datasheet
680Kb / 15P
   MICROPOWER VFM STEP-UP DC/DC CONVERTER
logo
Advanced Power Electron...
APE2903 A-POWER-APE2903 Datasheet
100Kb / 7P
   MICROPOWER VFM STEP-UP DC/DC CONVERTER
logo
Linear Technology
LT1944 LINER-LT1944 Datasheet
164Kb / 8P
   Dual Micropower Step-Up DC/DC Converter
logo
Advanced Power Electron...
APE2902 A-POWER-APE2902 Datasheet
350Kb / 8P
   MICROPOWER VFM STEP-UP DC/DC CONVERTER
logo
Linear Technology
LT1944-1 LINER-LT1944-1 Datasheet
161Kb / 8P
   Dual Micropower Step-Up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com