Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AME4620BEIYZ Fiches technique(PDF) 9 Page - Analog Microelectronics

No de pièce AME4620BEIYZ
Description  1-Ohm Low Voltage SPDT Analog Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AME [Analog Microelectronics]
Site Internet  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME4620BEIYZ Fiches technique(HTML) 9 Page - Analog Microelectronics

Back Button AME4620BEIYZ Datasheet HTML 4Page - Analog Microelectronics AME4620BEIYZ Datasheet HTML 5Page - Analog Microelectronics AME4620BEIYZ Datasheet HTML 6Page - Analog Microelectronics AME4620BEIYZ Datasheet HTML 7Page - Analog Microelectronics AME4620BEIYZ Datasheet HTML 8Page - Analog Microelectronics AME4620BEIYZ Datasheet HTML 9Page - Analog Microelectronics AME4620BEIYZ Datasheet HTML 10Page - Analog Microelectronics AME4620BEIYZ Datasheet HTML 11Page - Analog Microelectronics AME4620BEIYZ Datasheet HTML 12Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AME, Inc.
9
AME4620
1-Ohm Low Voltage
SPDT Analog Switch
0
10
20
30
40
50
60
-40
-20
0
20
40
60
80
oC
Temperature (
)
t
ON
t
OFF
V+ = 5V
V
NO or VNC = 3V
TURN-ON/OFF Times vs. Temperature


Numéro de pièce similaire - AME4620BEIYZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Microelectronics
AME4620 AME-AME4620 Datasheet
133Kb / 15P
   1-Ohm Low Voltage SPDT Analog Switch
AME4620AEIYZ AME-AME4620AEIYZ Datasheet
133Kb / 15P
   1-Ohm Low Voltage SPDT Analog Switch
AME4620 AME-AME4620_1 Datasheet
133Kb / 15P
   1-Ohm Low Voltage SPDT Analog Switch
More results

Description similaire - AME4620BEIYZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Microelectronics
AME4620 AME-AME4620_1 Datasheet
133Kb / 15P
   1-Ohm Low Voltage SPDT Analog Switch
AME4624 AME-AME4624 Datasheet
153Kb / 15P
   1-Ohm Low Voltage SPDT Analog Switch
AME4621 AME-AME4621 Datasheet
70Kb / 12P
   1-Ohm Low Voltage Dual SPDT Analog Switch
logo
Union Semiconductor, In...
UM4157 UNIONSEMI-UM4157_14 Datasheet
285Kb / 10P
   0.8(OHM) Low-Voltage SPDT Analog Switch
logo
Fairchild Semiconductor
FSA5157 FAIRCHILD-FSA5157 Datasheet
363Kb / 11P
   0.4-ohm Low Voltage SPDT Analog Switch
logo
Pericom Semiconductor C...
PI5A4158 PERICOM-PI5A4158 Datasheet
360Kb / 8P
   Low Voltage SPDT 0.8(ohm) Analog Switch
logo
Vishay Siliconix
DG2711 VISHAY-DG2711_10 Datasheet
102Kb / 9P
   Low-Voltage, Sub-Ohm, SPDT Analog Switch
Rev. C, 25-Oct-10
DG2711 VISHAY-DG2711 Datasheet
127Kb / 8P
   Low-Voltage, Sub-Ohm, SPDT Analog Switch
Rev. A, 15-Nov-04
DG2711 VISHAY-DG2711_08 Datasheet
110Kb / 8P
   Low-Voltage, Sub-Ohm, SPDT Analog Switch
Rev. B, 30-Apr-07
logo
Pericom Semiconductor C...
PI5A4157 PERICOM-PI5A4157 Datasheet
511Kb / 10P
   Low Voltage SPDT 0.8(ohm) Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com