Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AME431BAJETA12L Fiches technique(PDF) 6 Page - Analog Microelectronics

No de pièce AME431BAJETA12L
Description  Adjustable Precision Shunt Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AME [Analog Microelectronics]
Site Internet  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME431BAJETA12L Fiches technique(HTML) 6 Page - Analog Microelectronics

Back Button AME431BAJETA12L Datasheet HTML 2Page - Analog Microelectronics AME431BAJETA12L Datasheet HTML 3Page - Analog Microelectronics AME431BAJETA12L Datasheet HTML 4Page - Analog Microelectronics AME431BAJETA12L Datasheet HTML 5Page - Analog Microelectronics AME431BAJETA12L Datasheet HTML 6Page - Analog Microelectronics AME431BAJETA12L Datasheet HTML 7Page - Analog Microelectronics AME431BAJETA12L Datasheet HTML 8Page - Analog Microelectronics AME431BAJETA12L Datasheet HTML 9Page - Analog Microelectronics AME431BAJETA12L Datasheet HTML 10Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
AME, Inc.
6
Adjustable Precision Shunt Regulator
AME431B
n Ordering Information (contd.)
Note: yyww & ww represents the date code
* A line on top of the first letter represents lead free plating such as AZN
Please consult AME sales office or authorized Rep./Distributor for output voltage and package type availability.
Part Number
Marking*
Reference Voltage Accuracy Package
Temp. Range
AME431BAJETA12
AZNww
1.24V
0.5%
SOT-23
- 40
oC to + 125oC
AME431BAJETA12L
AZNww
1.24V
0.5%
SOT-23
- 40
oC to + 125oC
AME431BAJETA12Y
AZNww
1.24V
0.5%
SOT-23
- 40
oC to + 125oC
AME431BAJETA12Z
AZNww
1.24V
0.5%
SOT-23
- 40
oC to + 125oC
AME431BAJETB12
AZOww
1.24V
1.0%
SOT-23
- 40
oC to + 125oC
AME431BAJETB12L
AZOww
1.24V
1.0%
SOT-23
- 40
oC to + 125oC
AME431BAJETB12Y
AZOww
1.24V
1.0%
SOT-23
- 40
oC to + 125oC
AME431BAJETB12Z
AZOww
1.24V
1.0%
SOT-23
- 40
oC to + 125oC
AME431BBJETA12
AZPww
1.24V
0.5%
SOT-23
- 40
oC to + 125oC
AME431BBJETA12L
AZPww
1.24V
0.5%
SOT-23
- 40
oC to + 125oC
AME431BBJETA12Y
AZPww
1.24V
0.5%
SOT-23
- 40
oC to + 125oC
AME431BBJETA12Z
AZPww
1.24V
0.5%
SOT-23
- 40
oC to + 125oC
AME431BBJETB12
AZQww
1.24V
1.0%
SOT-23
- 40
oC to + 125oC
AME431BBJETB12L
AZQww
1.24V
1.0%
SOT-23
- 40
oC to + 125oC
AME431BBJETB12Y
AZQww
1.24V
1.0%
SOT-23
- 40
oC to + 125oC
AME431BBJETB12Z
AZQww
1.24V
1.0%
SOT-23
- 40
oC to + 125oC
* Package Options
Part Number
Package
Lead Pitch
AME431BXEAX
TO-92 Taping
5.04mm
AME431BXEAX-1
TO-92 Bulk
2.54mm


Numéro de pièce similaire - AME431BAJETA12L

FabricantNo de pièceFiches techniqueDescription
logo
Analog Microelectronics
AME431BAJETA12L AME-AME431BAJETA12L Datasheet
269Kb / 22P
   Adjustable Precision Shunt Regulator
More results

Description similaire - AME431BAJETA12L

FabricantNo de pièceFiches techniqueDescription
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com