Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AME431B Fiches technique(PDF) 11 Page - Analog Microelectronics

No de pièce AME431B
Description  Adjustable Precision Shunt Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AME [Analog Microelectronics]
Site Internet  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME431B Fiches technique(HTML) 11 Page - Analog Microelectronics

Back Button AME431B Datasheet HTML 7Page - Analog Microelectronics AME431B Datasheet HTML 8Page - Analog Microelectronics AME431B Datasheet HTML 9Page - Analog Microelectronics AME431B Datasheet HTML 10Page - Analog Microelectronics AME431B Datasheet HTML 11Page - Analog Microelectronics AME431B Datasheet HTML 12Page - Analog Microelectronics AME431B Datasheet HTML 13Page - Analog Microelectronics AME431B Datasheet HTML 14Page - Analog Microelectronics AME431B Datasheet HTML 15Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
AME, Inc.
11
AME431B
Adjustable Precision Shunt Regulator
Test
Circuit
Symbol
Min
Typ
Max
Units
0.5%
1.234 1.240
1.246
1.0%
1.228 1.240 1.252
VKA = VREF
0
oC ~ +70oC
-
2
10
IKA=10mA
-40
oC ~ +85oC
-
3
10
∆V
KA =
5V to VREF
-
-0.5
-1.5
∆V
KA =
16V to 5V
-
-0.5
-1.5
2
IREF
-
0.15
0.4
µA
2
∆I
REF
-
0.1
0.4
µA
1
IKA
(MIN)
-
55
80
µA
Off-State Cathode Current
3
IKA
(OFF)
-
0.04
0.1
µA
1
ZKA
-
0.05
0.15
VKA=18V, VREF=0V
IKA=10mA
R1=10K
Ω, R2=
1
∆V
REF
Test Condition
Reference Input Current
Deviation of Reference Voltge Over
Temperature
VKA - VREF, IKA=10mA
VKA = VREF, IKA=1 to 100mA
F<1KHz
R1=10K
Ω, R2=
IKA=10mA
TA= -40
oC ~ +85oC
VKA=VREF
Parameter
Dynamic Impendance
Minimum Cathode Current for
Regulation
Deviation of Reference Current
Over Full Temperature Range
V
IKA=10mA
Ratio of Change in Reference
Voltage to the Change in Cathode
Voltage
2
∆V
REF
∆V
KA
mV/V
Reference Voltage
1
VREF
mV
n Electrical Specifications (AME431Bxxxxx12)
TA = 250C, I
REF=10mA unless otherwise specified


Numéro de pièce similaire - AME431B

FabricantNo de pièceFiches techniqueDescription
logo
Analog Microelectronics
AME431B-1.24V AME-AME431B-1.24V Datasheet
269Kb / 22P
   Adjustable Precision Shunt Regulator
AME431B-2.5V AME-AME431B-2.5V Datasheet
205Kb / 22P
   Adjustable Precision Shunt Regulator
AME431BAJATA12Z AME-AME431BAJATA12Z Datasheet
269Kb / 22P
   Adjustable Precision Shunt Regulator
AME431BAJATA12Z-1 AME-AME431BAJATA12Z-1 Datasheet
269Kb / 22P
   Adjustable Precision Shunt Regulator
AME431BAJATA25Z AME-AME431BAJATA25Z Datasheet
205Kb / 22P
   Adjustable Precision Shunt Regulator
More results

Description similaire - AME431B

FabricantNo de pièceFiches techniqueDescription
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com