Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


IW4060B Datasheet(Fiches technique) 1 Page - Integral Corp.

Numéro de pièce IW4060B
Description  14-Stage Ripple-Carry Binary Counter/Divider and Oscillator High-Voltage Silicon-Gate CMOS
Télécharger  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  INTEGRAL [Integral Corp.]
Site Internet  http://www.iksemi.com/
Logo 

   
 1 page
background image
TECHNICAL DATA
115
14-Stage Ripple-Carry Binary
Counter/Divider and Oscillator
High-Voltage Silicon-Gate CMOS
The IW4060B consists of an oscillator section and 14 ripple-carry
binary counter stages. The oscillator configuration allows design of
either RC or crystal oscillator circuits. A RESET input is provided
which resets the counter to the all-Q’s state and disables the oscillator.
A high level on the RESET line accomplishes the reset function. All
counter stages are master-slave flip-flops. The state of the counter is
advanced one step in binary order on the negative transition of OSC In
(and OSC Out). Schmitt trigger action on the input-pulse line permits
unlimited input-pulse rise and fall times.
• Operating Voltage Range: 3.0 to 18 V
• Maximum input current of 1 µA at 18 V over full package-
temperature range; 100 nA at 18 V and 25
°C
• Noise margin (over full package temperature range):
1.0 V min @ 5.0 V supply
2.0 V min @ 10.0 V supply
2.5 V min @ 15.0 V supply
IW4060B
ORDERING INFORMATION
IW4060BN Plastic
IW4060BD SOIC
TA = -55° to 125° C for all
packages
PIN ASSIGNMENT
FUNCTION TABLE
Inputs
Outputs
Osc In
Reset
Q
L
No change
L
Advance to
next state
X
H
All Outputs
are low
X = don’t care
LOGIC DIAGRAM
PIN 16=VCC
PIN 8= GND




Html Pages

1  2  3  4  5 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
SL4060B14-Stage Ripple-Carry Binary Counter/Divider and Oscillator 1 2 3 4 5 System Logic Semiconductor
HEC4060BMSI 14-stage ripple-carry binary counter/divider and oscillator 1 2 3 4 5 MoreNXP Semiconductors
HEF4060B14-stage ripple-carry binary counter/divider and oscillator 1 2 3 4 5 MoreNXP Semiconductors
CD4060BCMOS 14-STAGE RIPPLE-CARRY BINARY COUNTER/DIVIDER AND OSCLLLATOR 1 2 3 4 5 Texas Instruments
CD4060BMSCMOS 14 Stage Ripple-Carry Binary Counter/Divider and Oscillator 1 2 3 4 5 MoreIntersil Corporation
CD54HC4060High-Speed CMOS Logic 14-Stage Binary Counter with Oscillator 1 2 3 4 5 MoreTexas Instruments
HCC4060BCOUNTER/DIVIDER AND OSCILLATOR 14-STAGE RIPPLE CARRY BINARY 1 2 3 4 5 MoreSTMicroelectronics
CD74HC4060High Speed CMOS Logic 14-Stage Binary Counter with Oscillator 1 2 3 4 5 MoreTexas Instruments
IN74AC74Dual D Flip-Flop with Set and Reset High-Speed Silicon-Gate CMOS 1 2 3 4 5 Integral Corp.
MMC406014 STAGE RIPPLE CARRY BINARY COUNTER / DIVIDER AND OSCILLATOR 1 2 3 4 Micro Electronics

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl