Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRFB4103PBF Fiches technique(PDF) 5 Page - International Rectifier

No de pièce IRFB4103PBF
Description  DIGITAL AUDIO MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRFB4103PBF Fiches technique(HTML) 5 Page - International Rectifier

  IRFB4103PBF Datasheet HTML 1Page - International Rectifier IRFB4103PBF Datasheet HTML 2Page - International Rectifier IRFB4103PBF Datasheet HTML 3Page - International Rectifier IRFB4103PBF Datasheet HTML 4Page - International Rectifier IRFB4103PBF Datasheet HTML 5Page - International Rectifier IRFB4103PBF Datasheet HTML 6Page - International Rectifier IRFB4103PBF Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
IRFB4103PbF
www.irf.com
5
Fig 13. Maximum Avalanche Energy Vs. Drain Current
Fig 12. On-Resistance Vs. Gate Voltage
Fig 14. Typical Avalanche Current Vs.Pulsewidth
Fig 15. Maximum Avalanche Energy Vs. Temperature
Notes on Repetitive Avalanche Curves , Figures 14, 15:
(For further info, see AN-1005 at www.irf.com)
1. Avalanche failures assumption:
Purely a thermal phenomenon and failure occurs at a
temperature far in excess of Tjmax. This is validated for
every part type.
2. Safe operation in Avalanche is allowed as long asTjmax is
not exceeded.
3. Equation below based on circuit and waveforms shown in
Figures 17a, 17b.
4. PD (ave) = Average power dissipation per single
avalanche pulse.
5. BV = Rated breakdown voltage (1.3 factor accounts for
voltage increase during avalanche).
6. Iav = Allowable avalanche current.
7.
∆T = Allowable rise in junction temperature, not to exceed
Tjmax (assumed as 25°C in Figure 14, 15).
tav = Average time in avalanche.
D = Duty cycle in avalanche = tav ·f
ZthJC(D, tav) = Transient thermal resistance, see figure 11)
PD (ave) = 1/2 ( 1.3·BV·Iav) = DT/ ZthJC
Iav = 2DT/ [1.3·BV·Zth]
EAS (AR) = PD (ave)·tav
25
50
75
100
125
150
175
Starting TJ, Junction Temperature (°C)
0
100
200
300
400
500
600
I D
TOP
3.7A
6.2A
BOTTOM
12A
1.0E-06
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
tav (sec)
0.1
1
10
100
0.05
Duty Cycle = Single Pulse
0.10
Allowed avalanche Current vs
avalanche
pulsewidth,
tav
assuming
∆Tj = 25°C due to
avalanche losses. Note: In no
case should Tj be allowed to
exceed Tjmax
0.01
25
50
75
100
125
150
175
Starting TJ , Junction Temperature (°C)
0
20
40
60
80
100
120
140
TOP
Single Pulse
BOTTOM 1% Duty Cycle
ID = 12A
6.0
8.0
10.0
12.0
14.0
16.0
18.0
VGS, Gate-to-Source Voltage (V)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
TJ = 25°C
TJ = 125°C
ID = 12A


Numéro de pièce similaire - IRFB4103PBF

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
IRFB4110 ISC-IRFB4110 Datasheet
137Kb / 2P
   isc N-Channel Mosfet Transistor
logo
Guangdong Youtai Semico...
IRFB4110 UMW-IRFB4110 Datasheet
843Kb / 9P
   100 V N-Channel MOSFET
logo
Inchange Semiconductor ...
IRFB4110G ISC-IRFB4110G Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRFB4110GPBF IRF-IRFB4110GPBF Datasheet
308Kb / 8P
   HEXFET Power MOSFET
IRFB4110PBF IRF-IRFB4110PBF Datasheet
710Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
More results

Description similaire - IRFB4103PBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRLR4343PBF IRF-IRLR4343PBF Datasheet
306Kb / 11P
   DIGITAL AUDIO MOSFET
IRFSL5620PBF IRF-IRFSL5620PBF Datasheet
338Kb / 9P
   DIGITAL AUDIO MOSFET
IRFSL5615PBF IRF-IRFSL5615PBF Datasheet
351Kb / 9P
   DIGITAL AUDIO MOSFET
IRF6785MTRPBF IRF-IRF6785MTRPBF Datasheet
604Kb / 9P
   DIGITAL AUDIO MOSFET
IRLIB4343 IRF-IRLIB4343 Datasheet
239Kb / 7P
   DIGITAL AUDIO MOSFET
IRLIB9343PBF IRF-IRLIB9343PBF Datasheet
208Kb / 7P
   DIGITAL AUDIO MOSFET
IRLR9343PBF IRF-IRLR9343PBF Datasheet
299Kb / 10P
   DIGITAL AUDIO MOSFET
IRFI4019H-117P IRF-IRFI4019H-117P Datasheet
286Kb / 7P
   DIGITAL AUDIO MOSFET
IRFS5620PBF IRF-IRFS5620PBF Datasheet
338Kb / 9P
   DIGITAL AUDIO MOSFET
IRFB5620PBF IRF-IRFB5620PBF Datasheet
274Kb / 7P
   DIGITAL AUDIO MOSFET
IRLIB9343 IRF-IRLIB9343 Datasheet
190Kb / 7P
   DIGITAL AUDIO MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com