Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MCA1-60MH Fiches technique(PDF) 1 Page - Mini-Circuits

No de pièce MCA1-60MH
Description  Frequency Mixer WIDE BAND
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MINI [Mini-Circuits]
Site Internet  http://www.minicircuits.com
Logo MINI - Mini-Circuits

MCA1-60MH Fiches technique(HTML) 1 Page - Mini-Circuits

  MCA1-60MH Datasheet HTML 1Page - Mini-Circuits MCA1-60MH Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Mixer Electrical Specifications (TAMB=-55°C to 100°C)
1dB Compr.: +9 dBm typ.
E= [IP3(dBm)-LO Power(dBm)]/10
• Conversion loss at 30 MHz IF, increases with IF frequency. See Graphs
LO-RF ISOLATION
(dB)
LO-IF ISOLATION
(dB)
Max.
CONVERSIONLOSS
(dB)
_
x
FREQUENCY
(MHz)
IF
LO/RF
f
L- fU
σσσσσ
IP3@
center
band
Typ.
(dBm)
Typ. Min.
E
FACTOR
MCA1-60MH+
1600-4400
DC-2000
6.9
0.1
8.5*
32
25
17
15
0.2
4400-6000
DC-2000
6.0
0.1
8.5*
22
18
15
15
0.2
Typ. Min.
MODEL
NO.
Maximum Ratings
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
RF Power
200mW
IF Current
40mA
Pin Connections
LO
10
RF
5
IF
3
GROUND
1,2,4,6,7,8,9
Outline Drawing
Features
Applications
• low conversion loss, 6.2 dB typ.
• wide bandwidth, 1600 to 6000 MHz
• useable to 8 GHz
• IF, DC to 2000 MHz
• LTCC double balanced mixer
• aqueous washable
• low cost
• low profile, 0.08"
CASE STYLE: DZ885
PRICE: $8.95 ea. QTY (10-49)
(Patent pending)
• PCN
• defense & weather radar
• WCDMA
• defense communications
Demo Board MCL P/N: TB-144
Suggested PCB Layout (PL-045)
Outline Dimensions (
)
inch
mm
A
B
C
D
E
F
G
. 3 0
. 250
. 085
. 274
. 050
. 0 5 0
. 012
7. 62
6. 35
2 . 16
6. 96
1. 27
1. 2 7
0. 30
HJ
K
L
M
w t
. 057
. 004
. 085
. 296
. 030
gram s
1. 45
0. 10
2 . 16
7. 52
0. 76
0. 25
+ RoHS compliant in accordance
with EU Directive (2002/95/EC)
The +suffix has been added in order to identify RoHS
Compliance. There has been no change to the model's
material, form, fit, or function. See our web site for RoHS
Compliance methodologies and qualifications.
MCA1-60MH+
Level 13 (LO Power +13 dBm) 1600 to 6000 MHz
Frequency Mixer WIDEBAND
Ceramic
REV. C
M98898
ED-10107/15
MCA1-60MH+
DJ/TD/CP
050914
Page 1 of 2
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers
NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
Mini-Circuits ISO 9001 & ISO 14001 Certified


Numéro de pièce similaire - MCA1-60MH

FabricantNo de pièceFiches techniqueDescription
logo
Mini-Circuits
MCA1-60 MINI-MCA1-60 Datasheet
191Kb / 2P
   Ceramic Frequency Mixer WIDE BAND
MCA1-60++ MINI-MCA1-60+ Datasheet
191Kb / 2P
   Ceramic Frequency Mixer WIDE BAND
MCA1-60++ MINI-MCA1-60+ Datasheet
261Kb / 1P
   FREQUENCY MIXERS
MCA1-60LH MINI-MCA1-60LH Datasheet
166Kb / 2P
   Frequency Mixer WIDE BAND - Level 10 (LO Power 10 dBm) 1700 to 6000 MHz
MCA1-60LH++ MINI-MCA1-60LH+ Datasheet
261Kb / 1P
   FREQUENCY MIXERS
More results

Description similaire - MCA1-60MH

FabricantNo de pièceFiches techniqueDescription
logo
Mini-Circuits
SIM-63LH MINI-SIM-63LH Datasheet
434Kb / 2P
   Frequency Mixer wide band
SIM-43MH MINI-SIM-43MH Datasheet
348Kb / 2P
   Frequency Mixer wide band
ZX05-14H MINI-ZX05-14H Datasheet
312Kb / 2P
   Frequency Mixer wide band
ZX05-762H MINI-ZX05-762H Datasheet
300Kb / 2P
   Frequency Mixer wide band
MCA1-80MH MINI-MCA1-80MH Datasheet
143Kb / 2P
   Frequency Mixer WIDE BAND
SIM-722MH MINI-SIM-722MH Datasheet
349Kb / 2P
   Frequency Mixer wide band
SIM-792LH MINI-SIM-792LH Datasheet
354Kb / 2P
   Frequency Mixer wide band
SIM-24MH MINI-SIM-24MH Datasheet
371Kb / 2P
   Frequency Mixer wide band
SIM-153MH MINI-SIM-153MH Datasheet
389Kb / 2P
   Frequency Mixer wide band
ZX05-14 MINI-ZX05-14 Datasheet
276Kb / 2P
   Frequency Mixer wide band
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com