Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PD10NG-1224Z21 Fiches technique(PDF) 1 Page - PEAK electronics GmbH

No de pièce PD10NG-1224Z21
Description  PD10NG-XXXXZ2:1 1KV ISOLATED 2W REGULATED DUAL OUTPUT SIP8
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PEAK [PEAK electronics GmbH]
Site Internet  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

PD10NG-1224Z21 Fiches technique(HTML) 1 Page - PEAK electronics GmbH

  PD10NG-1224Z21 Datasheet HTML 1Page - PEAK electronics GmbH PD10NG-1224Z21 Datasheet HTML 2Page - PEAK electronics GmbH PD10NG-1224Z21 Datasheet HTML 3Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PD10NG-XXXXZ2:1 1KV ISOLATED 2W REGULATED DUAL OUTPUT SIP8
Electrical Specifications
(Typical at + 25℃ , nominal input voltage, rated output current unless otherwise specified)
Input Specifions
Voltage range
4.5-9, 9-18, 18-36 and 36-72 VDC Wide lnput
Filter
Capacitor type
lsolation Specifications
Rated voltage
1000 VDC
Resistance
1 GΩ
Capacitance
72PF
Output Specifications
Voltage accuracy
+/−2 %, typ.
Ripple and noise (at 20 MHz BW)
100 mV p-p, max.
Short circuit protection
Continuous, auto restart
Line voltage regulation
+/−0.2 % typ.
Load voltage regulation
+/−0.5 % typ.
load = 10 ~ 100%
Temperature coefficient
+
/−0.02 % / ℃
General Specifications
Efficiency
Continuous, auto restart
Switching frequency
75 KHz, typ.
Environmental Specifications
Operating temperature (ambient)
− 40 ℃ to + 80 ℃
Storage temperature
− 55 ℃ to + 125 ℃
Humidity
Up to 90 %, non condensing
Cooling
Free air convection
Physical Characteristics
Dimensions SIP
21.80 x 9.20 x 11.10 mm
Case material
Non conductive black plastic
Samples of Partnumbers
INPUT
VOLTAGE
(VDC)
INPUT
CURRENT
NO LOAD
(mA)
INPUT
CURRENT
FULL LOAD
(mA)
OUTPUT
VOLTAGE
(VDC)
OUTPUT
CURRENT
(max.mA)
PD10NG-053R3Z2:1
4.5 - 9
41
487
+/−
3.3
±
303
PD10NG-0505Z2:1
4.5 - 9
37
473
+/− 5
±
200
PD10NG-0509Z2:1
4.5 - 9
37
467
+/− 9
±
111
PD10NG-0512Z2:1
4.5 - 9
35
442
+/− 12
±
83
PD10NG-0515Z2:1
4.5 - 9
35
442
+/− 15
±
67
PD10NG-0524Z2:1
4.5 - 9
35
442
+/− 24
±
42
PD10NG-123R3Z2:1
9 - 18
24
237
+/− 3.3
±
303
PD10NG-1205Z2:1
9 - 18
23
227
+/− 5
±
200
PD10NG-1209Z2:1
9 - 18
22
213
+/− 9
±
111
PD10NG-1212Z2:1
9 - 18
22
213
+/− 12
±
83
PD10NG-1215Z2:1
9 - 18
22
213
+/− 15
±
67
PD10NG-1224Z2:1
9 - 18
22
213
+/− 24
±
42
PD10NG-243R3Z2:1
18 - 36
12
117
+/− 3.3
±
303
PD10NG-2405Z2:1
18 - 36
12
109
+/− 5
±
200
PD10NG-2409Z2:1
18 - 36
12
108
+/− 9
±
111
PD10NG-2412Z2:1
18 - 36
12
109
+/− 12
±
83
PD10NG-2415Z2:1
18 - 36
12
107
+/− 15
±
67
PD10NG-2424Z2:1
18 - 36
11
106
+/− 24
±
42
PD10NG-483R3Z2:1
36 - 72
8
58
+/− 3.3
±
303
PD10NG-4805Z2:1
36 - 72
6
54
+/− 5
±
200
PD10NG-4809Z2:1
36 - 72
7
53
+/− 9
±
111
PD10NG-4812Z2:1
36 - 72
6
52
+/− 12
±
83
PD10NG-4815Z2:1
36 - 72
6
52
+/− 15
±
67
PD10NG-4824Z2:1
36 - 72
6
52
+/− 24
±
42
80
80
72
77
78
80
77
76
77
78
78
78
71
76
70
73
76
78
71
75
75
75
PART
NO.
EFFICIENCY FULL LOAD
(% TYP.)
70
68
Telefon: +49 (0)6135 931069
Telefax: +49 (0)6135 931070
www.peak-electronics.de
info@peak-electronics.de


Numéro de pièce similaire - PD10NG-1224Z21

FabricantNo de pièceFiches techniqueDescription
logo
PEAK electronics GmbH
PD10NG-1224Z21H30 PEAK-PD10NG-1224Z21H30 Datasheet
67Kb / 3P
   PD10NG-XXXXZ2:1H30 3KV ISOLATED 2W REGULATED DUAL OUTPUT SIP8
More results

Description similaire - PD10NG-1224Z21

FabricantNo de pièceFiches techniqueDescription
logo
PEAK electronics GmbH
PD10NG-053R3Z21H30 PEAK-PD10NG-053R3Z21H30 Datasheet
67Kb / 3P
   PD10NG-XXXXZ2:1H30 3KV ISOLATED 2W REGULATED DUAL OUTPUT SIP8
PD10NG-053R3E21 PEAK-PD10NG-053R3E21 Datasheet
82Kb / 3P
   PD10NG-XXXXE2:1 1KV ISOLATED 2W REGULATED SINGLE OUTPUT SIP8
PD6NG-053R3Z21 PEAK-PD6NG-053R3Z21 Datasheet
66Kb / 3P
   PD6NG-XXXXZ2:1 1KV ISOLATED 1W REGULATED DUAL OUTPUT SIP8
PD10NG-053R3E21H30 PEAK-PD10NG-053R3E21H30 Datasheet
82Kb / 3P
   PD10NG-XXXXE2:1H30 3KV ISOLATED 2W REGULATED SINGLE OUTPUT SIP8
PD6NG-053R3E21 PEAK-PD6NG-053R3E21 Datasheet
82Kb / 3P
   PD6NG-XXXXE2:1 1KV ISOLATED 1W REGULATED SINGLE OUTPUT SIP8
PD6NG-053R3Z21H30 PEAK-PD6NG-053R3Z21H30 Datasheet
84Kb / 3P
   PD6NG-XXXXZ2:1H30 3KV ISOLATED 1W REGULATED DUAL OUTPUT SIP8
PB6FG-123R3Z21 PEAK-PB6FG-123R3Z21 Datasheet
218Kb / 2P
   1KV ISOLATED 1 W REGULATED DUAL OUTPUT DIP16
P10DU-0505Z PEAK-P10DU-0505Z Datasheet
264Kb / 2P
   1KV ISOLATED 2W UNREGULATED DUAL OUTPUT DIP14
P10CU-0505Z PEAK-P10CU-0505Z Datasheet
233Kb / 2P
   1KV ISOLATED 2W UNREGULATED DUAL OUTPUT SIP7
logo
Recom International Pow...
RSO-053.3S RECOM-RSO-053.3S Datasheet
91Kb / 3P
   1 Watt SIP8 Isolated Single & Dual Output
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com