Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST6G3238ETTR Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce ST6G3238ETTR
Description  Dual Supply Level Translator for SD/ MINISD/ T-FLASH With 짹8KV Contact Discharge ESD Protection
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6G3238ETTR Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button ST6G3238ETTR Datasheet HTML 7Page - STMicroelectronics ST6G3238ETTR Datasheet HTML 8Page - STMicroelectronics ST6G3238ETTR Datasheet HTML 9Page - STMicroelectronics ST6G3238ETTR Datasheet HTML 10Page - STMicroelectronics ST6G3238ETTR Datasheet HTML 11Page - STMicroelectronics ST6G3238ETTR Datasheet HTML 12Page - STMicroelectronics ST6G3238ETTR Datasheet HTML 13Page - STMicroelectronics ST6G3238ETTR Datasheet HTML 14Page - STMicroelectronics ST6G3238ETTR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
ST6G3238E
I/O and Test Circuit
11/17
6
I/O and Test Circuit
Figure 3.
Input and Output Equivalent Circuit
Figure 4.
Test Cicuit
Table 11.
Test Values
Test
Switch
tPLH, tPHL
Open
tPZL, tPLZ (VCC = 3.0 to 3.6V)
6V
tPZL, tPLZ (VCC = 2.3 to 2.7V or VCC = 1.6 to 1.95V)
2VCC
tPZH, tPHZ
GND


Numéro de pièce similaire - ST6G3238ETTR

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
ST6G3238E STMICROELECTRONICS-ST6G3238E Datasheet
257Kb / 19P
   Dual supply level translator for SD/ MINISD/ T-FLASH With 짹8KV contact discharge ESD protection
ST6G3238E STMICROELECTRONICS-ST6G3238E_06 Datasheet
257Kb / 19P
   Dual supply level translator for SD/ MINISD/ T-FLASH With 짹8KV contact discharge ESD protection
More results

Description similaire - ST6G3238ETTR

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
ST6G3238BE STMICROELECTRONICS-ST6G3238BE Datasheet
299Kb / 17P
   Dual supply level translator for SD/ MINISD/ T-FLASH With 짹8KV contact discharge ESD protection
ST6G3238E STMICROELECTRONICS-ST6G3238E_06 Datasheet
257Kb / 19P
   Dual supply level translator for SD/ MINISD/ T-FLASH With 짹8KV contact discharge ESD protection
ST6G3237 STMICROELECTRONICS-ST6G3237 Datasheet
214Kb / 17P
   Dual supply level translator for SD/ MINISD / T-FLASH
ST6G3237B STMICROELECTRONICS-ST6G3237B Datasheet
208Kb / 16P
   Dual supply level translator for SD/ MINISD / T-FLASH
ST6G3244ME STMICROELECTRONICS-ST6G3244ME Datasheet
662Kb / 27P
   Level translator for SD, SDIO, mini SD, and micro SD Cards with internal I/O supply and 짹15 kV ESD protection
November 2011 Rev 2
ST6G3240 STMICROELECTRONICS-ST6G3240 Datasheet
559Kb / 29P
   Dual supply level translator for dual memory cards (mini SD/micro SD managed NAND)
logo
NXP Semiconductors
NVT4858 NXP-NVT4858_V01 Datasheet
639Kb / 34P
   SD, SDIO, mini SD, micro SD and SIM card voltage level translator with EMI filter and ESD protection
Rev. 2.2 - 21 September 2022
NVT4858 NXP-NVT4858 Datasheet
455Kb / 26P
   SD, SDIO, mini SD, micro SD and SIM card voltage level translator with EMI filter and ESD protection
Rev. 1.0-21 April 2021
NVT4858 NXP-NVT4858_V02 Datasheet
638Kb / 33P
   SD, SDIO, mini SD, micro SD and SIM card voltage level translator with EMI filter and ESD protection
Rev. 2.3 - 8 May 2023
logo
Nexperia B.V. All right...
IP4856CX25 NEXPERIA-IP4856CX25 Datasheet
383Kb / 22P
   SD 3.0-compliant memory card integrated dual voltage level translator with EMI filter and ESD protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com