Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST6G3238E Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce ST6G3238E
Description  Dual Supply Level Translator for SD/ MINISD/ T-FLASH With 짹8KV Contact Discharge ESD Protection
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6G3238E Fiches technique(HTML) 7 Page - STMicroelectronics

Back Button ST6G3238E Datasheet HTML 3Page - STMicroelectronics ST6G3238E Datasheet HTML 4Page - STMicroelectronics ST6G3238E Datasheet HTML 5Page - STMicroelectronics ST6G3238E Datasheet HTML 6Page - STMicroelectronics ST6G3238E Datasheet HTML 7Page - STMicroelectronics ST6G3238E Datasheet HTML 8Page - STMicroelectronics ST6G3238E Datasheet HTML 9Page - STMicroelectronics ST6G3238E Datasheet HTML 10Page - STMicroelectronics ST6G3238E Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
ST6G3238E
Maximum Rating
7/17
4
Maximum Rating
Stressing the device above the rating listed in the “Absolute Maximum Ratings” table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the Operating sections of this
specification is not implied. Exposure to Absolute Maximum Rating conditions for extended
periods may affect device reliability. Refer also to the STMicroelectronics SURE Program and
other relevant quality documents.
Table 6.
Recommended Operating Conditions
Table 5.
Absolute Maximum Ratings
Symbol
Parameter
Value
Unit
VCCA
Supply Voltage
-0.5 to 4.6
V
VCCB
Supply Voltage
-0.5 to 4.6
V
VI
DC Input Voltage
-0.5 to 4.6
V
VI/OA
DC I/O Voltage (Output disabled)
-0.5 to 4.6
V
VI/OB
DC I/O Voltage (Output disabled)
-0.5 to 4.6
V
VI/OA
DC Output Voltage
-0.5 to VCCA + 0.5
V
VI/OB
DC Output Voltage
-0.5 to VCCB + 0.5
V
IIK
DC Input Diode Current
-20
mA
IOK
DC Output Diode Current
-50
mA
IOA
DC Output Current
±50
mA
IOB
DC Output Current
±50
mA
ICCA
DC VCC or Ground Current
±100
mA
ICCB
DC VCC or Ground Current
±100
mA
PD
Power Dissipation
400
mW
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature (10 sec)
260
°C
Symbol
Parameter
Value
Unit
VCCA
Supply Voltage
1.4 to VCCB
V
VCCB
Supply Voltage
1.4 to 3.6
V
VI
Input Voltage (CMD-dir/DAT0-dir/DAT123-dir)
0 to VCCA
V
VI/OA
I/O Voltage
0 to VCCA
V
VI/OB
I/O Voltage
0 to VCCB
V
Top
Operating Temperature
-40 to +85
°C
dt/dv
Input Rise and Fall Time (1)
1.
VIN from 0.8V to 2.0V at VCC = 3.0V
0 to 10
ns/V


Numéro de pièce similaire - ST6G3238E

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
ST6G3238E STMICROELECTRONICS-ST6G3238E Datasheet
257Kb / 19P
   Dual supply level translator for SD/ MINISD/ T-FLASH With 짹8KV contact discharge ESD protection
ST6G3238E STMICROELECTRONICS-ST6G3238E_06 Datasheet
257Kb / 19P
   Dual supply level translator for SD/ MINISD/ T-FLASH With 짹8KV contact discharge ESD protection
More results

Description similaire - ST6G3238E

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
ST6G3238BE STMICROELECTRONICS-ST6G3238BE Datasheet
299Kb / 17P
   Dual supply level translator for SD/ MINISD/ T-FLASH With 짹8KV contact discharge ESD protection
ST6G3238E STMICROELECTRONICS-ST6G3238E_06 Datasheet
257Kb / 19P
   Dual supply level translator for SD/ MINISD/ T-FLASH With 짹8KV contact discharge ESD protection
ST6G3237 STMICROELECTRONICS-ST6G3237 Datasheet
214Kb / 17P
   Dual supply level translator for SD/ MINISD / T-FLASH
ST6G3237B STMICROELECTRONICS-ST6G3237B Datasheet
208Kb / 16P
   Dual supply level translator for SD/ MINISD / T-FLASH
ST6G3244ME STMICROELECTRONICS-ST6G3244ME Datasheet
662Kb / 27P
   Level translator for SD, SDIO, mini SD, and micro SD Cards with internal I/O supply and 짹15 kV ESD protection
November 2011 Rev 2
ST6G3240 STMICROELECTRONICS-ST6G3240 Datasheet
559Kb / 29P
   Dual supply level translator for dual memory cards (mini SD/micro SD managed NAND)
logo
NXP Semiconductors
NVT4858 NXP-NVT4858_V01 Datasheet
639Kb / 34P
   SD, SDIO, mini SD, micro SD and SIM card voltage level translator with EMI filter and ESD protection
Rev. 2.2 - 21 September 2022
NVT4858 NXP-NVT4858 Datasheet
455Kb / 26P
   SD, SDIO, mini SD, micro SD and SIM card voltage level translator with EMI filter and ESD protection
Rev. 1.0-21 April 2021
NVT4858 NXP-NVT4858_V02 Datasheet
638Kb / 33P
   SD, SDIO, mini SD, micro SD and SIM card voltage level translator with EMI filter and ESD protection
Rev. 2.3 - 8 May 2023
logo
Nexperia B.V. All right...
IP4856CX25 NEXPERIA-IP4856CX25 Datasheet
383Kb / 22P
   SD 3.0-compliant memory card integrated dual voltage level translator with EMI filter and ESD protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com