Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KAQV214H Fiches technique(PDF) 1 Page - COSMO Electronics Corporation

No de pièce KAQV214H
Description  SOLID STATE RELAY - MOSFET OUTPUT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COSMO [COSMO Electronics Corporation]
Site Internet  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KAQV214H Fiches technique(HTML) 1 Page - COSMO Electronics Corporation

  KAQV214H Datasheet HTML 1Page - COSMO  Electronics Corporation KAQV214H Datasheet HTML 2Page - COSMO  Electronics Corporation KAQV214H Datasheet HTML 3Page - COSMO  Electronics Corporation KAQV214H Datasheet HTML 4Page - COSMO  Electronics Corporation KAQV214H Datasheet HTML 5Page - COSMO  Electronics Corporation KAQV214H Datasheet HTML 6Page - COSMO  Electronics Corporation KAQV214H Datasheet HTML 7Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PRODUCT SPECIFICATION
DATE:03/01/2005
Preliminary
cosmo
ELECTRONICS CORPORATION
SOLID STATE RELAY - MOSFET OUTPUT
KAQV214H
SHEET 1 OF 7
REV.
0
OUTSIDE DIMENSION︰
0.254±0.05
13.0°
7.62
6.50
13.0°
2.54
0.5
XXX
7.3
Date Code
V214H
Turn On / Turn Off time
Output
TON
Input
TOFF
90%
10%
2
1
6
5
3
5,6
4
4
1 FORM A
NORMALLY OPEN
Absolute Maximum Ratings
Ta=25℃)
Emitter(Input)
Detector(Output)
Reverse Voltage ………………………………
5.0V Output Breakdown Voltage ………………
± 400V
Continuous Forward Current ……………...
50mA Continuous Load Current ………………
± 130mA
Peak Forward Current …………………………… 1A Power Dissipation …………………………
500mW
Power Dissipation …………………………
100mW
Derate Linearly from 25℃ ……………
1.3mW/℃
General Characteristics
Isolation Test Voltage ………………
5000VACrms Storage Temperature Range …… -40℃ to +125℃
Operating Temperature Range …
-40℃ to +85℃
Isolation Resistance
Vio=500V,Ta=25℃ ……………………… ≧1010Ω Junction Temperature ………………………
100℃
Total Power Dissipation …………………… 550mW
Derate Linearly from 25℃ ……………
2.5mW/℃
Soldering Temperature,
2mm from case,10 sec ……………………
260℃
Unit︰mm
Tolerance︰±0.2mm


Numéro de pièce similaire - KAQV214H

FabricantNo de pièceFiches techniqueDescription
logo
COSMO Electronics Corp...
KAQV214H COSMO-KAQV214H Datasheet
492Kb / 12P
   6PIN 400V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV214HA COSMO-KAQV214HA Datasheet
172Kb / 7P
   PRODUCT SPECIFICATION
KAQV214HA COSMO-KAQV214HA Datasheet
492Kb / 12P
   6PIN 400V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV214H COSMO-KAQV214H_11 Datasheet
171Kb / 7P
   PRODUCT SPECIFICATION
More results

Description similaire - KAQV214H

FabricantNo de pièceFiches techniqueDescription
logo
COSMO Electronics Corp...
KAQV213H COSMO-KAQV213H Datasheet
209Kb / 7P
   SOLID STATE RELAY - MOSFET OUTPUT
KAQV216H COSMO-KAQV216H Datasheet
209Kb / 7P
   SOLID STATE RELAY - MOSFET OUTPUT
KAQV414H COSMO-KAQV414H Datasheet
208Kb / 7P
   SOLID STATE RELAY - MOSFET OUTPUT
KAQY214H COSMO-KAQY214H Datasheet
196Kb / 7P
   SOLID STATE RELAY - MOSFET OUTPUT
KAQY217H COSMO-KAQY217H Datasheet
194Kb / 7P
   SOLID STATE RELAY - MOSFET OUTPUT
KAQY414H COSMO-KAQY414H Datasheet
196Kb / 7P
   SOLID STATE RELAY - MOSFET OUTPUT
KAQY210BH COSMO-KAQY210BH Datasheet
195Kb / 7P
   SOLID STATE RELAY - MOSFET OUTPUT
KAQY210H COSMO-KAQY210H Datasheet
195Kb / 7P
   SOLID STATE RELAY - MOSFET OUTPUT
logo
Solid State Optronic
SMQ4110 SSOUSA-SMQ4110 Datasheet
407Kb / 8P
   MOSFET Output Solid State Relay
logo
COSMO Electronics Corp...
KAQW614H COSMO-KAQW614H Datasheet
222Kb / 10P
   SOLID STATE RELAY - MOSFET OUTPUT
KAQV212H COSMO-KAQV212H Datasheet
208Kb / 7P
   SOLID STATE RELAY - MOSFET OUTPUT
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com