Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC8831IBRGYR Fiches technique(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
No de pièce DAC8831IBRGYR
Description  16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC8831IBRGYR Fiches technique(HTML) 3 Page - Burr-Brown (TI)

  DAC8831IBRGYR Datasheet HTML 1Page - Burr-Brown (TI) DAC8831IBRGYR Datasheet HTML 2Page - Burr-Brown (TI) DAC8831IBRGYR Datasheet HTML 3Page - Burr-Brown (TI) DAC8831IBRGYR Datasheet HTML 4Page - Burr-Brown (TI) DAC8831IBRGYR Datasheet HTML 5Page - Burr-Brown (TI) DAC8831IBRGYR Datasheet HTML 6Page - Burr-Brown (TI) DAC8831IBRGYR Datasheet HTML 7Page - Burr-Brown (TI) DAC8831IBRGYR Datasheet HTML 8Page - Burr-Brown (TI) DAC8831IBRGYR Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
DAC8830
DAC8831
SLAS449C – FEBRUARY 2005 – REVISED NOVEMBER 2006
All specifications at T
A = TMIN to TMAX, VDD = +3 V or VDD = +5 V, VREF = +2.5 V unless otherwise noted; specifications subject
to change without notice.
DAC8830, DAC8831
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
STATIC PERFORMANCE
Resolution
16
bits
DAC8830ICD,
DAC8831ICD,
±0.5
±1
DAC8831ICRGY
DAC8830IBD,
Linearity error
DAC8831IBD,
±0.5
±2
LSB
DAC8831IBRGY
DAC8830ID,
DAC8831ID,
±0.5
±4
DAC8831IRGY
Differential linearity error
All grades
±0.5
±1
LSB
TA = +25°C
±1
±5
Gain error
LSB
TA = –40°C to +85°C
±7
Gain drift
±0.1
ppm/
°C
TA = +25°C
±0.25
±1
Zero code error
LSB
TA = –40°C to +85°C
±2
Zero code drift
±0.05
ppm/
°C
OUTPUT CHARACTERISTICS
All devices
Unipolar operation
0
+VREF
V
Voltage output(1)
DAC8831 only
Bipolar operation
–VREF
+VREF
V
Output impedance
6.25
k
Settling time
To 1/2 LSB of FS, CL = 10 pF
1
µs
Slew rate(2)
CL = 10 pF
25
V/
µs
Digital-to-analog glitch
1 LSB change around major carry
10
nV-s
Digital feedthrough(3)
0.2
nV-s
DAC8830
10
Output noise
TA = +25°C
nV/
√Hz
DAC8831
18
Power-supply rejection
VDD varies ±10%
±1
LSB
RFB / RINV
1
Ω/Ω
Bipolar resistor
DAC8831 only
matching
Ratio error
±0.0015
±0.0076
%
TA = +25°C
±0.25
±5
Bipolar zero error
DAC8831 only
LSB
TA = –40°C to +85°C
±7
Bipolar zero drift
DAC8831 only
±0.2
ppm/
°C
(1)
The DAC8830 output is unipolar (0 V to +VREF). The DAC8831 output is bipolar (±VREF) when it connects to an external buffer (see the
Bipolar Output Operation section for details).
(2)
Slew Rate is measure from 10% to 90% of transition when the output changes from 0 to full scale.
(3)
Digital feedthrough is defined as the impulse injected into the analog output from the digital input. It is measured when the DAC output
does not change; CS is held high, while SCLK and DIN signals are toggled.
3
Submit Documentation Feedback


Numéro de pièce similaire - DAC8831IBRGYR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC8831IBRGYT TI1-DAC8831IBRGYT Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
DAC8831IBRGYTG4 TI1-DAC8831IBRGYTG4 Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
More results

Description similaire - DAC8831IBRGYR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
DAC8831ICDRG4 TI1-DAC8831ICDRG4 Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
DAC8830-EP TI1-DAC8830-EP_16 Datasheet
1Mb / 32P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
DAC8830-EP TI1-DAC8830-EP Datasheet
921Kb / 32P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converters
DAC8832 TI-DAC8832 Datasheet
731Kb / 26P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converter
DAC8832 TI1-DAC8832_14 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Ultra-Low Power, Voltage-Output Digital-to-Analog Converter
DAC8550 TI1-DAC8550_16 Datasheet
1Mb / 31P
[Old version datasheet]   16-bit, Ultra-Low Glitch, Voltage Output Digital-To-Analog Converter
logo
Burr-Brown (TI)
DAC8550 BURR-BROWN-DAC8550 Datasheet
1Mb / 22P
   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8550 TI-DAC8550_15 Datasheet
983Kb / 28P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8551 TI-DAC8551 Datasheet
1Mb / 22P
[Old version datasheet]   16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8552 BURR-BROWN-DAC8552 Datasheet
594Kb / 22P
   16-BIT, DUAL CHANNEL, ULTRA-LOW GLITCH VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com