Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXG1104TN Fiches technique(PDF) 3 Page - Sony Corporation

No de pièce CXG1104TN
Description  High Power SPDT Switch with Logic Control
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXG1104TN Fiches technique(HTML) 3 Page - Sony Corporation

  CXG1104TN Datasheet HTML 1Page - Sony Corporation CXG1104TN Datasheet HTML 2Page - Sony Corporation CXG1104TN Datasheet HTML 3Page - Sony Corporation CXG1104TN Datasheet HTML 4Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
– 3 –
CXG1104TN
Electrical Characteristics
(Ta = 25°C)
Unit
dB
dB
dB
dB
dBc
dBc
dBm
dBm
µs
µA
µA
Max.
0.55
0.65
1.4
5
80
200
Typ.
0.30
0.40
23
16.5
1.2
–75
–75
35
70
2
40
100
Min.
20
14
–60
–60
32
60
Symbol
IL
ISO.
VSWR
2fo
3fo
P1dB
IIP3
TSW
Ictl
IDD
Item
Insertion loss
Isolation
VSWR
Harmonics
1dB compression input power
Input IP3
Switching speed
Control current
Bias current
1 Pin = 29dBm, 900MHz, V
DD
= 3.0V, 0/3V control
2 Pin = 25dBm (900MHz) + 25dBm (901MHz), V
DD
= 3.0V, 0/3V control
Condition
900MHz
1.9GHz
900MHz
1.9GHz
900MHz, 1.9GHz
1
1
VDD = 3.0V, 0/3V control
2
Vctl (High) = 3V
VDD = 3V


Numéro de pièce similaire - CXG1104TN

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
CXG1100TN ETC-CXG1100TN Datasheet
78Kb / 2P
   Wideband Multifunction Reception System GaAs MMIC Completely Covers GPS and CDMA
logo
Sony Corporation
CXG1101TN SONY-CXG1101TN Datasheet
54Kb / 4P
   SP3T Antenna Switch for TDMA800/1900/AMPS800 Triple Mode Application
CXG1106EN SONY-CXG1106EN Datasheet
75Kb / 6P
   High Power 2 횞 4 Antenna Switch MMIC with Integrated Control Logic
CXG1108K SONY-CXG1108K Datasheet
69Kb / 6P
   Power Amplifier Module for JCDMA
CXG1109EN SONY-CXG1109EN Datasheet
127Kb / 9P
   Receive Dual Low Noise Amplifier/Mixer
More results

Description similaire - CXG1104TN

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXG1134EN SONY-CXG1134EN Datasheet
43Kb / 4P
   High Power SPDT Switch with Logic Control
CXG1173UR SONY-CXG1173UR Datasheet
37Kb / 5P
   High Power SPDT Switch with Logic Control
CXG1134AEN SONY-CXG1134AEN Datasheet
120Kb / 4P
   High Power SPDT Switch with Logic Control
CXG1039TN SONY-CXG1039TN Datasheet
57Kb / 5P
   High Isolation Absorptive SPDT Switch MMIC with Integrated Control Logic
CXG1174UR SONY-CXG1174UR Datasheet
50Kb / 6P
   High Power SP3T Switch with Logic Control
CXG1144AEN SONY-CXG1144AEN Datasheet
66Kb / 7P
   High Power DPDT Switch with Logic Control
CXG1188UR SONY-CXG1188UR Datasheet
75Kb / 4P
   High Power DPDT Switch with Logic Control
CXG1176UR SONY-CXG1176UR Datasheet
43Kb / 4P
   High Power DPDT Switch with Logic Control
CXG1215UR SONY-CXG1215UR Datasheet
141Kb / 4P
   High Power DP3T Switch with Logic Control
CXG1210UR SONY-CXG1210UR Datasheet
82Kb / 5P
   High Power 3P3T Switch with Logic Control
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com