Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM3205SD-2 Fiches technique(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LM3205SD-2
Description  650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3205SD-2 Fiches technique(HTML) 2 Page - National Semiconductor (TI)

  LM3205SD-2 Datasheet HTML 1Page - National Semiconductor (TI) LM3205SD-2 Datasheet HTML 2Page - National Semiconductor (TI) LM3205SD-2 Datasheet HTML 3Page - National Semiconductor (TI) LM3205SD-2 Datasheet HTML 4Page - National Semiconductor (TI) LM3205SD-2 Datasheet HTML 5Page - National Semiconductor (TI) LM3205SD-2 Datasheet HTML 6Page - National Semiconductor (TI) LM3205SD-2 Datasheet HTML 7Page - National Semiconductor (TI) LM3205SD-2 Datasheet HTML 8Page - National Semiconductor (TI) LM3205SD-2 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Connection Diagrams
20158099
8–Bump Thin Micro SMD Package, Large Bump
NS Package Number TLA08GNA
20158004
10–Pin LLP
NS Package Number SDA10A
Order Information
microSMD
Order Number
Package Marking (Note)
Supplied As
LM3205TL
XTS/32
250 units, Tape-and-Reel
LM3205TLX
XTS/32
3000 units, Tape-and-Reel
Note: The actual physical placement of the package marking will vary from part to part. The package marking “X” designates the date
code. “T” is a NSC internal code for die traceability. “S” designates the device type as switcher device. Both will vary considerably. “32”
identifies the device (part number, option, etc.).
LLP
Order Number
Package Marking (Note)
Supplied As
LM3205SD-2
XXXX
1000 units, Tape-and-Reel
LM3205SDX-2
YYYY = 3205
4500 units, Tape-and-Reel
Note: The actual physical placement of the package marking will vary from part to part. The package marking “XXXXX” is a code for die
traceability. “YYYYY” identifies the device (part number, voltage option, etc.).
Pin Descriptions
Pin #
Name
Description
microSMD
LLP
A1
8, 9
PV
IN
Power Supply Voltage Input to the internal PFET switch.
B1
7
V
DD
Analog Supply Input.
C1
6
EN
Enable Input. Set this digital input high for normal operation. For shutdown, set low.
C2
4
V
CON
Voltage Control Analog input. V
CON controls VOUT in PWM mode.
C3
5
FB
Feedback Analog Input. Connect to the output at the output filter capacitor.
www.national.com
2


Numéro de pièce similaire - LM3205SD-2

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM3205SD-2 NSC-LM3205SD-2 Datasheet
1Mb / 18P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
Texas Instruments
LM3205SD-2/NOPB TI1-LM3205SD-2/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   Miniature, Adjustable, Step-Down DC-DC Converter
More results

Description similaire - LM3205SD-2

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM3208 NSC-LM3208 Datasheet
1Mb / 17P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3202 NSC-LM3202_06 Datasheet
3Mb / 16P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
Texas Instruments
LM3205 TI1-LM3205 Datasheet
1Mb / 24P
[Old version datasheet]   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
National Semiconductor ...
LM3202 NSC-LM3202 Datasheet
1Mb / 15P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3205 NSC-LM3205_09 Datasheet
1Mb / 18P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
Global Mixed-mode Techn...
G5302 GMT-G5302 Datasheet
77Kb / 1P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
Texas Instruments
LM3208 TI-LM3208_15 Datasheet
3Mb / 25P
[Old version datasheet]   LM3208 650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3205 TI-LM3205_15 Datasheet
1Mb / 28P
[Old version datasheet]   LM3205 650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3208 TI1-LM3208 Datasheet
3Mb / 25P
[Old version datasheet]   650mA Miniature, Adjustable, Step-Down DC-DC Converter
logo
ams AG
AS1332 AMSCO-AS1332_07 Datasheet
2Mb / 20P
   650mA, Step-Down DC-DC Converter for RF Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com