Moteur de recherche de fiches techniques de composants électroniques |
|
LM368H-5.0 Fiches technique(PDF) 1 Page - National Semiconductor (TI) |
|
|
LM368H-5.0 Fiches technique(HTML) 1 Page - National Semiconductor (TI) |
1 / 8 page TLH5522 January 1995 LM368-50 and LM368-10 Precision Voltage References General Description The LM368 is a precision monolithic temperature-compen- sated voltage reference The LM368 makes use of thin-film technology enhanced by the discrete laser trimming of re- sistors to achieve excellent Temperature coefficient (Tempco) of VOUT (as low as 5ppm C) along with tight initial tolerance (as low as 002%) The trim scheme is such that individual resistors are cut open rather than being trimmed (partially cut) to avoid resistor drift caused by elec- tromigration in the trimmed area The LM368 also provides excellent stability vs changes in input voltage and output current (both sourcing and sinking) This device is available in output voltage options of 50V and 100V and will operate in both series or shunt mode Also see the LM368-25 data sheet for a 25V output The devices are short circuit proof when sourcing current A trim pin is made available for fine trimming of VOUT or for obtaining intermediate values with- out greatly affecting the Tempco of the device Features Y 300 mA operating current Y Low output impedance Y Excellent line regulation (0001%V typical) Y Single-supply operation Y Externally trimmable Y Low temperature coefficient Y Operates in series or shunt mode Y 100V or 50V Y Excellent initial accuracy (002% typical) Connection Diagram Metal Can Package TLH5522 – 1 Top View case connected to Vb Order Number LM368YH-10 LM368YH-50 LM368H-10 LM368H-50 See NS Package Number H08C Typical Applications Series Regulator TLH5522 – 2 Shunt Regulator TLH5522 – 3 C1995 National Semiconductor Corporation RRD-B30M115Printed in U S A |
Numéro de pièce similaire - LM368H-5.0 |
|
Description similaire - LM368H-5.0 |