Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DAC667 Fiches technique(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
No de pièce DAC667
Description  Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BURR-BROWN [Burr-Brown (TI)]
Site Internet  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC667 Fiches technique(HTML) 4 Page - Burr-Brown (TI)

  DAC667 Datasheet HTML 1Page - Burr-Brown (TI) DAC667 Datasheet HTML 2Page - Burr-Brown (TI) DAC667 Datasheet HTML 3Page - Burr-Brown (TI) DAC667 Datasheet HTML 4Page - Burr-Brown (TI) DAC667 Datasheet HTML 5Page - Burr-Brown (TI) DAC667 Datasheet HTML 6Page - Burr-Brown (TI) DAC667 Datasheet HTML 7Page - Burr-Brown (TI) DAC667 Datasheet HTML 8Page - Burr-Brown (TI) DAC667 Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
®
DAC667
4
CS
A3
A2
A1
A0
OPERATION
1
X
X
X
X
No Operation
X
1
1
1
1
No Operation
0
1
1
1
0
Enable Four LSBs of First Rank
0
110
1
Enable Four Middle Bits of First Rank
0
1
0
1
1
Enable Four MSBs of First Rank
0
0
1
1
1
Loads Second Rank from First Rank
0
0
0
0
0
All Latches Transparent
X = Don’t care.
DISCUSSION OF
SPECIFICATIONS
LINEARITY ERROR
Linearity error is defined as the deviation of the analog
output from a straight line drawn between the end points
(digital inputs all ones and all zeros). DAC667 linearity error
is specified at
±1/4LSB max at ±1/2LSB max for J grade.
DIFFERENTIAL LINEARITY ERROR
Differential linearity error (DLE) is the deviation from a
1LSB output change from one adjacent state to the next. A
DLE specification of 1/2LSB means that the output step size
can range from 1/2LSB to 3/2LSB when the digital input
code changes from one code word to the adjacent code word.
If the DLE is more positive than –1LSB, the D/A is said to
be monotonic.
MONOTONICITY
A D/A converter is monotonic if the output either increases
or remains the same for increasing digital input values. The
DAC667 is monotonic over the specification temperature
range.
DRIFT
Gain drift is a measure of the change in the full scale range
(FSR) output over the specification temperature range. Gain
drift is expressed in parts per million per degree Celsius
(ppm/
°C).
Unipolar offset drift is measured with a data input of
000HEX. The D/A is configured for unipolar output. Unipolar
offset drift is expressed in parts per million of full scale
range per degree Celsius (ppm of FSR/
°C).
Bipolar zero drift is measured with a data input of 800HEX.
The D/A is configured for bipolar output. Bipolar zero drift
is expressed in parts per million of full scale range per
degree Celsius (ppm of FSR/
°C).
SETTLING TIME
Settling time is the total time (including slew time) for the
output to settle to within an error band around its final value
after a change in input. Three settling times are specified to
±0.01% of full scale range (FSR): two for FSR output
changes of 20V (10k
Ω feedback) and 10V (5kΩ feedback),
and one for a 1LSB change. The 1LSB change is measured
at the major carry (7FFHEX to 800HEX, and 800HEX to
7FFHEX), the input transition at which worst-case settling
time occurs.
OPERATION
DAC667 is a monolithic integrated-circuit 12-bit D/A con-
verter. It is complete with 12-bit D/A switches and ladder
network, voltage reference, output amplifier and micro-
processor bus interface as shown in the front-page diagram.
INTERFACE LOGIC
The bus interface logic of the DAC667 consists of four
independently addressable latches in two ranks. The first
rank consists of three four-bit input latches which can be
loaded directly from a 4-, 8-, 12- or 16-bit microprocessor/
microcontroller bus. These latches hold data temporarily
while a complete 12-bit word is assembled before loading it
into the second rank of latches. This double buffered orga-
nization prevents the generation of spurious analog output
values while the complete word is being assembled.
All latches are level-triggered. Data present when the con-
trol signals are logic 0 will enter the latch. When the control
signals return to logic 1, the data is latched. A truth table for
the control signals is presented in Table I.
It is permissible to enable more than one of the latches
simultaneously. If a first rank latch is enabled coincident
with the second rank latch, the data will reach the second
rank correctly if the timing specifications on page 2 are met.
LOGIC INPUT COMPATIBILITY
The DAC667 digital inputs are TTL compatible (1.4V switch-
ing level) with a low leakage, high input impedance. Thus
the inputs are suitable for being driven by any type of 5V
logic. An equivalent circuit of a digital input is shown in
Figure 1.
TABLE I. DAC667 Truth Table.
FIGURE 1. Equivalent Digital Input Circuit.
1k
6.8V
5pF
Digital Input
DCOM
I
I
DAC667 data inputs will float to logic 1 and control inputs
will float to logic 0 if left open. It is recommended that any
unused inputs be connected to power common to improve
noise immunity.
INPUT CODING
The DAC667 accepts positive-true binary input codes.
Input coding for unipolar analog output is straight binary
(USB), where all zeros (000HEX) on the data inputs gives a


Numéro de pièce similaire - DAC667

FabricantNo de pièceFiches techniqueDescription
logo
Burr-Brown (TI)
DAC600 BURR-BROWN-DAC600 Datasheet
155Kb / 12P
   12-Bit 256MHz Monolithic DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC60004 TI1-DAC60004 Datasheet
2Mb / 38P
[Old version datasheet]   Quad 16-,14-,12-Bit, 1 LSB INL, Buffered, Voltage-Output Digital-to-Analog Converters
DAC60004IDMDR TI1-DAC60004IDMDR Datasheet
2Mb / 38P
[Old version datasheet]   Quad 16-,14-,12-Bit, 1 LSB INL, Buffered, Voltage-Output Digital-to-Analog Converters
DAC60004IDMDT TI1-DAC60004IDMDT Datasheet
2Mb / 38P
[Old version datasheet]   Quad 16-,14-,12-Bit, 1 LSB INL, Buffered, Voltage-Output Digital-to-Analog Converters
DAC60004IPW TI1-DAC60004IPW Datasheet
2Mb / 38P
[Old version datasheet]   Quad 16-,14-,12-Bit, 1 LSB INL, Buffered, Voltage-Output Digital-to-Analog Converters
More results

Description similaire - DAC667

FabricantNo de pièceFiches techniqueDescription
logo
Burr-Brown (TI)
DAC811 BURR-BROWN-DAC811 Datasheet
96Kb / 9P
   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC811 TI1-DAC811 Datasheet
273Kb / 14P
[Old version datasheet]   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC813 TI1-DAC813 Datasheet
548Kb / 16P
[Old version datasheet]   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC813 BURR-BROWN-DAC813 Datasheet
298Kb / 11P
   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC7545 BURR-BROWN-DAC7545 Datasheet
383Kb / 12P
   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Texas Instruments
DAC7545JP TI1-DAC7545JP Datasheet
383Kb / 12P
[Old version datasheet]   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
DAC7545 TI1-DAC7545_16 Datasheet
612Kb / 13P
[Old version datasheet]   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
DAC1201 TI1-DAC1201 Datasheet
322Kb / 6P
[Old version datasheet]   Monolithic Microprocessor-Compatible 12-Bit Resolution DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7545 BURR-BROWN-DAC7545 Datasheet
203Kb / 7P
   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Texas Instruments
DAC1201KP-V TI-DAC1201KP-V Datasheet
314Kb / 7P
[Old version datasheet]   MONOLITHIC MICROPROCESSOR-COMPATIBLE 12 BIT RESOLUTIION DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com