Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLPGE1002A Fiches technique(PDF) 1 Page - Marktech Corporate

No de pièce TLPGE1002A
Description  Toshiba TLxE1002A SMT LEDs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MARKTECH [Marktech Corporate]
Site Internet  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

TLPGE1002A Fiches technique(HTML) 1 Page - Marktech Corporate

  TLPGE1002A Datasheet HTML 1Page - Marktech Corporate TLPGE1002A Datasheet HTML 2Page - Marktech Corporate TLPGE1002A Datasheet HTML 3Page - Marktech Corporate TLPGE1002A Datasheet HTML 4Page - Marktech Corporate TLPGE1002A Datasheet HTML 5Page - Marktech Corporate TLPGE1002A Datasheet HTML 6Page - Marktech Corporate TLPGE1002A Datasheet HTML 7Page - Marktech Corporate TLPGE1002A Datasheet HTML 8Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Toshiba TLxE1002A SMT LEDs
Features
2.0 X 1.25 X 1.1 mm (L X W X H)
InGaAlP Technology
Reflow soldering is possible
Standard embossing taping 4 mm pitch : T02 (3000 pcs/reel)
Applications
Backlight
Low−power electronic equipment
Personal equipment
Series Line−Up
Part Number
Color
Material
TLGE1002A
Ultra Bright Yellow Green
InGaAlP
TLOE1002A
Ultra Bright Orange
InGaAlP
TLPGE1002A
Ultra Pure Green
InGaAlP
TLRE1002A
Ultra Bright Red
InGaAlP
TLSE1002A
Ultra Bright High Efficency Red
InGaAlP
TLYE1002A
Ultra Bright Yellow
InGaAlP
Maximum Ratings (Ta=25oC)
Part Number
Forward Current
IF
Reverse Voltage
VR
Power Dissipation
PD
Operating Temperature
Topr
Storage Temperature
Tstg
TLGE1002A
25
4
60.00
−25 ~ +85
−30 ~ 85
TLOE1002A
25
4
60.00
−25 ~ +85
−30 ~ 85
TLPGE1002A
25
4
60.00
−25 ~ +85
−30 ~ 85
TLRE1002A
25
4
60.00
−25 ~ +85
−30 ~ 85
TLSE1002A
25
4
60.00
−25 ~ +85
−30 ~ 85
TLYE1002A
25
4
60.00
−25 ~ +85
−30 ~ 85
Unit
mA
V
mW
o
C
o
C
Company Headquarters
3 Norhway Lane North
Latham, New York 12110
Toll Free: 800.984.5337
Fax: 518.785.4725
Web: www.marktechopto.com | Email: info@marktechopto.com
West Coast Sales Office
950 South Coast Drive, Suite 265
Costa Mesa, California 92626
Toll Free: 800.984.5337
Fax: 714.850.9314


Numéro de pièce similaire - TLPGE1002A

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TLPGE1002A TOSHIBA-TLPGE1002A Datasheet
644Kb / 17P
   TOSHIBA LED LAMP
TLPGE1002A TOSHIBA-TLPGE1002A Datasheet
314Kb / 18P
   Panel Circuit Indicator
TLPGE1002A TOSHIBA-TLPGE1002A Datasheet
258Kb / 18P
   Panel Circuit Indicators
More results

Description similaire - TLPGE1002A

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TLAU1008A TOSHIBA-TLAU1008A Datasheet
495Kb / 8P
   Toshiba TLxU1008A SMT LEDs
logo
Marktech Corporate
TLOE1005A MARKTECH-TLOE1005A Datasheet
221Kb / 5P
   Toshiba TLxE1005A SMT LEDs
TLGE1100 MARKTECH-TLGE1100 Datasheet
406Kb / 8P
   Toshiba TLxE1100 SMT LEDs
TLXU1100 MARKTECH-TLXU1100 Datasheet
337Kb / 7P
   Toshiba TLxU1100 SMT LEDs
TLGE1008A MARKTECH-TLGE1008A Datasheet
499Kb / 8P
   Toshiba TLxE1008A SMT LEDs
TLGE27C MARKTECH-TLGE27C Datasheet
405Kb / 8P
   Toshiba TLxE27 Series LEDs
TLOE180AP MARKTECH-TLOE180AP Datasheet
286Kb / 2P
   Toshiba TLxE180 Series LEDs
TLOH190P MARKTECH-TLOH190P Datasheet
224Kb / 5P
   Toshiba TLxH190 Series LEDs
TLGV1020 MARKTECH-TLGV1020 Datasheet
460Kb / 10P
   Toshiba TLxV1020 SMT LED
TLOE156AP MARKTECH-TLOE156AP Datasheet
294Kb / 2P
   Toshiba TLxE156 Series LEDs
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com