Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


TA8409SG Datasheet(Fiches technique) 3 Page - Toshiba Semiconductor

Numéro de pièce TA8409SG
Description  TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic, Bridge Driver
Télécharger  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo 

 
 3 page
background image
TA8409S/SG, F/FG
2003-08-12
3
Pin Function
TA8409S/SG
Pin No.
Symbol
Functional Description
1
IN2
Input terminal
2
VCC
Supply voltage terminal for logic
3
OUT2
Output terminal
4
NC
Non-connection
5
GND
GND terminal
6
VS
Supply voltage terminal for motor driver
7
OUT1
Output terminal
8
Vref
Reference voltage terminal for control circuit
9
IN1
Input terminal
TA8409F/FG
Pin No.
Symbol
Functional Description
1
IN2
Input terminal
2
VCC
Supply voltage terminal for logic
3
OUT2
Output terminal
4
NC
Non-connection
5
GND
GND terminal
6
NC
Non-connection
7
VS
Supply voltage terminal for motor driver
8
OUT1
Output terminal
9
Vref
Reference voltage terminal for control circuit.
10
IN1
Input terminal
Function
Input
Output
Mode
IN 1
IN 2
OUT1
OUT2
MB
0
0
STOP
1
0
H
L
CW/CCW
0
1
L
H
CCW/CW
1
1
L
L
BRAKE
∞:
High impedance
Note:
Inputs are all high active type.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
T6L24TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC SOURCE DRIVER FOR TFT LCD PANELS 1 2 3 4 5 MoreToshiba Semiconductor
TA8429HTOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic Full-bridge Driver H-Switch for DC Motor Driver for Switching between Forward and Reve 1 2 3 4 5 MoreToshiba Semiconductor
KIA2092NBIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC POWER DRIVER IC FOR CD PLAYER 1 2 3 4 5 KEC(Korea Electronics)
TA8261AHTOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic 1 2 3 4 5 MoreToshiba Semiconductor
TA2069AFTOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic 1 2 3 4 5 MoreToshiba Semiconductor
TA1360ANGTOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic 1 2 3 4 5 MoreToshiba Semiconductor
TA1218FTOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic 1 2 3 4 5 MoreToshiba Semiconductor
TA2159FTOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic 1 2 3 4 5 MoreToshiba Semiconductor

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl