Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74VHC16244TTR Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce 74VHC16244TTR
Description  16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHC16244TTR Fiches technique(HTML) 3 Page - STMicroelectronics

  74VHC16244TTR Datasheet HTML 1Page - STMicroelectronics 74VHC16244TTR Datasheet HTML 2Page - STMicroelectronics 74VHC16244TTR Datasheet HTML 3Page - STMicroelectronics 74VHC16244TTR Datasheet HTML 4Page - STMicroelectronics 74VHC16244TTR Datasheet HTML 5Page - STMicroelectronics 74VHC16244TTR Datasheet HTML 6Page - STMicroelectronics 74VHC16244TTR Datasheet HTML 7Page - STMicroelectronics 74VHC16244TTR Datasheet HTML 8Page - STMicroelectronics 74VHC16244TTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
74VHC16244
3/10
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is
not implied
RECOMMENDED OPERATING CONDITIONS
1) VIN from 30% to 70% of VCC
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
-0.5 to +7.0
V
VI
DC Input Voltage
-0.5 to +7.0
V
VO
DC Output Voltage
-0.5 to VCC + 0.5
V
IIK
DC Input Diode Current
-20
mA
IOK
DC Output Diode Current
± 20
mA
IO
DC Output Current
± 25
mA
ICC or IGND DC VCC or Ground Current
± 75
mA
Tstg
Storage Temperature
-65 to +150
°C
TL
Lead Temperature (10 sec)
300
°C
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
2 to 5.5
V
VI
Input Voltage
0 to 5.5
V
VO
Output Voltage
0 to VCC
V
Top
Operating Temperature
-55 to 125
°C
dt/dv
Input Rise and Fall Time (note 1) (VCC =3.3 ± 0.3V)
(VCC = 5.0 ± 0.5V)
0 to 100
0to 20
ns/V


Numéro de pièce similaire - 74VHC16244TTR

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
74VHC16240 STMICROELECTRONICS-74VHC16240 Datasheet
149Kb / 10P
   16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (INVERTED)
74VHC16240TTR STMICROELECTRONICS-74VHC16240TTR Datasheet
149Kb / 10P
   16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (INVERTED)
74VHC16245 STMICROELECTRONICS-74VHC16245 Datasheet
249Kb / 10P
   16-BIT BUS TRANSCEIVER
74VHC16245TTR STMICROELECTRONICS-74VHC16245TTR Datasheet
249Kb / 10P
   16-BIT BUS TRANSCEIVER
More results

Description similaire - 74VHC16244TTR

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
74AC16541 STMICROELECTRONICS-74AC16541 Datasheet
233Kb / 9P
   16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
74ACT16244 STMICROELECTRONICS-74ACT16244_03 Datasheet
217Kb / 9P
   16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
74VHCT16244 STMICROELECTRONICS-74VHCT16244 Datasheet
213Kb / 9P
   16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
February 2003
74ACT16244 STMICROELECTRONICS-74ACT16244 Datasheet
62Kb / 8P
   16-BIT BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED
February 2000
74AC16244 STMICROELECTRONICS-74AC16244 Datasheet
186Kb / 9P
   16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
74ACT16541 STMICROELECTRONICS-74ACT16541 Datasheet
249Kb / 9P
   16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
February 2003
74VHC16240 STMICROELECTRONICS-74VHC16240 Datasheet
149Kb / 10P
   16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (INVERTED)
74VHCT16240A STMICROELECTRONICS-74VHCT16240A Datasheet
151Kb / 10P
   16-BIT BUS BUFFER WITH 3-STATE OUTPUTS (INVERTED)
74VHCT16245A STMICROELECTRONICS-74VHCT16245A Datasheet
254Kb / 10P
   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS (NON INVERTED)
logo
Toshiba Semiconductor
TC74VHC367F TOSHIBA-TC74VHC367F Datasheet
248Kb / 7P
   HEX BUS BUFFER NON-INVERTED/INVERTED, 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com