Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AK4620B Fiches technique(PDF) 1 Page - Asahi Kasei Microsystems

No de pièce AK4620B
Description  24-Bit 192kHz Audio CODEC with IPGA
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AKM [Asahi Kasei Microsystems]
Site Internet  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4620B Fiches technique(HTML) 1 Page - Asahi Kasei Microsystems

  AK4620B Datasheet HTML 1Page - Asahi Kasei Microsystems AK4620B Datasheet HTML 2Page - Asahi Kasei Microsystems AK4620B Datasheet HTML 3Page - Asahi Kasei Microsystems AK4620B Datasheet HTML 4Page - Asahi Kasei Microsystems AK4620B Datasheet HTML 5Page - Asahi Kasei Microsystems AK4620B Datasheet HTML 6Page - Asahi Kasei Microsystems AK4620B Datasheet HTML 7Page - Asahi Kasei Microsystems AK4620B Datasheet HTML 8Page - Asahi Kasei Microsystems AK4620B Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
ASAHI KASEI
[AK4620B]
MS0401-E-00
2005/07
- 1 -
GENERAL DESCRIPTION
The AK4620B is a high performance 24-bit CODEC that supports up to 192kHz record and playback. The
on-board analog-to-digital converter has a high dynamic range due to AKM’s Enhanced Dual-Bit
architecture. The DAC utilizes AKM’s Advanced Multi-Bit architecture that achieves low out-of-band noise
and high jitter tolerance through the use of Switched Capacitor Filter (SCF) technology. The AK4620B has
an input Programmable Gain Amplifier and is ideal for Pro Audio sound cards, Digital Audio Workstations,
DVD-R, hard disk, CD-R recording/playback systems, and musical instrument recording.
FEATURES
• 24-bit 2-channel ADC
- Selectable Single-ended or Differential Input
- High Performance Linear Phase Digital Anti-Alias Filter
Passband: 0 ~ 20.25kHz (@fs=44.1kHz)
Ripple: ± 0.005dB
Stopband Attenuation: 100dB
- S/(N+D): 90dB (single-ended)
100dB (differential)
- S/N: 110dB (single-ended)
113dB (differential)
- Digital High-pass Filter for Offset Cancellation
- Input PGA: 0dB to +18dB, 0.5dB/step (for single-ended input)
- Input Digital Attenuator: 0dB to – 63dB, 0.5dB/step
- Overflow Flag
- Audio Interface Format: MSB justified or I
2S
• 24-bit 2-channel DAC
- 24-bit 8 times Oversampling Linear Phase Digital Filter
Ripple: ±0.005dB
Stopband Attenuation: 75dB
- Switched-cap Low Pass Filter
- Differential Outputs
- S/(N+D): 97dB
- S/N: 115dB
- De-emphasis for 32kHz, 44.1kHz, 48kHz Sampling
- Output Digital Attenuator: Linear 255 steps
- Soft Mute
- Zero Detection Function
- Audio interface format: MSB justified, LSB justified, I
2S, or DSD
• High Jitter Tolerance
• Sampling Rate: Up to 216kHz
• µP Interface: 3-wire Serial Interface
• Master Clock
- 128fs/192fs/256fs/384fs/512fs/768fs/1024fs
• Power Supply: 5V ± 5%(Analog), 3V~3.6V with 5V tolerant I/O(Digital)
• Small 30-pin VSOP package
• Ta: -10 to 70 °C
24-Bit 192kHz Audio CODEC with IPGA
AK4620B


Numéro de pièce similaire - AK4620B

FabricantNo de pièceFiches techniqueDescription
logo
Asahi Kasei Microsystem...
AK4620B AKM-AK4620B Datasheet
663Kb / 63P
   24Bit A/D & D/A converter
logo
List of Unclassifed Man...
AK4620B ETC2-AK4620B Datasheet
400Kb / 42P
   24-Bit 192kHz Audio CODEC with IPGA
AK4620BVFP-E2 ETC2-AK4620BVFP-E2 Datasheet
400Kb / 42P
   24-Bit 192kHz Audio CODEC with IPGA
More results

Description similaire - AK4620B

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
AK4620BVFP-E2 ETC2-AK4620BVFP-E2 Datasheet
400Kb / 42P
   24-Bit 192kHz Audio CODEC with IPGA
logo
Asahi Kasei Microsystem...
AK4620A AKM-AK4620A Datasheet
395Kb / 42P
   24 BIT 192KHZ AUDIO CODEC WITH IPGA
AK4621 AKM-AK4621 Datasheet
532Kb / 41P
   24-Bit 192kHz Stereo Audio CODEC
AK4617VQ AKM-AK4617VQ Datasheet
1Mb / 64P
   192kHz 24-bit 2ch/12ch Audio CODEC
logo
Wolfson Microelectronic...
WM8590 WOLFSON-WM8590 Datasheet
554Kb / 51P
   24-bit, 192kHz Stereo CODEC
logo
Asahi Kasei Microsystem...
AK4618 AKM-AK4618 Datasheet
1Mb / 60P
   192kHz 24-bit 6ch/12ch Audio CODEC with Microphone Interface
AK4618VQ AKM-AK4618VQ Datasheet
1Mb / 60P
   192kHz 24-bit 6ch/12ch Audio CODEC with Microphone Interface
logo
Wolfson Microelectronic...
WM8778 WOLFSON-WM8778_05 Datasheet
528Kb / 50P
   24-bit, 192kHz Stereo CODEC
WM8778 WOLFSON-WM8778 Datasheet
498Kb / 50P
   24 BIT 192KHZ STEREO CODEC
WM8590 WOLFSON-WM8590_06 Datasheet
538Kb / 51P
   24-bit, 192kHz Stereo CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com