Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPCS8006 Fiches technique(PDF) 1 Page - Toshiba Semiconductor

No de pièce TPCS8006
Description  High-Speed Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCS8006 Fiches technique(HTML) 1 Page - Toshiba Semiconductor

  TPCS8006 Datasheet HTML 1Page - Toshiba Semiconductor TPCS8006 Datasheet HTML 2Page - Toshiba Semiconductor TPCS8006 Datasheet HTML 3Page - Toshiba Semiconductor TPCS8006 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TPCS8006
2004-07-06
1
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (π-MOSV)
TPCS8006
High-Speed Switching Applications
Switching Regulator Applications
DC-DC Converter Applications
• Low drain-source ON resistance: RDS (ON) = 0.8 Ω (typ.)
• High forward transfer admittance: |Yfs| = 1.6 S (typ.)
• Low leakage current: IDSS = 100 µA (max) (VDS = 250 V)
• Enhancement model: Vth = 1.5~3.5 V (VDS = 10 V, ID = 1 mA)
Maximum Ratings (Ta
= 25°C)
Characteristics
Symbol
Rating
Unit
Drain-source voltage
VDSS
250
V
Drain-gate voltage (RGS = 20 kΩ)
VDGR
250
V
Gate-source voltage
VGSS
±20
V
DC
(Note 1)
ID
1.1
Drain current
Pulse (Note 1)
IDP
4.4
A
Drain power dissipation (t = 10 s)
(Note 2a)
PD
1.5
Drain power dissipation (t = 10 s)
(Note 2b)
PD
0.6
W
Single pulse avalanche energy(Note3)
EAS
0.07
mJ
Avalanche current
IAR
1.1
A
Repetitive avalanche energy
(Note2a, Note 4)
EAR
0.15
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55~150
°C
Note 1, Note 2, Note 3 and Note 4: See the next page.
This transistor is an electrostatic-sensitive device. Please handle with caution.
Unit: mm
1.2.3.
Gate
4
Source
5.6.7.8 Drain
JEDEC
JEITA
TOSHIBA
2-3R1F
Weight: 0.035 g (typ.)
Circuit Configuration
8
7
6
5
1
2
3
4


Numéro de pièce similaire - TPCS8006

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TPCS8004 TOSHIBA-TPCS8004 Datasheet
233Kb / 7P
   Silicon N Channel MOS Type (Pi-MOSV)
TPCS8004 TOSHIBA-TPCS8004 Datasheet
211Kb / 7P
   High-Speed Switching Applications Switching Regulator Applications DC-DC Converter Applications
TPCS8004 TOSHIBA-TPCS8004_07 Datasheet
268Kb / 7P
   High-Speed Switching Applications Switching Regulator Applications DC-DC Converter Applications
TPCS8004 TOSHIBA-TPCS8004_09 Datasheet
211Kb / 7P
   High-Speed Switching Applications Switching Regulator Applications DC-DC Converter Applications
TPCS8007-H TOSHIBA-TPCS8007-H Datasheet
235Kb / 7P
   High-Speed Switching Applications Switching Regulator Applications DC/DC Converter Applications
More results

Description similaire - TPCS8006

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
SSM6N37FE TOSHIBA-SSM6N37FE Datasheet
197Kb / 5P
   High-Speed Switching Applications Analog Switching Applications
SSM6N44FE TOSHIBA-SSM6N44FE Datasheet
154Kb / 5P
   High Speed Switching Applications Analog Switching Applications
SSM6N16FE TOSHIBA-SSM6N16FE Datasheet
143Kb / 5P
   High Speed Switching Applications Analog Switching Applications
SSM3K16FU TOSHIBA-SSM3K16FU Datasheet
137Kb / 5P
   High Speed Switching Applications Analog Switching Applications
2SK1062TE85LF TOSHIBA-2SK1062TE85LF Datasheet
327Kb / 5P
   High Speed Switching Applications
SSM6L12TU TOSHIBA-SSM6L12TU Datasheet
241Kb / 9P
   High-Speed Switching Applications
TPC6D03 TOSHIBA-TPC6D03 Datasheet
205Kb / 7P
   High-Speed Switching Applications
logo
Sanyo Semicon Device
2SA1730 SANYO-2SA1730 Datasheet
91Kb / 3P
   High-Speed Switching Applications
2SA1331 SANYO-2SA1331 Datasheet
112Kb / 4P
   High-Speed Switching Applications
2SC4452 SANYO-2SC4452 Datasheet
89Kb / 3P
   High-Speed Switching Applications
2SC4455 SANYO-2SC4455 Datasheet
87Kb / 3P
   High-Speed Switching Applications
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com