Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS51124RGER Fiches technique(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS51124RGER
Description  DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS51124RGER Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TPS51124RGER Datasheet HTML 4Page - Texas Instruments TPS51124RGER Datasheet HTML 5Page - Texas Instruments TPS51124RGER Datasheet HTML 6Page - Texas Instruments TPS51124RGER Datasheet HTML 7Page - Texas Instruments TPS51124RGER Datasheet HTML 8Page - Texas Instruments TPS51124RGER Datasheet HTML 9Page - Texas Instruments TPS51124RGER Datasheet HTML 10Page - Texas Instruments TPS51124RGER Datasheet HTML 11Page - Texas Instruments TPS51124RGER Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
www.ti.com
LOW-SIDE DRIVER
HIGH-SIDE DRIVER
PWM FREQUENCY AND ADAPTIVE ON-TIME CONTROL
SOFT START
POWER GOOD
TPS51124
SLVS616A – NOVEMBER 2005 – REVISED NOVEMBER 2005
DETAILED DESCRIPTION (continued)
The low-side driver is designed to drive high current low RDS(on) N-channel MOSFET(s). The drive capability is
represented by its internal resistances, which are 4
Ω for V5IN to DRVLx, and 1 Ω for DRVLx to PGNDx. A dead
time to prevent shoot through is internally generated between high-side MOSFET off to low-side MOSFET on,
and low-side MOSFET off to high-side MOSFET on. A 5-V bias voltage is delivered from V5IN supply. The
instantaneous drive current is supplied by an input capacitor connected between V5IN and GND. The average
drive current is equal to the gate charge at Vgs = 5 V times switching frequency. This gate drive current, as well
as the high-side gate drive current times 5 V, makes the driving power that needs to be dissipated from
TPS51124 package.
The high-side driver is designed to drive high-current, low RDS(on) N-channel MOSFET(s). When configured as a
floating driver, 5-V bias voltage is delivered from V5IN supply. The average drive current is also calculated by the
gate charge at Vgs = 5 V times switching frequency. The instantaneous drive current is supplied by the flying
capacitor between VBSTx and LLx pins. The drive capability is represented by its internal resistances, which are
5
Ω for VBSTx to DRVHx and 1.5 Ω for DRVHx to LLx.
TPS51124 employs adaptive on-time control scheme and does not have a dedicated oscillator on board.
However, the part runs with pseudo-constant frequency by feed-forwarding the input and output voltage into the
on-time one-shot timer. The frequencies are set by TONSEL terminal connection as Table 1. The on-time is
controlled inverse proportional to the input voltage and proportional to the output voltage so that the duty ratio is
kept as VOUT/VIN technically with the same cycle time. Although the TPS51124 does not have a pin connected
to VIN, the input voltage is monitored at LLx pin during the ON state. This helps pin count reduction to make the
part compact without sacrificing its performance.
Table 1. TONSEL Connection and Switching Frequency Table
(Frequencies Are Approximate)
TONSEL CONNECTION
SWITCHING FREQUENCY
CH1
CH2
GND
240 kHz
300 kHz
FLOAT (Open)
300 kHz
360 kHz
V5FILT
360 kHz
420 kHz
The TPS51124 has an internal, 1.2-ms, voltage servo soft start for each channel. When the ENx pin becomes
high, an internal DAC begins ramping up the reference voltage to the PWM comparator. Smooth control of the
output voltage is maintained during start-up. As TPS51124 shares one DAC with both channels, if ENx pin is set
to high while another channel is starting up, soft start is postponed until another channel soft start has
completed. If both of EN1 and EN2 are set high at a same time, both channels start up at same time.
The TPS51124 has power-good output for both switcher channels. The power-good function is activated after
soft start has finished. If the output voltage becomes within
±5% of the target value, internal comparators detect
power good state and the power good signal becomes high after a 510-
µs internal delay. During start-up, this
internal delay starts after 1.7 times internal soft-start time to avoid a glitch of power-good signal. If the feedback
voltage goes outside of
±10% of the target value, the power-good signal becomes low after 10-µs internal delay.
Also note that if the feedback voltage goes +10% above target value and the power-good signal flags low, then
the loop attempts to correct the output by turning on the low-side driver (forced PWM mode). After the feedback
voltage returns to be within +5% of the target value and the power-good signal goes high, the controller returns
back to auto-skip mode.
8


Numéro de pièce similaire - TPS51124RGER

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS51124 TI-TPS51124_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS51124 Dual Synchronous Step-Down Controller for Low-Voltage Power Rails
More results

Description similaire - TPS51124RGER

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS53128 TI-TPS53128 Datasheet
788Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53127 TI-TPS53127_1 Datasheet
843Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53129 TI-TPS53129 Datasheet
761Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53124 TI-TPS53124 Datasheet
719Kb / 22P
[Old version datasheet]   Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
TPS53127 TI-TPS53127 Datasheet
482Kb / 23P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53126 TI-TPS53126 Datasheet
979Kb / 30P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53125 TI-TPS53125 Datasheet
462Kb / 22P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53125 TI-TPS53125_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS53125 Dual Synchronous Step-Down Controller for Low Voltage Power Rails
TPS51124 TI-TPS51124_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS51124 Dual Synchronous Step-Down Controller for Low-Voltage Power Rails
TPS53124 TI-TPS53124_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPS53124 Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com