Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS5124RGER Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce TPS5124RGER
Description  DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS5124RGER Fiches technique(HTML) 5 Page - Texas Instruments

  TPS5124RGER Datasheet HTML 1Page - Texas Instruments TPS5124RGER Datasheet HTML 2Page - Texas Instruments TPS5124RGER Datasheet HTML 3Page - Texas Instruments TPS5124RGER Datasheet HTML 4Page - Texas Instruments TPS5124RGER Datasheet HTML 5Page - Texas Instruments TPS5124RGER Datasheet HTML 6Page - Texas Instruments TPS5124RGER Datasheet HTML 7Page - Texas Instruments TPS5124RGER Datasheet HTML 8Page - Texas Instruments TPS5124RGER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
www.ti.com
DEVICE INFORMATION
24
23
22
21
20
19
PGND1
TRIP1
V5IN
V5FILT
TRIP2
PGND2
VO1
VFB1
GND
TONSEL
VFB2
VO2
48
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
QFN PACKAGE
(TOP VIEW)
TPS51124
SLVS616A – NOVEMBER 2005 – REVISED NOVEMBER 2005
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
DRVH1
21
Synchronous high-side MOSFET driver outputs. LL node referenced floating drivers. The gate drive
O
voltage is defined by the voltage across VBST to LL node flying capacitor.
DRVH2
10
DRVL1
19
Synchronous low-side MOSFET driver outputs. PGND referenced drivers. The gate drive voltage is
O
defined by V5IN voltage.
DRVL2
12
EN1
23
I
Channel 1 and channel 2 enable pins. Connect to 5 V or 3.3 V to turn on SMPS
EN2
8
GND
3
I
Signal ground pin
LL1
20
Switch node connections for high-side drivers return. Also serve as input to current comparators and input
I/O
voltage monitor for on-time control circuitry.
LL2
11
PGND1
18
Ground returns for DRVL1 and DRVL2. Also serve as input of current comparators. Connect PGND1,
I/O
PGND2, and GND strongly together near the IC. Output discharge current flows through this pin, also.
PGND2
13
PGOOD1
24
Power Good window comparator open drain output for channel 1 and 2. Pull up with a resistor to 5 V, or
O
appropriate signal voltage. Current capability is 5 mA. PGOOD goes high 0.5 ms after VFB comes within
PGOOD2
7
specified limits. Power bad, or the terminal goes low, is within 10
µs.
TONSEL
4
I
On-time selection pin. See Table 1.
TRIP1
17
Over-current trip point set input. Connect resistor from this pin to GND to set threshold for synchronous
I
low-side RDS(on) sense. Voltage across this pin and GND is compared to voltage across PGND and LL at
TRIP2
14
over-current comparator.
VBST1
22
Supply input for synchronous high-side MOSFET driver (Boost Terminal). Connect capacitor from this pin
I
to respective LL terminals. An internal PN diode is connected between V5IN to each of these pins. User
VBST2
9
can add external Schottky diode if forward drop is critical to drive the MOSFET.
VFB1
2
I
SMPS voltage feedback inputs. Connect with feedback resistor divider.
VFB2
5
VO1
1
Output connections to SMPS. These terminals serve two functions: On-time adjustment and output
I
discharge.
VO2
6
5-V power supply input for the entire control circuit except the MOSFET drivers. Connect RC low-pass
V5FILT
15
I
filter from V5IN to V5FILT.
V5IN
16
I
5-V power supply input for FET gate drivers. Internally connected to VBSTx by PN diodes.
5


Numéro de pièce similaire - TPS5124RGER

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS5124 TI-TPS5124 Datasheet
265Kb / 16P
[Old version datasheet]   DUAL CHANNEL SYNCHRONOUS STEP DOWN PWM CONTROLLER
TPS5124 TI-TPS5124 Datasheet
271Kb / 18P
[Old version datasheet]   DUAL CHANNEL, SYNCHRONOUS STEP-DOWN PWM CONTROLLER
TPS5124DBT TI-TPS5124DBT Datasheet
265Kb / 16P
[Old version datasheet]   DUAL CHANNEL SYNCHRONOUS STEP DOWN PWM CONTROLLER
TPS5124DBT TI-TPS5124DBT Datasheet
271Kb / 18P
[Old version datasheet]   DUAL CHANNEL, SYNCHRONOUS STEP-DOWN PWM CONTROLLER
TPS5124DBTG4 TI-TPS5124DBTG4 Datasheet
271Kb / 18P
[Old version datasheet]   DUAL CHANNEL, SYNCHRONOUS STEP-DOWN PWM CONTROLLER
More results

Description similaire - TPS5124RGER

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS53128 TI-TPS53128 Datasheet
788Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53127 TI-TPS53127_1 Datasheet
843Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53129 TI-TPS53129 Datasheet
761Kb / 29P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53124 TI-TPS53124 Datasheet
719Kb / 22P
[Old version datasheet]   Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
TPS53127 TI-TPS53127 Datasheet
482Kb / 23P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53126 TI-TPS53126 Datasheet
979Kb / 30P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53125 TI-TPS53125 Datasheet
462Kb / 22P
[Old version datasheet]   DUAL SYNCHRONOUS STEP-DOWN CONTROLLER FOR LOW VOLTAGE POWER RAILS
TPS53125 TI-TPS53125_15 Datasheet
1Mb / 33P
[Old version datasheet]   TPS53125 Dual Synchronous Step-Down Controller for Low Voltage Power Rails
TPS51124 TI-TPS51124_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS51124 Dual Synchronous Step-Down Controller for Low-Voltage Power Rails
TPS53124 TI-TPS53124_15 Datasheet
1Mb / 29P
[Old version datasheet]   TPS53124 Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com