Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM65568 Fiches technique(PDF) 100 Page - ELAN Microelectronics Corp

No de pièce EM65568
Description  130 COM/ 128 SEG 4096 Color STN LCD Driver
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EMC [ELAN Microelectronics Corp]
Site Internet  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM65568 Fiches technique(HTML) 100 Page - ELAN Microelectronics Corp

Back Button EM65568 Datasheet HTML 96Page - ELAN Microelectronics Corp EM65568 Datasheet HTML 97Page - ELAN Microelectronics Corp EM65568 Datasheet HTML 98Page - ELAN Microelectronics Corp EM65568 Datasheet HTML 99Page - ELAN Microelectronics Corp EM65568 Datasheet HTML 100Page - ELAN Microelectronics Corp EM65568 Datasheet HTML 101Page - ELAN Microelectronics Corp EM65568 Datasheet HTML 102Page - ELAN Microelectronics Corp EM65568 Datasheet HTML 103Page - ELAN Microelectronics Corp EM65568 Datasheet HTML 104Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 112 page
background image
EM65568
130 COM/ 128 SEG 4096 Color STN LCD Driver
* This specification is subject to be changed without notice.
2005/3/8 (V1.2)
100
(3) 68-family MCU write timing
tAS6
tAH6
tEHW 6
tELW 6
tDS6
tDH6
tCYCW R6
CSB
RS
R/W B
(W RB)
E
(RDB)
D0-D15
VSS=0V , VDD = 2.7 ~3.3V , Ta = -30~+85℃
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Pin used
Address hold time
tAH6
20
ns
Address setup time
tAS6
0
ns
CSB
RS
System cycle time in write tCYCWR6
200
ns
Write pulse “L” width
tELW6
160
ns
Write pulse “H” width
tEHW6
30
ns
RDB(E)
Data setup time
tDS6
20
ns
Data hold time
tDH6
5
ns
D0~D15
VSS=0V , VDD = 2.4 ~2.7V , Ta = -30~+85℃
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Pin used
Address hold time
tAH6
30
ns
Address setup time
tAS6
0
ns
CSB
RS
System cycle time in write tCYCWR6
300
ns
Write pulse “L” width
tELW6
250
ns
Write pulse “H” width
tEHW6
40
ns
RDB(E)
Data setup time
tDS6
30
ns
Data hold time
tDH6
10
ns
D0~D15
VSS=0V , VDD = 2.2 ~2.4V , Ta = -30~+85℃
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Pin used
Address hold time
tAH6
40
ns
Address setup time
tAS6
0
ns
CSB
RS
System cycle time in write tCYCWR6
500
ns
Write pulse “L” width
tELW6
440
ns
Write pulse “H” width
tEHW6
50
ns
RDB(E)
Data setup time
tDS6
40
ns
Data hold time
tDH6
20
ns
D0~D15
Note: All the timings must be specified relative to 20% and 80% of VDD voltage.


Numéro de pièce similaire - EM65568

FabricantNo de pièceFiches techniqueDescription
logo
ELAN Microelectronics C...
EM65565A EMC-EM65565A Datasheet
556Kb / 48P
   65 COM/ 132 SEG STN LCD Driver
EM65565AAGH EMC-EM65565AAGH Datasheet
556Kb / 48P
   65 COM/ 132 SEG STN LCD Driver
EM65567 EMC-EM65567 Datasheet
898Kb / 93P
   66 COM/ 96 SEG 256 Color STN LCD Driver
EM65567AF EMC-EM65567AF Datasheet
898Kb / 93P
   66 COM/ 96 SEG 256 Color STN LCD Driver
EM65567AGH EMC-EM65567AGH Datasheet
898Kb / 93P
   66 COM/ 96 SEG 256 Color STN LCD Driver
More results

Description similaire - EM65568

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
S6B0728 SAMSUNG-S6B0728 Datasheet
530Kb / 60P
   132 SEG / 128 COM DRIVER & CONTROLLER FOR STN LCD
S6B0755 SAMSUNG-S6B0755 Datasheet
585Kb / 68P
   128 SEG / 65 COM DRIVER & CONTROLLER FOR STN LCD
KS0759 SAMSUNG-KS0759 Datasheet
580Kb / 67P
   81 COM / 128 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0759 SAMSUNG-S6B0759 Datasheet
657Kb / 68P
   81 COM / 128 SEG DRIVER & CONTROLLER FOR STN LCD
logo
ELAN Microelectronics C...
EM65567 EMC-EM65567 Datasheet
898Kb / 93P
   66 COM/ 96 SEG 256 Color STN LCD Driver
logo
Samsung semiconductor
S6B0796 SAMSUNG-S6B0796 Datasheet
276Kb / 32P
   240 SEG / COM DRIVER FOR STN LCD
S6B0794 SAMSUNG-S6B0794 Datasheet
266Kb / 31P
   160 SEG / COM DRIVER FOR STN LCD
logo
ELAN Microelectronics C...
EM62100 EMC-EM62100 Datasheet
841Kb / 60P
   65 COM / 132 SEG STN LCD Driver
EM65565A EMC-EM65565A Datasheet
556Kb / 48P
   65 COM/ 132 SEG STN LCD Driver
logo
Generalplus Technology ...
GPLD1120D GENERALPLUS-GPLD1120D Datasheet
980Kb / 32P
   120-channel SEG/COM STN LCD Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com