Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM65568 Fiches technique(PDF) 69 Page - ELAN Microelectronics Corp

No de pièce EM65568
Description  130 COM/ 128 SEG 4096 Color STN LCD Driver
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EMC [ELAN Microelectronics Corp]
Site Internet  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM65568 Fiches technique(HTML) 69 Page - ELAN Microelectronics Corp

Back Button EM65568 Datasheet HTML 65Page - ELAN Microelectronics Corp EM65568 Datasheet HTML 66Page - ELAN Microelectronics Corp EM65568 Datasheet HTML 67Page - ELAN Microelectronics Corp EM65568 Datasheet HTML 68Page - ELAN Microelectronics Corp EM65568 Datasheet HTML 69Page - ELAN Microelectronics Corp EM65568 Datasheet HTML 70Page - ELAN Microelectronics Corp EM65568 Datasheet HTML 71Page - ELAN Microelectronics Corp EM65568 Datasheet HTML 72Page - ELAN Microelectronics Corp EM65568 Datasheet HTML 73Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 112 page
background image
EM65568
130 COM/ 128 SEG 4096 Color STN LCD Driver
* This specification is subject to be changed without notice.
2005/3/8 (V1.2)
69
N7
N6
N5
N4
N3
N2
N1
N0
Line Address
0
0
0
0
0
0
0
0
-
0
0
0
0
0
0
0
1
2
1
0
0
0
0
0
0
0
129
Alternated Timing
(i)
NLIN=”0” (in case of 1/130 DUTY Display)
1st Line
2nd Line
3rd Line
LP
FLM
M
129st Line
130th Line 1st Line
(ii)
NLIN=”1”
1st Line
2nd Line
3rd Line
LP
M
nth Line
1st Line
2nd Line
nth line Cycle
8.2.5 Display Control (1) Register
D7
D6
D5
D4
D3
D2
D1
D0
CSB
RS
RDB WRB RE2 RE1 RE0
1
0
0
0
SHIFT MON
ALL
ON
ON/
OFF
0
1
1
0
0
0
0
(At the time of reset: {SHIFT, MON, ALLON, ON/OFF}=0H, read address: 8H)
Various control of display is set up.
ON/OFF
To control ON/OFF of display
ON/OFF = “0”: Display OFF


Numéro de pièce similaire - EM65568

FabricantNo de pièceFiches techniqueDescription
logo
ELAN Microelectronics C...
EM65565A EMC-EM65565A Datasheet
556Kb / 48P
   65 COM/ 132 SEG STN LCD Driver
EM65565AAGH EMC-EM65565AAGH Datasheet
556Kb / 48P
   65 COM/ 132 SEG STN LCD Driver
EM65567 EMC-EM65567 Datasheet
898Kb / 93P
   66 COM/ 96 SEG 256 Color STN LCD Driver
EM65567AF EMC-EM65567AF Datasheet
898Kb / 93P
   66 COM/ 96 SEG 256 Color STN LCD Driver
EM65567AGH EMC-EM65567AGH Datasheet
898Kb / 93P
   66 COM/ 96 SEG 256 Color STN LCD Driver
More results

Description similaire - EM65568

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
S6B0728 SAMSUNG-S6B0728 Datasheet
530Kb / 60P
   132 SEG / 128 COM DRIVER & CONTROLLER FOR STN LCD
S6B0755 SAMSUNG-S6B0755 Datasheet
585Kb / 68P
   128 SEG / 65 COM DRIVER & CONTROLLER FOR STN LCD
KS0759 SAMSUNG-KS0759 Datasheet
580Kb / 67P
   81 COM / 128 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0759 SAMSUNG-S6B0759 Datasheet
657Kb / 68P
   81 COM / 128 SEG DRIVER & CONTROLLER FOR STN LCD
logo
ELAN Microelectronics C...
EM65567 EMC-EM65567 Datasheet
898Kb / 93P
   66 COM/ 96 SEG 256 Color STN LCD Driver
logo
Samsung semiconductor
S6B0796 SAMSUNG-S6B0796 Datasheet
276Kb / 32P
   240 SEG / COM DRIVER FOR STN LCD
S6B0794 SAMSUNG-S6B0794 Datasheet
266Kb / 31P
   160 SEG / COM DRIVER FOR STN LCD
logo
ELAN Microelectronics C...
EM62100 EMC-EM62100 Datasheet
841Kb / 60P
   65 COM / 132 SEG STN LCD Driver
EM65565A EMC-EM65565A Datasheet
556Kb / 48P
   65 COM/ 132 SEG STN LCD Driver
logo
Generalplus Technology ...
GPLD1120D GENERALPLUS-GPLD1120D Datasheet
980Kb / 32P
   120-channel SEG/COM STN LCD Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com