Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM65568 Fiches technique(PDF) 68 Page - ELAN Microelectronics Corp

No de pièce EM65568
Description  130 COM/ 128 SEG 4096 Color STN LCD Driver
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EMC [ELAN Microelectronics Corp]
Site Internet  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM65568 Fiches technique(HTML) 68 Page - ELAN Microelectronics Corp

Back Button EM65568 Datasheet HTML 64Page - ELAN Microelectronics Corp EM65568 Datasheet HTML 65Page - ELAN Microelectronics Corp EM65568 Datasheet HTML 66Page - ELAN Microelectronics Corp EM65568 Datasheet HTML 67Page - ELAN Microelectronics Corp EM65568 Datasheet HTML 68Page - ELAN Microelectronics Corp EM65568 Datasheet HTML 69Page - ELAN Microelectronics Corp EM65568 Datasheet HTML 70Page - ELAN Microelectronics Corp EM65568 Datasheet HTML 71Page - ELAN Microelectronics Corp EM65568 Datasheet HTML 72Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 112 page
background image
EM65568
130 COM/ 128 SEG 4096 Color STN LCD Driver
* This specification is subject to be changed without notice.
2005/3/8 (V1.2)
68
(At the time of reset: {AY7, AY6, AY5, AY4}=0H, read address: 3H)
Mark shows “Don’t care”
The AY register set to Y-direction address of display RAM. In data setting, lower place and upper place are divided with 4-bit
and 4-bit respectively. 00H to 81H are applicable to the values for AY7 to AY0, and 82H to FFH are not permitted. The address
for (AY7 to AY0) = 70H, 81H are in the display RAM area for icon display.
8.2.3 Display Start Address Register (LA)
D7
D6
D5
D4
D3
D2
D1
D0
CSB
RS
RDB WRB RE2 RE1 RE0
0
1
0
0
LA3 LA2 LA1 LA0
0
1
1
0
0
0
0
(At the time of reset: {LA3, LA2, LA1, LA0}=0H, read address: 4H)
D7
D6
D5
D4
D3
D2
D1
D0
CSB
RS
RDB WRB RE2 RE1 RE0
0
1
0
1
LA6 LA5 LA4
0
1
1
0
0
0
0
(At the time of reset: { LA6, LA5, LA4}=0H, read address: 5H)
Mark shows “Don’t care”
The LA register indicated first output segment data in display RAM. This segment data output to common line indicated by SC
register. After that output common line shift to the increment direction.
LA6
LA5
LA4
LA3
LA2
LA1
LA0
Line Address
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
1
127
8.2.4 n Line Alternated Register (N)
D7
D6
D5
D4
D3
D2
D1
D0
CSB
RS
RDB WRB RE2 RE1 RE0
0
1
1
0
N3
N2
N1
N0
0
1
1
0
0
0
0
(At the time of reset: {N3, N2, N1, N0}=0H, read address: 6H)
D7
D6
D5
D4
D3
D2
D1
D0
CSB
RS
RDB WRB RE2 RE1 RE0
0
1
1
1
N7
N6
N5
N4
0
1
1
0
0
0
0
(At the time of reset: {N7,N6, N5, N4}=0H, read address: 7H)
Mark shows “Don’t care”
The reverse line number of LCD alternated drive is required to set in the register. The line number has a limit, must keeps
between from 2 to 80 lines. The values set up by the alternated register become enable when NLIN control bit is “1”. When
NLIN control bit is “0”, alternated drive waveform reverses by each frame is generated.


Numéro de pièce similaire - EM65568

FabricantNo de pièceFiches techniqueDescription
logo
ELAN Microelectronics C...
EM65565A EMC-EM65565A Datasheet
556Kb / 48P
   65 COM/ 132 SEG STN LCD Driver
EM65565AAGH EMC-EM65565AAGH Datasheet
556Kb / 48P
   65 COM/ 132 SEG STN LCD Driver
EM65567 EMC-EM65567 Datasheet
898Kb / 93P
   66 COM/ 96 SEG 256 Color STN LCD Driver
EM65567AF EMC-EM65567AF Datasheet
898Kb / 93P
   66 COM/ 96 SEG 256 Color STN LCD Driver
EM65567AGH EMC-EM65567AGH Datasheet
898Kb / 93P
   66 COM/ 96 SEG 256 Color STN LCD Driver
More results

Description similaire - EM65568

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
S6B0728 SAMSUNG-S6B0728 Datasheet
530Kb / 60P
   132 SEG / 128 COM DRIVER & CONTROLLER FOR STN LCD
S6B0755 SAMSUNG-S6B0755 Datasheet
585Kb / 68P
   128 SEG / 65 COM DRIVER & CONTROLLER FOR STN LCD
KS0759 SAMSUNG-KS0759 Datasheet
580Kb / 67P
   81 COM / 128 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0759 SAMSUNG-S6B0759 Datasheet
657Kb / 68P
   81 COM / 128 SEG DRIVER & CONTROLLER FOR STN LCD
logo
ELAN Microelectronics C...
EM65567 EMC-EM65567 Datasheet
898Kb / 93P
   66 COM/ 96 SEG 256 Color STN LCD Driver
logo
Samsung semiconductor
S6B0796 SAMSUNG-S6B0796 Datasheet
276Kb / 32P
   240 SEG / COM DRIVER FOR STN LCD
S6B0794 SAMSUNG-S6B0794 Datasheet
266Kb / 31P
   160 SEG / COM DRIVER FOR STN LCD
logo
ELAN Microelectronics C...
EM62100 EMC-EM62100 Datasheet
841Kb / 60P
   65 COM / 132 SEG STN LCD Driver
EM65565A EMC-EM65565A Datasheet
556Kb / 48P
   65 COM/ 132 SEG STN LCD Driver
logo
Generalplus Technology ...
GPLD1120D GENERALPLUS-GPLD1120D Datasheet
980Kb / 32P
   120-channel SEG/COM STN LCD Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com