Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM65568 Fiches technique(PDF) 37 Page - ELAN Microelectronics Corp

No de pièce EM65568
Description  130 COM/ 128 SEG 4096 Color STN LCD Driver
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EMC [ELAN Microelectronics Corp]
Site Internet  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM65568 Fiches technique(HTML) 37 Page - ELAN Microelectronics Corp

Back Button EM65568 Datasheet HTML 33Page - ELAN Microelectronics Corp EM65568 Datasheet HTML 34Page - ELAN Microelectronics Corp EM65568 Datasheet HTML 35Page - ELAN Microelectronics Corp EM65568 Datasheet HTML 36Page - ELAN Microelectronics Corp EM65568 Datasheet HTML 37Page - ELAN Microelectronics Corp EM65568 Datasheet HTML 38Page - ELAN Microelectronics Corp EM65568 Datasheet HTML 39Page - ELAN Microelectronics Corp EM65568 Datasheet HTML 40Page - ELAN Microelectronics Corp EM65568 Datasheet HTML 41Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 112 page
background image
EM65568
130 COM/ 128 SEG 4096 Color STN LCD Driver
* This specification is subject to be changed without notice.
2005/3/8 (V1.2)
37
(6)Data read and write bit assignment
In 16-bit data bus mode
ABS=0 C256=0 Write D15 D14 D13 D12 D11 D10 D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Read
D15 D14 D13 D12
1
D10 D9
D8
D7
1
1
D4
D3
D2
D1
1
ABS=1 C256=0 Write D15 D14 D13 D12 D11 D10 D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Read
1
1
1
1
D11 D10 D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
ABS=* C256=1 Write D15 D14 D13 D12 D11 D10 D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Read
D15 D14 D13 D12 D11 D10 D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
In 8-bit data bus mode
ABS=0 HSW=0 C256=0 Address
00,02,04………FC,FEH
01,03,05………FD,FFH
Write
D7 D6 D5 D4 D3 D2 D1 D0 D7 D6 D5 D4 D3 D2 D1 D0
Read
D7 D6 D5 D4
1
D2 D1 D0 D7
1
1
D4 D3 D2 D1
1
ABS=1 HSW=0 C256=0 Address
00,02,04………FC,FEH
01,03,05………FD,FFH
Write
D7 D6 D5 D4 D3 D2 D1 D0 D7 D6 D5 D4 D3 D2 D1 D0
Read
1
1
1
1
D3 D2 D1 D0 D7 D6 D5 D4 D3 D2 D1 D0
ABS=0 HSW=1 C256=0 Address
00,01,02……BD,BE,BFH
Write
D7 D6 D5 D4 D3 D2 D1 D0
Read
D7 D6 D5 D4 D3 D2 D1 D0
ABS=0 HSW=0 C256=1 Address
00,01,02……7D,7E,7FH
Write
D7 D6 D5 D4 D3 D2 D1 D0
Read
D7 D6 D5 D4 D3 D2 D1 D0
7.11 Display Data Structure and Gradation Control
For the purpose of gradation control, one pixel requires multiple bits of display RAM. The EM65568 has 4-bit data per output
to achieve the gradation display.
The three outputs of the segment driver are used for one pixel of RGB, and the EM65568 is connected to an STN color LCD
panel. It can display 128*130 pixels with 4096 colors (4 bits * 4 bits * 4 bits). In this case, since the gradation display data is
processed by a single access to the memory, the data can be rewritten fast and naturally.
The weighting for each data bit is dependent on the status of the SWAP bit and the REF bit that is selected when data is written
to the display RAM.


Numéro de pièce similaire - EM65568

FabricantNo de pièceFiches techniqueDescription
logo
ELAN Microelectronics C...
EM65565A EMC-EM65565A Datasheet
556Kb / 48P
   65 COM/ 132 SEG STN LCD Driver
EM65565AAGH EMC-EM65565AAGH Datasheet
556Kb / 48P
   65 COM/ 132 SEG STN LCD Driver
EM65567 EMC-EM65567 Datasheet
898Kb / 93P
   66 COM/ 96 SEG 256 Color STN LCD Driver
EM65567AF EMC-EM65567AF Datasheet
898Kb / 93P
   66 COM/ 96 SEG 256 Color STN LCD Driver
EM65567AGH EMC-EM65567AGH Datasheet
898Kb / 93P
   66 COM/ 96 SEG 256 Color STN LCD Driver
More results

Description similaire - EM65568

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
S6B0728 SAMSUNG-S6B0728 Datasheet
530Kb / 60P
   132 SEG / 128 COM DRIVER & CONTROLLER FOR STN LCD
S6B0755 SAMSUNG-S6B0755 Datasheet
585Kb / 68P
   128 SEG / 65 COM DRIVER & CONTROLLER FOR STN LCD
KS0759 SAMSUNG-KS0759 Datasheet
580Kb / 67P
   81 COM / 128 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0759 SAMSUNG-S6B0759 Datasheet
657Kb / 68P
   81 COM / 128 SEG DRIVER & CONTROLLER FOR STN LCD
logo
ELAN Microelectronics C...
EM65567 EMC-EM65567 Datasheet
898Kb / 93P
   66 COM/ 96 SEG 256 Color STN LCD Driver
logo
Samsung semiconductor
S6B0796 SAMSUNG-S6B0796 Datasheet
276Kb / 32P
   240 SEG / COM DRIVER FOR STN LCD
S6B0794 SAMSUNG-S6B0794 Datasheet
266Kb / 31P
   160 SEG / COM DRIVER FOR STN LCD
logo
ELAN Microelectronics C...
EM62100 EMC-EM62100 Datasheet
841Kb / 60P
   65 COM / 132 SEG STN LCD Driver
EM65565A EMC-EM65565A Datasheet
556Kb / 48P
   65 COM/ 132 SEG STN LCD Driver
logo
Generalplus Technology ...
GPLD1120D GENERALPLUS-GPLD1120D Datasheet
980Kb / 32P
   120-channel SEG/COM STN LCD Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com