Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM65565A Fiches technique(PDF) 16 Page - ELAN Microelectronics Corp

No de pièce EM65565A
Description  65 COM/ 132 SEG STN LCD Driver
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EMC [ELAN Microelectronics Corp]
Site Internet  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM65565A Fiches technique(HTML) 16 Page - ELAN Microelectronics Corp

Back Button EM65565A Datasheet HTML 12Page - ELAN Microelectronics Corp EM65565A Datasheet HTML 13Page - ELAN Microelectronics Corp EM65565A Datasheet HTML 14Page - ELAN Microelectronics Corp EM65565A Datasheet HTML 15Page - ELAN Microelectronics Corp EM65565A Datasheet HTML 16Page - ELAN Microelectronics Corp EM65565A Datasheet HTML 17Page - ELAN Microelectronics Corp EM65565A Datasheet HTML 18Page - ELAN Microelectronics Corp EM65565A Datasheet HTML 19Page - ELAN Microelectronics Corp EM65565A Datasheet HTML 20Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
EM65565A
65 COM/132SEG STN LCD Driver
10
Product Specification (V1.0) 06.06.2005
(This specification is subject to change without further notice)
Pin Name
I/O
Function
FR
I/O
Liquid crystal alternating current signal I/O terminal.
M/S = “H” : Output
M/S = “L” : Input
When the EM65565A Series IC is used in master/slave mode, the various FR
terminals must be connected.
/BCT
I/O
LCD blanking control terminal.
M/S = “H” : Output, M/S = “L” : Input
When the EM65565A chip is used in master/slave mode, the various /BCT terminals
must be connected.
FRS
O
Output terminal for the static drive.
This terminal is only enabled when the static indicator display is ON in master
operation mode, and is used in conjunction with the FR terminal.
IRS
I
Terminal used to select the resistors for the V0 voltage level adjustment.
IRS = “H” : Use the internal resistors
IRS = “L” : Do not use the internal resistors. The V0 voltage level is regulated by an
external resistive voltage divider attached to the VR terminal.
This pin is enabled only when the master operation mode is selected.
It is fixed to either “H” or “L” when the slave operation mode is selected.
/PCT
I
Power control terminal for the liquid crystal drive power supply circuit.
/PCT = “H” : Normal mode
/PCT = “L” : High power mode
This pin is enabled only when the master operation mode is selected.
It is fixed to either “H” or “L” when the slave operation mode is selected.
Liquid crystal segment drive outputs. Through a combination of the contents of the
display RAM and with the FR signal, a single level is selected from V0, V2, V3, and
VSS.
RAM DATA
FR
Output Voltage
Normal Display
Reverse Display
H
H
V0
V2
H
L
VSS
V3
L
H
V2
V0
L
L
V3
VSS
Power Save &
Display OFF
--
VSS
SEG0
to
SEG131
O
LCD common drive outputs.
Through a combination of the contents of the scan data and with the FR signal, a
single level is selected from V0, V1, V4, and VSS.
Scan Data
FR
Output Voltage
H
H
VSS
H
L
V0
L
H
V1
L
L
V4
Power Save
--
VSS
COM 0
to
COM 63
O
COMS
O
Common output terminal for the indicator. This terminal outputs the same signal.
Leave this open if it is not used.
When in master/slave mode, the same signal is output by both master and slave.
TEST1~3
I/O
For IC testing, should be floating


Numéro de pièce similaire - EM65565A

FabricantNo de pièceFiches techniqueDescription
logo
ELAN Microelectronics C...
EM65567 EMC-EM65567 Datasheet
898Kb / 93P
   66 COM/ 96 SEG 256 Color STN LCD Driver
EM65567AF EMC-EM65567AF Datasheet
898Kb / 93P
   66 COM/ 96 SEG 256 Color STN LCD Driver
EM65567AGH EMC-EM65567AGH Datasheet
898Kb / 93P
   66 COM/ 96 SEG 256 Color STN LCD Driver
EM65568 EMC-EM65568 Datasheet
1Mb / 112P
   130 COM/ 128 SEG 4096 Color STN LCD Driver
EM65568AF EMC-EM65568AF Datasheet
1Mb / 112P
   130 COM/ 128 SEG 4096 Color STN LCD Driver
More results

Description similaire - EM65565A

FabricantNo de pièceFiches techniqueDescription
logo
ELAN Microelectronics C...
EM62100 EMC-EM62100 Datasheet
841Kb / 60P
   65 COM / 132 SEG STN LCD Driver
logo
Samsung semiconductor
S6B0724 SAMSUNG-S6B0724 Datasheet
898Kb / 66P
   132 SEG / 65 COM DRIVER & CONTROLLER FOR STN LCD
S6B1713 SAMSUNG-S6B1713 Datasheet
419Kb / 70P
   65 COM / 132 SEG DRIVER & CONTROLLER FOR STN LCD
KS0040 SAMSUNG-KS0040 Datasheet
860Kb / 73P
   65 COM / 132 SEG DRIVER & CONTROLLER FOR STN LCD
S6B0723 SAMSUNG-S6B0723 Datasheet
946Kb / 71P
   132 SEG / 65 COM DRIVER & CONTROLLER FOR STN LCD
S6B0721 SAMSUNG-S6B0721 Datasheet
901Kb / 67P
   132 SEG / 65 COM DRIVER & CONTROLLER FOR STN LCD
KS0713 SAMSUNG-KS0713 Datasheet
849Kb / 67P
   65 COM / 132 SEG DRIVER & CONTROLLER FOR STN LCD
KS0724 SAMSUNG-KS0724 Datasheet
899Kb / 66P
   65 COM / 132 SEG DRIVER & CONTROLLER FOR STN LCD
logo
ELAN Microelectronics C...
EPL65132 EMC-EPL65132 Datasheet
578Kb / 64P
   65 COM / 132 SEG LCD Driver
logo
Samsung semiconductor
S6B0728 SAMSUNG-S6B0728 Datasheet
530Kb / 60P
   132 SEG / 128 COM DRIVER & CONTROLLER FOR STN LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com