Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MMG3004NT1 Fiches technique(PDF) 3 Page - Freescale Semiconductor, Inc

No de pièce MMG3004NT1
Description  Heterojunction Bipolar Transistor Technology (InGaP HBT)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMG3004NT1 Fiches technique(HTML) 3 Page - Freescale Semiconductor, Inc

  MMG3004NT1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MMG3004NT1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMG3004NT1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMG3004NT1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMG3004NT1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMG3004NT1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMG3004NT1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMG3004NT1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMG3004NT1 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
MMG3004NT1
3
RF Device Data
Freescale Semiconductor
Table 5. Functional Pin Description
Name
Pin
Number
Description
RFin
2, 3, 4
RF input for the power amplifier. This pin is DC-coupled and
requires a DC-blocking series capacitor.
RFOUT/
VCC
10, 11, 12
RF output for the power amplifier. This pin is DC-coupled
and requires a DC-blocking series capacitor.
VCC
14
Collector voltage supply.
VBA
16
Bias voltage supply.
GND
Backside
Center
Metal
The center metal base of the PQFN package provides both
DC and RF ground as well as heat sink contact for the
power amplifier.
Table 6. ESD Protection Characteristics
Test Methodology
Class
Human Body Model (per JESD 22-A114)
1B (Minimum)
Machine Model (per EIA/JESD 22-A115)
A (Minimum)
Charge Device Model (per JESD 22-C101)
III (Minimum)
Table 7. Moisture Sensitivity Level
Test Methodology
Rating
Package Peak Temperature
Unit
Per JESD 22-A113, IPC/JEDEC J-STD-020
3
260
°C
Figure 1. Pin Connections
(Top View)
1
VBA
VCC
RFout
RFout
RFout
RFin
RFin
13
59
212
311
410
16
15
14
67
8
RFin


Numéro de pièce similaire - MMG3004NT1

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MMG3004NT1 FREESCALE-MMG3004NT1 Datasheet
388Kb / 21P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
logo
NXP Semiconductors
MMG3004NT1 NXP-MMG3004NT1 Datasheet
460Kb / 21P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 9, 10/2014
logo
Freescale Semiconductor...
MMG3004NT1 FREESCALE-MMG3004NT1_08 Datasheet
388Kb / 21P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
More results

Description similaire - MMG3004NT1

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MMG3003NT1 FREESCALE-MMG3003NT1_08 Datasheet
410Kb / 18P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3014NT1 FREESCALE-MMG3014NT1 Datasheet
356Kb / 17P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3001NT1 FREESCALE-MMG3001NT1 Datasheet
297Kb / 15P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
logo
NXP Semiconductors
MMG3006NT1 NXP-MMG3006NT1 Datasheet
478Kb / 24P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 6, 12/2017
MMG3005NT1 NXP-MMG3005NT1 Datasheet
456Kb / 20P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 9, 10/2014
MMG3012NT1 NXP-MMG3012NT1 Datasheet
423Kb / 14P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 8, 9/2014
MMG3015NT1 NXP-MMG3015NT1 Datasheet
389Kb / 14P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 4, 9/2014
MMZ25332B NXP-MMZ25332B Datasheet
640Kb / 19P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
Rev. 2, 5/2014
logo
Freescale Semiconductor...
MMG3002NT1 FREESCALE-MMG3002NT1_08 Datasheet
340Kb / 16P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMG3012NT1 FREESCALE-MMG3012NT1_08 Datasheet
311Kb / 15P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
MMZ25332BT1 FREESCALE-MMZ25332BT1 Datasheet
570Kb / 19P
   Heterojunction Bipolar Transistor Technology (InGaP HBT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com