Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FQP3N60C Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce FQP3N60C
Description  600V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQP3N60C Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  FQP3N60C Datasheet HTML 1Page - Fairchild Semiconductor FQP3N60C Datasheet HTML 2Page - Fairchild Semiconductor FQP3N60C Datasheet HTML 3Page - Fairchild Semiconductor FQP3N60C Datasheet HTML 4Page - Fairchild Semiconductor FQP3N60C Datasheet HTML 5Page - Fairchild Semiconductor FQP3N60C Datasheet HTML 6Page - Fairchild Semiconductor FQP3N60C Datasheet HTML 7Page - Fairchild Semiconductor FQP3N60C Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
www.fairchildsemi.com
600V N-Channel MOSFET REV. A
Typical Performance Characteristics
Figure 1. On-Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On-Resistance Variation vs.
Figure 4. Body Diode Forward Voltage
Drain Current and Gate Voltage
Variation vs. Source Current
and Temperature
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
10
0
10
1
10
-1
10
0
10
1
V
GS
Top :
15.0 V
10.0 V
8.0 V
7.0 V
6.5 V
6.0 V
5.5 V
Bottom :
5.0 V
Notes :
1. 250µ s Pulse Test
2. T
C = 25℃
V
DS, Drain-Source Voltage [V]
246
8
10
10
0
10
1
150
oC
25
oC
-55
oC
Notes :
1. V
DS = 40V
2. 250µ s Pulse Test
V
GS, Gate-Source Voltage [V]
01
23
45
67
0
2
4
6
8
10
12
V
GS = 20V
V
GS = 10V
Note : T
J = 25℃
I
D, Drain Current [A]
0.20.4
0.60.8
1.01.2
1.41.6
10
-1
10
0
10
1
150
Notes :
1. V
GS = 0V
2. 250µ s Pulse Test
25
V
SD, Source-Drain voltage [V]
10
-1
10
0
10
1
0
100
200
300
400
500
600
700
800
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
Note ;
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS, Drain-Source Voltage [V]
02
4
6
8
10
12
0
2
4
6
8
10
12
V
DS = 300V
V
DS = 120V
V
DS = 480V
Note : I
D = 10A
Q
G, Total Gate Charge [nC]


Numéro de pièce similaire - FQP3N60C

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
FQP3N60C ISC-FQP3N60C Datasheet
301Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
More results

Description similaire - FQP3N60C

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FQB3N60 FAIRCHILD-FQB3N60 Datasheet
581Kb / 9P
   600V N-Channel MOSFET
FCB11N60F FAIRCHILD-FCB11N60F Datasheet
1,004Kb / 8P
   600V N-Channel MOSFET
FCH47N60F_0605 FAIRCHILD-FCH47N60F_0605 Datasheet
978Kb / 8P
   600V N-Channel MOSFET
FCA16N60 FAIRCHILD-FCA16N60_06 Datasheet
962Kb / 9P
   600V N-Channel MOSFET
FQAF7N60 FAIRCHILD-FQAF7N60 Datasheet
578Kb / 8P
   600V N-Channel MOSFET
FCI7N60 FAIRCHILD-FCI7N60 Datasheet
951Kb / 8P
   600V N-Channel MOSFET
FCP16N60 FAIRCHILD-FCP16N60 Datasheet
1Mb / 10P
   600V N-Channel MOSFET
FCD5N60 FAIRCHILD-FCD5N60 Datasheet
947Kb / 9P
   600V N-Channel MOSFET
FQB3N60C FAIRCHILD-FQB3N60C Datasheet
753Kb / 8P
   600V N-Channel MOSFET
FCP260N60E FAIRCHILD-FCP260N60E Datasheet
283Kb / 10P
   600V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com