Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FIN3385 Fiches technique(PDF) 6 Page - Fairchild Semiconductor

No de pièce FIN3385
Description  Low Voltage 28-Bit Flat Panel Display Link Serializers/Deserializers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN3385 Fiches technique(HTML) 6 Page - Fairchild Semiconductor

Back Button FIN3385 Datasheet HTML 2Page - Fairchild Semiconductor FIN3385 Datasheet HTML 3Page - Fairchild Semiconductor FIN3385 Datasheet HTML 4Page - Fairchild Semiconductor FIN3385 Datasheet HTML 5Page - Fairchild Semiconductor FIN3385 Datasheet HTML 6Page - Fairchild Semiconductor FIN3385 Datasheet HTML 7Page - Fairchild Semiconductor FIN3385 Datasheet HTML 8Page - Fairchild Semiconductor FIN3385 Datasheet HTML 9Page - Fairchild Semiconductor FIN3385 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
www.fairchildsemi.com
6
Absolute Maximum Ratings(Note 7)
Recommended Operating
Conditions
Note 7: Absolute maximum ratings are DC values beyond which the device
may be damaged or have its useful life impaired. The datasheet specifica-
tions should be met, without exception, to ensure that the system design is
reliable over its power supply, temperature, and output/input loading vari-
ables. Fairchild does not recommend operation outside datasheet specifi-
cations.
Note 8: 100mV VCC noise should be tested for frequency at least up to
2 MHz. All the specification below should be met under such a noise.
Transmitter DC Electrical Characteristics
Over supply voltage and operating temperature ranges, unless otherwise specified. (Note 9)
Note 9: All Typical values are at TA 25qC and with VCC 3.3V.
Note 10: Positive current values refer to the current flowing into device and negative values means current flowing out of pins. Voltage are referenced to
ground unless otherwise specified (except
'VOD and VOD).
Note 11: The power supply current for both transmitter and receiver can be different with the number of active I/O channels.
Note 12: The 16-grayscale test pattern tests device power consumption for a “typical” LCD display pattern. The test pattern approximates signal switching
needed to produce groups of 16 vertical strips across the display.
Power Supply Voltage (VCC)
-0.3V to +4.6V
TTL/CMOS Input/Output Voltage
0.5V to 4.6V
LVDS Input/Output Voltage
-0.3V to +4.6V
LVDS Output Short Circuit Current (IOSD)
Continuous
Storage Temperature Range (TSTG)
65qC to 150qC
Maximum Junction Temperature (TJ)150qC
Lead Temperature (TL)
(Soldering, 4 seconds)
260
qC
ESD Rating (HBM, 1.5 k
:, 100 pF)
I/O to GND
!10.0 kV
All Pins
!6.5 kV
ESD Rating (MM, 0
:, 200 pF)
!400V
Supply Voltage (VCC)
3.0V to 3.6V
Operating Temperature (TA)(Note 7)
10°C to 70°C
Maximum Supply Noise Voltage
(VCCNPP)
100 mVP-P (Note 8)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Transmitter LVTTL Input Characteristics
VIH
Input High Voltage
2.0
VCC
V
VIL
Input Low Voltage
GND
0.8
V
VIK
Input Clamp Voltage
IIK 18 mA
0.79
1.5
V
IIN
Input Current
VIN 0.4V to 4.6V
1.8
10.0
PA
VIN GND
10.0
0
Transmitter LVDS Output Characteristics (Note 10)
VOD
Output Differential Voltage
RL 100 :, See Figure 1
250
TBD
450
mV
'VOD
VOD Magnitude Change from Differential LOW-to-HIGH
35.0
mV
VOS
Offset Voltage
1.125
1.25
1.375
V
'VOS
Offset Magnitude Change from Differential LOW-to-HIGH
mV
IOS
Short Circuit Output Current
VOUT 0V
3.5
5.0
mA
IOZ
Disabled Output Leakage Current
DO
0V to 4.6V, PwrDn
0V
r1.0
r10.0
PA
Transmitter Supply Current
ICCWT
28:4 Transmitter Power Supply Current
32.5 MHz
31.0
49.5
mA
for Worst Case Pattern (With Load)
RL 100 :,
40.0 MHz
32.0
55.0
(Note 11)
See Figure 3
66.0 MHz
37.0
60.5
85.0 MHz
42.0
66.0
ICCPDT
Powered Down Supply Current
PwrDn
0.8V
10.0
55.0
PA
ICCGT
28:4 Transmitter Supply Current
32.5 MHz
29.0
41.8
mA
for 16 Grayscale (Note 11)
See Figure 21
40.0 MHz
30.0
44.0
(Note 12)
65.0 MHz
35.0
49.5
85.0 MHz
39.0
55.0


Numéro de pièce similaire - FIN3385

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FIN3385 FAIRCHILD-FIN3385 Datasheet
281Kb / 9P
   Low Voltage 28-Bit Flat Panel Display Link Serializers
logo
ON Semiconductor
FIN3385 ONSEMI-FIN3385 Datasheet
648Kb / 23P
   Low-Voltage, 28-Bit, Flat-Panel Display Link Serializer / Deserializer
March 2012 Rev. 1.0.6
logo
Fairchild Semiconductor
FIN3385MTD FAIRCHILD-FIN3385MTD Datasheet
281Kb / 9P
   Low Voltage 28-Bit Flat Panel Display Link Serializers
FIN3385MTDX FAIRCHILD-FIN3385MTDX Datasheet
590Kb / 21P
   Low-Voltage, 28-Bit, Flat-Panel Display Link Serializer / Deserializer
logo
ON Semiconductor
FIN3385MTDX ONSEMI-FIN3385MTDX Datasheet
648Kb / 23P
   Low-Voltage, 28-Bit, Flat-Panel Display Link Serializer / Deserializer
March 2012 Rev. 1.0.6
More results

Description similaire - FIN3385

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FIN3385MTD FAIRCHILD-FIN3385MTD Datasheet
281Kb / 9P
   Low Voltage 28-Bit Flat Panel Display Link Serializers
FIN3385 FAIRCHILD-FIN3385_12 Datasheet
590Kb / 21P
   Low-Voltage, 28-Bit, Flat-Panel Display Link Serializer / Deserializer
logo
ON Semiconductor
FIN3385 ONSEMI-FIN3385 Datasheet
648Kb / 23P
   Low-Voltage, 28-Bit, Flat-Panel Display Link Serializer / Deserializer
March 2012 Rev. 1.0.6
logo
Texas Instruments
DS90CR561 TI1-DS90CR561_13 Datasheet
455Kb / 14P
[Old version datasheet]   18-Bit Color Flat Panel Display (FPD) Link
SN65LVDS93B TI1-SN65LVDS93B Datasheet
1Mb / 33P
[Old version datasheet]   10 MHz - 85 MHz 28-bit Flat Panel Display Link LVDS Serdes Transmitter
SN65LVDS93B TI1-SN65LVDS93B_18 Datasheet
1Mb / 33P
[Old version datasheet]   10 MHz - 85 MHz 28-bit Flat Panel Display Link LVDS Serdes Transmitter
logo
National Semiconductor ...
DS90CF582 NSC-DS90CF582 Datasheet
223Kb / 12P
   LVDS 24-Bit Color Flat Panel Display (FPD) Link
DS90CF561 NSC-DS90CF561 Datasheet
244Kb / 12P
   LVDS 18-Bit Color Flat Panel Display (FPD) Link
DS90CR561 NSC-DS90CR561 Datasheet
244Kb / 12P
   LVDS 18-Bit Color Flat Panel Display (FPD) Link
logo
Texas Instruments
SN65LVDS93B-Q1 TI1-SN65LVDS93B-Q1_18 Datasheet
1Mb / 34P
[Old version datasheet]   10 MHz - 85 MHz Automotive 28-bit Flat Panel Display Link LVDS SerDes Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com